|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Super Flux Super Blue LED OSB5SAZ161D Features Outline Dimension High Luminous Super Flux Output 3 o Standard Directivity Superior Weather-resistance UV Resistant Epoxy Water Clear Type Automotive Dashboard Lighting Back Lighting Other Lighting Applications +0.1 Absolute Maximum Rating Item Symbol IF IFP VR PD Topr Tstg Tsol 30 (Ta=25 Value ) Unit mA mA V mW Directivity DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms Electrical 100 5 108 -30 ~ +85 -40 ~ +100 260 /5sec Duty ratio max 1/10 -Optical Characteristics Symbol VF IR D Iv 21/2 (Ta=25 Min. 2.9 465 - ) Unit V A nm mcd deg Item DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle Condition IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Typ. 3.1 470 2500 60 Max. 3.6 10 475 - *1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15% LED & Application Technologies 1 VER A.0 |
Price & Availability of OSB5SAZ161D |