Part Number Hot Search : 
LM1340 MMBZ4619 5553N MM5Z24B C900603 38268E6 69D156 UAHFH
Product Description
Full Text Search
 

To Download OLS-150880-X-TD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OSA Opto Light GmbH Kopenicker Str. 325 / Haus 201 12555 Berlin - Germany Tel. +49 (0)30 65 76 26 83 Fax: +49 (0)30 65 76 26 81 E-Mail: contact@osa-opto.com
Series 150 - 1206 Standard IR high intensity 880 nm
Features
size 1206: 3,2(L) x 1,6(W) x 1,2(H) mm circuit substrate: glass laminated epoxy devices are ROHS conform lead free solderable, soldering pads: gold plated taped in 8 mm blister tape, cathode to transporting perforation - all devices sorted into luminous intensity classes - taping: face-up (TU) or face-down (TD) possible - high radiation intensity type -
Absolute Maximum Ratings
IF, max[mA] 50 IF,P [mA] tp 100 s =1: 10 250 VR [V] 5 IR, max [A] 100 Thermal resistance R thJA [K / W] 450 TOp [C] -40...85 TSt [C] -55...85
50
40
30
20
Maximal forward current (DC) characteristic
IF [mA]
10
0
-40
-20
0
20 40 Top[ C]
60
80
100
Electro-Optical Characteristics
Type OIS-150 880 Marking at cathode Measurement Switching time (rise & fall) IF [mA] typ [ns] max [ns] 50 20 80 VF[V] typ max 1,4 1,7 p [nm] 875 15 Ie[mW/sr] min typ 1.2 2.5
(c) 2008
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 02/08
90 1,0 120 60
150 0,5
30
view angle
0,0 180 0
10
IF (mA)
880
UF - IF characteristic
1
1,0
1,1
1,2
1,3
1,4
UF (V)
5
4
Ie rel (at 10 mA )
880 3
2
IF - Ie, rel characteristic
1
10
20
30
40
50
IF (mA)
(c) 2008
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 02/08
Outline Drawing
Recommended Soldering Patterns
Soldering Conditions
300
250 10-20 s
Temperature (C)
230C 200
150 Max. 40 s 100
IR reflow soldering profile
50
0 50 100 150 200 250 300
Time (sec)
IR reflow soldering profile for lead free soldering
Manual soldering:
max power of iron 25W/ 3s/ 300 C
(c) 2008
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 02/08
Ordering Code For Parts
Series Color Encapsulation Packaging
OIS-150
-
???????
-
X
-
? TU - taped up TD - taped down
X - uncolored clear Type definition, e.g. OIS-150 880-X -TU
LED Luminous Intensity Groups And Subgroups [ mW/sr ]
(general information - not this device specific)
C: D: E: F: G: H: J: K: L: M: N: P: 0.28 0.45 0.71 1.12 1.80 2.80 4.50 7.10 11.20 18 28 45 0.45 0.71 1.12 1.80 2.80 4.50 7.10 11.20 18.00 28 45 71 C1: C2: D1: D2: E1: E2: F1: F2: G1: G2: H1: H2: 0.28 0.36 0.45 0.56 0.71 0.90 1.12 1.40 1.80 2.24 2.80 3.55 0.36 0.45 0.56 0.71 0.90 1.12 1.40 1.80 2.24 2.80 3.55 4.50 J1: J2: K1: K2: L1: L2: M1: M2: N1: N2: P1: P2: 4.50 5.60 7.10 9.00 11.20 14.00 18.00 22.40 28.00 35.50 45.00 56.00 5.60 7.10 9.00 11.20 14.00 18.00 22.40 28.00 35.50 45.00 56.00 71.00
Measured according to CIE 127. All SMD-LEDs are 100% measured and selected on full automated equipment with an accuracy of 11 %.
(c) 2008
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 02/08
Tape And Reel Packing
D 180 mm 330 mm
Parts/reel 3000 12000
Packing:
The reel is sealed in special plastic bag with integrate ESD protection ( MIL - STD 81705 ) including a silica dry-pack
Label
Order No. Type Intensity group Charge No. Quantity
XXXXXXXXX OIS-150 ?????-??-T ZZ 1122-AAAAAA 9999
Customer order No.
11 Week - 22 year - A internal identification
Attention please: The information describes the type of component and shall not considered as assured characteristics. Terms of delivery and rights to change reserved. Due to technical requirements components may contain dangerous substances. The data sheet may changed without prior information; the valid issue will be on our webpage in internet. Packaging: Please use the recycling operators known to you. Components used in life support devices or systems and safety systems must be expressly authorized for such purpose!
(c) 2008
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com


▲Up To Search▲   

 
Price & Availability of OLS-150880-X-TD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X