Part Number Hot Search : 
MAX3060E PA824 PA824 BYW34 CXP88732 S20045 21200 WF100
Product Description
Full Text Search
 

To Download MTJ410021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULAR TELEPHONE JACKS
Adam Technologies, Inc.
INTRODUCTION: Adam Tech MTJ series Modular Telephone Jacks are a complete line of PCB and wire leaded jacks which are UL and CSA approved and meet all required FCC rules and regulations. Adam Tech offers a multitude of sizes (4p2c thru 10p10c) with styles including single, ganged and stacked versions with options of ferrite or magnetic filtering and or metal shielding. Jacks with integral LED's and combination hybrids such as MTJ/USB jacks are also available. These jacks are available in thru-hole or SMT mounting. FEATURES: UL 1863 recognized FCC compliant to No. 47 CFR part 68 Magnetic and Ferrite filtered types 4,6,8 and 10 positions available Single, stacked or ganged Hi-Temp and LED options Unshielded or Metal Shielded Thru-Hole or SMT mounting Cat. 5 & 5E ANSI/TIA/EIA 568.2 MATING PLUGS: Adam Tech modular telephone plugs and all industry standard telephone plugs. SPECIFICATIONS: Material: Standard Insulator: PBT, or ABS, rated UL94V-0 Optional Hi-Temp Insulator: Nylon 6T rated UL94V-0 Insulator Colors: Black or medium gray Contacts: Phosphor Bronze Shield: Phosphor Bronze, tin plated Contact Plating: Flat contacts: Gold Flash over Nickel underplate on contact area, Tin over Copper underplate on solder tails. Round contacts: Gold flash over Nickel underplate overall Electrical: Operating voltage: 150V AC max. Current rating: 1.5 Amps max. Contact resistance: 20 m max. initial Insulation resistance: 500 M min. Dielectric withstanding voltage: 1000V AC for 1 minute Mechanical: Insertion force: 4 contacts: 17.6N 6 contacts: 20.6N 8 contacts: 22.5N 10 contacts: 24.5N Durability: 500 Cycles Temperature Rating: Operating temperature: -40C to +70C Soldering process temperature: Standard insulator: 235C Hi-Temp insulator: 260C PACKAGING: Anti-ESD plastic trays SAFETY AGENCY APPROVALS: UL Recognized E224049
MTJ SERIES
ORDERING INFORMATION MTJ 6 4 0 2 1
BODY COLOR 1 = Black 2 = Gray PLATING X = Gold Flash 0 = 15 in gold 1 = 30 in gold 2 = 50 in gold HOUSING TYPE 0, 1, 2, 2B, 2C, 3, 5, 7, 9, A, D, E, F, G, H, K, M, V, W, WA, WB, AR, Y, Q, H, K, V, AA
SERIES INDICATOR MTJ = Modular telephone jack HOUSING PLUG SIZE 4, 6, 8 or 10
NO. OF CONTACT POSITIONS FILLED 2, 4, 6, 8 or 10
Pb
RoHS
COMPLIANT 2002 / 95 / EC
HI-TEMP
INSULATOR
AVA I L A B L E
(R)
(R)
RoHS
COMPLIANT
(R)
UL
DE
V
RoHS
COMPLIANT
OPTIONS: Add designator(s) to end of part number S = Face shielded jack (Body type 0 only) FSX = Full metal shield (Use FSA, FSB, FSD, FSE) SMT = Surface mount tails, housings 0, 5, 9, G & W with Hi-Temp insulator N = No panel stops K = Keyed telephone jack HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260C (Add this option for thru-hole products only. All SMT products are manufactured with Hi-Temp insulators) PG = Panel ground tabs
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
9


▲Up To Search▲   

 
Price & Availability of MTJ410021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X