Part Number Hot Search : 
216T1 00AMUT1 P1514 68HC11 T494A106 HFC03 BD235 SI9176
Product Description
Full Text Search
 

To Download MMBTSC1009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTSC1009
NPN Silicon Epitaxial Transistor
FM/AM RF AMPLIFIER, MIXER, OSCILLATOR, CONVERTER.
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Parameter Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Range Characteristics at Ta = 25 OC Parameter DC Current Gain at VCE = 6 V, IC = 1 mA Current Gain Group Collector Saturation Voltage at IC = 10 mA, IB = 1 mA Base Emitter Voltage at VCE = 6 V, IC = 1 mA Emitter Cutoff Current at VEB = 5 V Collector Cutoff Current at VCB = 50 V Gain Bandwidth Product at VCE = 6 V, -IE = 1 mA Output Capacitance at VCB = 6 V, f = 1 MHz Collector Base Time Constant at VCB = 6 V, f = 31.9 MHz, -IE = 10 mA Noise Figure at VCE = 6 V, -IE = 1 mA. f = 1 MHz, RG = 500 Symbol Min. Typ. Max. Unit Symbol VCBO VCEO VEBO IC Ptot Tj TS Value 50 30 5 50 200 125 -55 to +125 Unit V V V mA mW
O
C C
O
O Y
hFE hFE VCE(sat) VBE IEBO ICBO fT Cob Cc.rb'b NF
60 90 0.65 150 -
250 1.9 10 2
120 180 0.3 0.75 0.1 0.1 2.2 15 4
V V A A MHz pF ns dB
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 21/12/2005


▲Up To Search▲   

 
Price & Availability of MMBTSC1009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X