Part Number Hot Search : 
50120 LP156 CY7C109 PSVFBGA CS831E1 BAV70LT1 7805B MMSZ5229
Product Description
Full Text Search
 

To Download MMBTSA1504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTSA1504
PNP Silicon Epitaxial Planar Transistor For switching and general purpose applications. The transistor is subdivided into three groups O, Y and G, according to its DC current gain.
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Symbol Collector Emitter Voltage Collector Base Voltage Emitter Base Voltage Collector Current Base Current Power Dissipation Junction Temperature Storage Temperature Range -VCEO -VCBO -VEBO -IC -IB Ptot Tj TS Value 50 50 5 150 30 200 150 -55 to +150 Unit V V V mA mA mW
O
C C
O
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/10/2005
MMBTSA1504
Characteristics at Tamb=25 OC Symbol DC Current Gain at -VCE=6V, -IC=2mA Current Gain Group O Y G Collector Cutoff Current at -VCB=50V Emitter Cutoff Current at -VEB=5V Collector Saturation Voltage at -IC=100mA, -IB=10mA Transition Frequency at -VCE=10V, -IC=1mA Collector Output Capacitance at -VCB=10V, f=1MHz Noise Figure at -VCE=6V, -IC=0.1mA, f=1KHz, RG=10K NF 1 10 dB COB 4 7 pF fT 80 MHz -VCE(sat) 0.3 V -IEBO 0.1 A -ICBO 0.1 A hFE hFE hFE 70 120 200 140 240 400 Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/10/2005
MMBTSA1504
Ta=25
T a= 10 0 T a= 2 5 T a= -25
V C E = -6 V
V CE=
-1V
VCE (sat) - IC
0 10 = Ta Ta=25 Ta= -25
BASE CURRENT IB
(A)
0 T a=2 5 Ta = 25
Ta = 1 0
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/10/2005


▲Up To Search▲   

 
Price & Availability of MMBTSA1504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X