Part Number Hot Search : 
DS1841 1N6141E3 LR120N AOC2421 UC3844B FST8360L N6763 FH620
Product Description
Full Text Search
 

To Download MMBTSA1036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTSA1036
PNP Silicon Epitaxial Planar Transistor For switching and general purpose applications. The transistor is subdivided into three groups P, Q and R, according to its DC current gain.
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Range -VCBO -VCEO -VEBO -IC Ptot Tj TS Value 40 32 5 500 200 150 -55 to +150 Unit V V V mA mW
O
C C
O
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/10/2005
MMBTSA1036
Characteristics at Tamb=25 OC Symbol DC Current Gain at -VCE=3V, -IC=100mA Current Gain Group P Q R Collector-base breakdown voltage at -IC=100A Collector-emitter breakdown voltage at -IC=1mA Emitter-base breakdown voltage at -IC=100A Collector Cutoff Current at -VCB=20V Emitter Cutoff Current at -VEB=4V Collector Saturation Voltage at -IC=300mA, -IB=30mA Transition Frequency at -VCE=5V, -IE=20mA, f=100MHz Collector Output Capacitance at -VCB=10V, f=1MHz Cob 7 pF fT 200 MHz -VCE(sat) 0.6 V -IEBO 1 A -ICBO 1 A hFE hFE hFE -V(BR)CBO -V(BR)CEO -V(BR)EBO 82 120 180 40 32 5 180 270 390 V V V Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/10/2005


▲Up To Search▲   

 
Price & Availability of MMBTSA1036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X