Part Number Hot Search : 
C101A 81CNQ040 RL102 STUS020 ARX1009 2N5142 MC74AC1 MC74AC1
Product Description
Full Text Search
 

To Download MMBTSA1015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTSA1015
PNP Silicon Epitaxial Planar Transistor
for switching and AF amplifier applications.
The transistor is subdivided into three groups O, Y and G, according to its DC current gain. As complementary type the NPN transistor MMBTSC1815 is recommended.
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Base Current Power Dissipation Junction Temperature Storage Temperature Range
Symbol -VCBO -VCEO -VEBO -IC -IB Ptot Tj TS
Value 50 50 5 150 50 200 150 - 65 to +150
Unit V V V mA mA mW
O
C C
O
Characteristics at Ta = 25 OC Parameter DC Current Gain at -VCE = 6 V, -IC = 2 mA Current Gain Group O Y G at -VCE = 6 V, -IC = 150 mA Collector Base Cutoff Current at -VCB = 50 V Emitter Base Cutoff Current at -VEB = 5 V Collector Base Breakdown Voltage at -IC =100 A Collector Emitter Breakdown Voltage at -IC = 10 mA Emitter Base Breakdown Voltage at -IE = 10 A Collector Emitter Saturation Voltage at -IC = 100 mA, -IB = 10 mA Base Emitter Saturation Voltage at -IC = 100 mA, -IB = 10 mA Gain Bandwidth Product at -VCE = 10 V, -IC = 1 mA Output Capacitance at -VCB = 10 V, f = 1 MHz
Symbol hFE hFE hFE hFE -ICBO -IEBO -V(BR)CBO -V(BR)CEO -V(BR)EBO -VCE(sat) -VBE(sat) fT COB
Min. 70 120 200 25 50 50 5 80 -
Max. 140 240 400 0.1 0.1 0.3 1.1 7
Unit A A V V V V V MHz pF
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 11/12/2007
MMBTSA1015
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 11/12/2007


▲Up To Search▲   

 
Price & Availability of MMBTSA1015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X