Part Number Hot Search : 
2E334 2SD2011 UPD70 35M189 6TRPB 2SD1563A C8051F3 7C144
Product Description
Full Text Search
 

To Download MMBTA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTA42 / MMBTA43
NPN Silicon High Voltage Transistors for high voltage switching and amplifier applications. As complementary types the PNP transistors MMBTA92 and MMBTA93 are recommended.
SOT-23 Plastic Package SOT-23 Plastic Package
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Continuous Total Device Dissipation FR-5 Board Derate above 25OC Thermal Resistance Junction to Ambient Junction and Storage Temperature
1) 1)
Value MMBTA42 MMBTA43 200 200 6 500 200 1.8
Unit V V V mA mW mW/ OC
O
VCBO VCEO VEBO IC Ptot
300 300 6
RJA TJ, Ts
417 -55 to +150
C/W
O
C
FR-5 = 1 x 0.75 x 0.062 in.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 20/10/2005
MMBTA42 / MMBTA43
Characteristics at Tamb=25 OC Symbol DC Current Gain at VCE=10Vdc, IC=1mA at VCE=10Vdc, IC=10mA at VCE=10Vdc,IC=30mA Collector Emitter Saturation Voltage at IC=20mA, IB=2mA Base Emitter Saturation Voltage at IC=20mA, IB=2mA Collector Cutoff Current at VCB=200V at VCB=160V Emitter Cutoff Current at VEB=6V at VEB=4V Collector Base Breakdown Voltage at IC=100A Collector Emitter Breakdown Voltage at IC=1mA Emitter Base Breakdown Voltage at IE=100A Current Gain Bandwidth Product at VCE=20V, IC=10mA, f=100MHz Collector Base Capacitance at VCB=20V, IE=0, f=1MHz MMBTA42 MMBTA43 Ccb Ccb 3 4 pF pF fT 50 MHz V(BR)EBO 6 V MMBTA42 MMBTA43 V(BR)CEO V(BR)CEO 300 200 V V MMBTA42 MMBTA43 V(BR)CBO V(BR)CBO 300 200 V V MMBTA42 MMBTA43 IEBO IEBO 0.1 0.1 A A MMBTA42 MMBTA43 ICBO ICBO 0.1 0.1 A A VBE(sat) 0.9 V MMBTA42 MMBTA43 VCE(sat) VCE(sat) 0.5 0.5 V V Both Types Both Types MMBTA42 MMBTA43 hFE hFE hFE hFE 25 40 40 40 Min. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 20/10/2005
MMBTA42 / MMBTA43
120
hFE, DC Current Gain
100 80 60 40
TJ=+125C
VCE =10Vdc
TJ=25C
TJ=-55C 20 0 0.1 1.0 10 100
IC, Collector Current (mA) Figure 1. DC Current Gain tT, Current-Gain-Bandwidth (MHz) C, Capacitance (pF)
100
Ceb @ 1MHz 80 70 60 50 40 30 20 10 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 VCE=20V f=20MHz TJ=20C
10
1
Ccb @ 1MHz
0.1 0.1 1 10 100 1000
VR, Reverse Voltage (volts) Figure 2. Capacitance
Ic, Collector Current (mA) Figure 3. Current-Gain-Bandwidth
1.4 1.2
A VBE(sat) @-55C, IC/IB=10 B VBE(on) @ -55C,VCE=10V C VBE(sat) @ 125C,IC/IB=10 D VBE(sat) @ 25C,IC/IB=10 E VBE(on) @ 125C,VCE=10V F VBE(on) @ 25C,VCE=10V G VCE(sat) @ 125C,IC/IB=10 H VCE(sat) @ 25C,IC/IB=10 I VCE(sat) @ -55C,IC/IB=10
0.1 1.0 10 100
V, Voltage (volts)
1.0 0.8 0.6 0.4 0.2 0.0
IC, Collector Current (mA) Figure 4."on" Voltages
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 20/10/2005


▲Up To Search▲   

 
Price & Availability of MMBTA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X