Part Number Hot Search : 
BSP090 MAX5484 CDP1822C MAX5484 PI6CV857 U631H16 TM3056 74HCT86N
Product Description
Full Text Search
 

To Download MI-J73-IA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MI-JOO Series
1 0 - 5 0 W AT T S M I L I TA R Y C O T S D C / D C C O N V E R T E R
MEDICAL & MILITARY
Features
* * * * * * 28Vdc and 270Vdc Inputs per MIL-STD-704D/E/F 155Vdc inputs per MIL-STD-1399A MIL-STD-810 environments Up to 23 W/in3 80-90% Efficiency Remote sense and current limit
Specifications
INPUT
Input voltage No load power dissipation See input voltage chart Typ 1.35W
STANDARDS AND APPROVALS
Environment (MIL-STD-8100) Altitude - Method 500.2 Humidity - Method 507.2 70,000 feet 86/240 (%/hours)
OUTPUT
Set point accuracy Load/Line regulation Output temperature drift Output noise Output voltage trimming 0.5% V nom typical 0.05% V nom typical 0.02%/C 1%pp V nom 50% - 110%
Acceleration - Method 513.3 9 g's Vibration - Method 514.3 Shock - Method 516.3 Reliability (MIL-HDBK-217F) 25C Ground benign 50C Naval sheltered 65C Airborne inhabited cargo Environmental compliance Derating 3,619,000 hours 2,208,000 hours 1,701,000 hours MIL-STD-810 NAVMAT P-4855-1A 20g's 40g's
Remote sense compensation 0.5 V Current limit Short circuit current 105% - 125% 105% - 130%
OPERATING
Isolation Input to Output 3,000Vrms Output to Baseplate 500Vrms Input to Baseplate 1,500Vrms 80 - 90%
MECHANICAL
Weight Dimensions 85 grams 59.7 x 61.0 x 12.7mm
Efficiency
ENVIRONMENTAL
I Grade Storage temperature Operating temperature (baseplate) Power cycling burn-in Temperature cycled with power off Test data supplied at these temperature -55C to +125C -40C to +100C 12hrs 25 cycles 48 hrs, 12 cycles 65C to +100C -40C to +80C M Grade -65C to +125C -55C to +100C 96hrs 200 cycles 48hrs, 12 cycles -65C to +100C -55C to +80C
Selection Table
MI-J[A][B]-[C][D]
A = INPUT VOLTAGE
VNOM RANGE TRANS.
B = OUTPUT VOLTAGE
2= 28V
18-50V (1)
60V 230V 475V
Z=2V Y= 3.3V 0= 5V X= 5.2V
T = 6.5V
2 = 15V
K = 40V
5= 155V 100-210V 6= 270V 125-400V (2) 7= 165V 100-310V
R = 7.5V N = 18.5V J = 48V M = 10V 1 = 12V 3 = 24V L = 28V J = 36V
V= 5.8V P = 13.8V
C = PRODUCT GRADE
D = OUTPUT POWER/CURRENT
For Technical Illustration refer to page 230 in Module Section I= -40C to +100C M=-55C to +100C
5V A= 10W Z=25W Y=50W
<5V 5A 10A
Note :(1) 16V operation at 75% load (2) These units rated at 75% load from 125-150Vin: MI-26Z-XV, MI-26Y-XV, MI-260-XW.
Your dependable power partner - www.powerbox.com.au
371


▲Up To Search▲   

 
Price & Availability of MI-J73-IA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X