Part Number Hot Search : 
SP504CF M29F010B 370508 3405A 80052 1KSMB51A 25LC64 POWER
Product Description
Full Text Search
 

To Download MASW-009444 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-009444
GaAs SP2T 1.8 V Switch DC - 6.0 GHz
Features
* * * * Voltage Operation as low as 1.6 V Insertion Loss: 0.20 dB @ 1 GHz Lead-Free 1 mm 6-Lead PDFN Package RoHS* Compliant and 260C Reflow Compatible Rev. V1
Functional Diagram
Description
M/A-COM's MASW-009444 is a GaAs PHEMT MMIC single pole two throw (SP2T) switch in a miniature 1x1mm 6-lead PDFN package. The MASW-009444 is ideally suited for applications where low control voltage, low insertion loss, moderate isolation, and small size are required. Typical applications are for filter and antenna switching in handset systems that connect separate receive functions to a common antenna, as well as other related handset and general purpose applications. This part can be used in all systems operating up to 6 GHz requiring high power at low control voltage. The MASW-009444 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
Pin Configuration
Pin No. 1 2 3 4 5 6 Function V1 GND RF1 RF2 V2 RFC Description Control 1 Ground RF Port 1 RF Port 2 Control 2 RF Common
Ordering Information 1,2
Part Number MASW-009444-TR3000 MASW-009444-001SMB Package 3000 piece reel Sample Board
Absolute Maximum Ratings 3,4
Parameter Max Input Power (0.5 - 3 GHz, 2.7V Control) Operating Voltage Operating Temperature Storage Temperature Absolute Maximum +27 dBm +8.5 volts -40C to +85C -65C to +150C
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-009444
GaAs SP2T 1.8 V Switch DC - 6.0 GHz
Electrical Specifications:5 TA = 25C, VC = 1.8 V, Z0 = 50
Parameter Insertion Loss Test Conditions DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 2.5 GHz 2.5 - 3 GHz Two Tone +10 dBm, 5 MHz Spacing, >50 MHz PIN = 0 dBm VC = 0/2.5 V VC = 1.8V VC = 2.7V 10% to 90% RF, 90% to 10% RF 50% control to 90% RF, and 50% control to 10% RF In Band |VC| = 1.8V Units dB Min. -- -- -- 22 -- -- -- -- -- -- -- -- -- -- -- Typ. 0.2 0.3 0.4 28 23 19 <1.3 <1.3 47 15 24 10 15 30 5 Max. .45 -- -- -- -- -- -- -- -- -- -- -- -- -- 10
Rev. V1
Isolation
dB
VSWR IP3 P1dB Trise, Tfall Ton, Toff Transients Control Current
dB dBm dBm ns ns mV A
5. Insertion Loss can be optimized by varying the DC Blocking Capacitor value, i.e. 1000 pF for 100 - 500 MHz, 39 pF for 0.5 - 3.0 GHz
Truth Table 6
V1 0V +1.8 to 5 V V2 +1.8 to 5 V 0V RFC - RF1 On Off RFC - RF2 Off On
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
6. External DC blocking capacitors are required on all RF ports
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-009444
GaAs SP2T 1.8 V Switch DC - 6.0 GHz
Typical Performance Curves
Insertion Loss
0.0
Rev. V1
Isolation
0 -5 -10
-0.5
-15 -20
-1.0
+25C -40C +85C
-25 -30 -35
+25C -40C +85C
-1.5 0 1 2 3 4 5 6
-40 0 1 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
Input Return Loss
0 -5 -10 -15 -20 -25 -30 -35 -40 0 1 2 3 4 5 6
+25C -40C +85C
Output Return Loss
0 -5 -10 -15 -20 -25 -30 0 1 2 3 4 5 6
+25C -40C +85C
Frequency (GHz)
Frequency (GHz)
Input P1dB vs. Control Voltage
25
20
15
10
+25C -40C +85C
5
0 1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Control Voltage (V)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-009444
GaAs SP2T 1.8 V Switch DC - 6.0 GHz
Lead-Free 1 mm 6-Lead PDFN
Rev. V1
Reference Application Note S2083 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-009444

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X