Part Number Hot Search : 
5116400 12160 CMC200J IR6216 S245B3 S2301 MN103S 8BEEG
Product Description
Full Text Search
 

To Download MASW-007921 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-007921
High Power GaAs SPDT Switch DC - 7.0 GHz
Features
* Ideal for high power SPDT switch applications including WiMAX, WLAN, Mesh Networks, and Fixed Wireless Access * Broadband Performance: DC - 7.0 GHz * Low Insertion Loss: 0.65 dB @ 3.5 GHz, RFC to TX 0.70 dB @ 3.5 GHz, RCF to RX * High P0.1dB Compression: 40 dBm @ 3V, 3.5 GHz, RFC to TX * Fast Settling for Low Gate Lag requirements * Lead-Free 2 mm 8-Lead PDFN Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * RoHS* Compliant and 260C Reflow Compatible * Asymmetrical Design for optimized performance Rev. V1
Functional Schematic
Pin 1
Pin Configuration 3
Pin No. 1 2 3 4 5 6 Pin Name TX N/C N/C RX GND VC2 RFC VC1 Paddle
4
Description RF Output 1 No Connection No Connection RF Output 2 RF and DC Ground Voltage Control 2 RF Common Voltage Control 1 RF and DC Ground
Description
M/A-COM's MASW-007921 is a broadband GaAs pHEMT MMIC SPDT switch available in a lead-free 2 mm 8-lead PDFN package. The MASW-007921 is ideally suited for applications where very small size and high linearity are required. Typical applications include WiMAX, WLAN, Mesh networks, fixed wireless access, and other higher power systems. This switch has a very high initial compression point, ideal for complex modulations such as OFDM, with large peak average power levels. The MASW-007921 is fabricated using a 0.5 micron gate length GaAs pHEMT process. The process features full passivation for performance and reliability.
7 8 9
3. M/A-COM recommends connecting unused pins to ground. 4. The exposed pad centered on the package bottom must be connected to RF and DC ground.
Absolute Maximum Ratings 5,6,7
Parameter Input Power @ 5 V Control (RFC to RX Path) Absolute Maximum +38 dBm +40 dBm
Ordering Information
Part Number MASW-007921-TR3000 MASW-007921-001SMB MASW-007921-002SMB
1,2
Package 3000 piece reel Sample Board 2.0 - 6.0 GHz Tuning Sample Board 0.05 - 2.0 GHz Tuning
Input Power @ 5 V Control (RFC to TX Path) Voltage Operating Temperature Storage Temperature
8.5 volts
-40C to +85C -65C to +150C
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
5. Exceeding any one or combination of these limits may cause permanent damage to this device. 6. M/A-COM does not recommend sustained operation near these survivability limits. 7. Maximum Input Power applies for 0.5 to 7.0 GHz range.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007921
High Power GaAs SPDT Switch DC - 7.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50 , VC = 0 V / 3 V, 4.7 pF Capacitor 8,9
Parameter Test Conditions 0.05 - 2 GHz 2.4 GHz 3.5 GHz 5.8 GHz
10
Rev. V1
Units dB dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm nS nS nS mV A
Min. -- -- -- -- -- -- -- -- -- 21 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Typ. 0.5 0.6 0.70 0.8 0.5 0.65 0.65 1.2 27 25 26 30 15 102 99 84 104 101 88 59 57 51 62 58 52 38 37 39 38 40 39 21 18 40 100 2.0
Max. -- 0.85 -- -- -- 0.85 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 10.0
Insertion Loss RFC to RX
Insertion Loss RFC to TX
0.05 - 2 GHz10 2.4 GHz 3.5 GHz 5.8 GHz 0.05 - 2 GHz10 2.4 GHz 3.5 GHz 5.8 GHz DC - 6.0 GHz 10 MHz Spacing, +20 dBm 2.4 GHz 3.5 GHz 5.8 GHz 10 MHz Spacing, +20 dBm 2.4 GHz 3.5 GHz 5.8 GHz 10 MHz Spacing, +20 dBm 2.4 GHz 3.5 GHz 5.8 GHz 10 MHz Spacing, +20 dBm 2.4 GHz 3.5 GHz 5.8 GHz 2.4 GHz 3.5 GHz 5.8 GHz 2.4 GHz 3.5 GHz 5.8 GHz 10% to 90% RF 90% to10% RF 50% control to 90% and 50% control to 10% RF
Isolation
Return Loss
Input IP2 RX
Input IP2 TX
Input IP3 RX
Input IP3 TX
Input P0.1dB RX
Input P0.1dB TX
Trise, Tfall Ton, Toff Transients Control Current
8. For positive voltage control, external DC blocking capacitors are required on all RF ports. 9. Performance can be optimized by varying the DC blocking capacitor value. See application schematic for details. 10. 0.05 - 2.0 GHz specifications apply with 1000 pF blocking capacitors. See applications section for typical data.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007921
High Power GaAs SPDT Switch DC - 7.0 GHz
RFC to Rx Insertion Loss
0.0
Rev. V1
Typical Performance Curves Over Temp.: Z0 = 50 , 4.7 pF Blocking Caps on all RF Ports
RFC to Tx Insertion Loss
0.0
-0.5
-0.5
-1.0
-1.0
-1.5
+25C -40C +85C
-1.5
+25C -40C +85C
-2.0 2 3 4 5 6 7 8
-2.0 2 3 4 5 6 7 8
Frequency (GHz)
Frequency (GHz)
RFC to Rx Isolation
0
+25C -40C +85C
RFC to Tx Isolation
0
+25C -40C +85C
-15
-15
-30
-30
-45
-45
-60 2 3 4 5 6 7 8
-60 2 3 4 5 6 7 8
Frequency (GHz)
Frequency (GHz)
Rx Return Loss
0
Tx Return Loss
0
-10
-10
-20
-20
-30
+25C -40C +85C
-30
+25C -40C +85C
-40 2 3 4 5 6 7 8
-40 2 3 4 5 6 7 8
Frequency (GHz)
Frequency (GHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007921
High Power GaAs SPDT Switch DC - 7.0 GHz
Application Schematic 11 Truth Table 12,13
Control VC1 1 0 Control VC2 0 1 RFC - TX On Off RFC - RX Off On
Rev. V1
12. Differential voltage, V (state 1) - V (state 0), must be +2.7 V minimum and must not exceed 8.0 V. 13. Positive Control: 1 = +2.9 V to +8 V, 0 = 0 V + 0.2 V. Negative Control: 1 = 0 V + 0.2 V, 0 = -2.9V to -8.0 V.
Qualification
Frequency 0.05 - 2.0 GHz 2.4 - 2.5 GHz 2.0 - 6.0 GHz 4.9 - 7.0 GHz Recommended Value C1 - C3 1000 pF 8 pF 4.7 pF 1.5 pF
Qualified to M/A-COM specification REL-201, Process Flow -1.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
11. M/A-COM recommends connecting unused package pins (N/C) to ground as shown.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007921
High Power GaAs SPDT Switch DC - 7.0 GHz
Rev. V1
Lead Free 2 mm 8-lead PDFN
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007921
High Power GaAs SPDT Switch DC - 7.0 GHz
Applications Section Typical Low Frequency Performance Curves: TA = 25C, Z0 = 50 , 1000 pF Blocking Caps on all RF Ports
Insertion Loss
0.00
Rev. V1
RFC Return Loss
-10
-0.25
RFC to TX RFC to RX
RFC to TX RFC to RX
-20
-0.50 -30 -0.75
-1.00 0.0
0.5
1.0
1.5
2.0
2.5
-40 0.0
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
Frequency (GHz)
Isolation
0
Tx and Rx Return Loss
-10
-10
RFC to TX RFC to RX
TX Rx
-20 -20
-30 -30 -40
-50 0.0
0.5
1.0
1.5
2.0
2.5
-40 0.0
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
Frequency (GHz)
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-007921

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X