Part Number Hot Search : 
L1060ID RT8267 2SK37 HRU0103A 25N10 25N10 N411024 25D621KJ
Product Description
Full Text Search
 

To Download MAL215811222E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 158 PUL-SI
Vishay BCcomponents
Aluminum Capacitors Power Ultra Long Life Snap-In
FEATURES
* Polarized
aluminum non-solid electrolyte
electrolytic
capacitors,
* Large types, very small dimensions, cylindrical aluminum case, insulated with a blue sleeve * Low ESR, high ripple current capability * Long useful life: up to 5000 hours at 105 C
Fig.1 Component outlines
RoHS
COMPLIANT
* Keyed polarity version available
058/059 PLL-SI
miniaturized
158 PUL-SI
85 C
156 PUM-SI
APPLICATIONS
* General purpose, industrial audio/video systems * Smoothing and filtering * Standard and switched mode power supplies telecommunication and
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range (E6/E12 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Useful life at 105 C Useful life at 40 C, 1.9 x IR applied Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 VALUE 22 x 25 to 35 x 50
* Energy storage in pulse systems
MARKING
560 F to 47 000 F 20 % 16 V to 100 V - 40 C to + 105 C 2000 hours 5000 hours 125 000 hours 500 hours IEC 60384-4/EN130300 40/105/56
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * `-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number * Climatic category in accordance with IEC 60068
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D X L in mm)
CR (F) 560 820 1000 1200 1500 1800 2200 UR (V) 16 25 40 22 x 25 50 22 x 25 22 x 30 63 22 x 25 22 x 30 22 x 35 25 x 30 80 22 x 25 22 x 30 22 x 35 25 x 30 25 x 35 25 x 40 30 x 30 100 22 x 25 22 x 30 22 x 35 25 x 30 25 x 35 25 x 40 30 x 30 30 x 35 -
Document Number: 28375 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 1
158 PUL-SI
Vishay BCcomponents
Aluminum Capacitors Power Ultra Long Life Snap-In
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D X L in mm)
CR (F) 2700 3300 3900 4700 5600 6800 8200 10 000 12 000 15 000 18 000 22 000 27 000 33 000 39 000 47 000 UR (V) 16 22 x 25 22 x 30 22 x 35 25 x 30 22 x 40 25 x 35 25 x 40 30 x 35 30 x 40 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 25 22 x 25 22 x 30 22 x 35 25 x 30 22 x 40 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 35 x 35 30 x 50 35 x 45 35 x 50 40 22 x 30 22 x 35 25 x 30 22 x 40 25 x 35 30 x 30 25 x 50 30 x 35 30 x 40 35 x 30 35 x 35 35 x 45 35 x 50 50 22 x 35 25 x 30 25 x 35 22 x 45 25 x 40 30 x 30 25 x 50 30 x 35 30 x 40 35 x 35 35 x 40 35 x 45 63 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 80 30 x 35 25 x 50 30 x 40 35 x 35 35 x 40 35 x 50 100 30 x 40 30 x 50 35 x 35 35 x 40 35 x 50 -
DIMENSIONS in millimeters AND AVAILABLE FORMS TWO TERMINAL SNAP-IN
OD
+ TERMINAL L - TERMINAL
L + 2 max.
10 0.1
Bottom view
+0 5.8 - 1 mm
O 2 0.1 (2 x)
The minus terminal can be marked with a black dot or with an imprinted `-' sign. Fig.2 Two terminal snap-in Fig.3 Mounting hole diagram
www.vishay.com 2
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28375 Revision: 18-Aug-08
158 PUL-SI
Aluminum Capacitors Power Ultra Long Life Snap-In
THREE TERMINAL SNAP-IN
O 2 0.1 (2 x) OD O 2.5 0.1
Vishay BCcomponents
+ TERMINAL L - TERMINAL minus pole marking L + 2 max
3.3 0.1
10 0.1
Bottom view
4 0.5
4.75 0.1
The negative terminal has TWO pins which are BOTH electrically connected.
The 10 mm spacing of the 2 pin snap-in is used as the base layout and a third hole is added. The third hole is closer to the negative primary hole so that polarization is always maintained, together with added mechanical stability. Fig.5 Mounting hole diagram
Fig.4 Three terminal snap-in
Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 22 x 25 22 x 30 22 x 35 22 x 40 25 x 30 25 x 35 25 x 40 25 x 50 30 x 30 30 x 35 30 x 40 30 x 50 35 x 35 35 x 40 35 x 45 35 x 50 O Dmax. 23 23 23 23 26 26 26 26 31 31 31 31 36 36 36 36 Lmax. 27 32 37 42 32 37 42 52 32 37 42 52 37 42 47 52 MASS (g) 12 16 20 23 22 24 27 38 30 35 40 50 48 55 63 72 PACKAGING QUANTITIES (units per box) 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 CARDBOARD BOX DIMENSIONS LxWxH 260 x 250 x 39 260 x 250 x 44 260 x 250 x 49 260 x 250 x 54 290 x 280 x 44 290 x 280 x 49 290 x 280 x 54 290 x 280 x 64 340 x 330 x 44 340 x 330 x 49 340 x 330 x 54 340 x 330 x 64 390 x 198 x 49 390 x 198 x 54 390 x 198 x 59 390 x 198 x 64
Document Number: 28375 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 3
158 PUL-SI
Vishay BCcomponents
Aluminum Capacitors Power Ultra Long Life Snap-In
ORDERING EXAMPLE
DESCRIPTION rated capacitance at 100 Hz rated RMS ripple current at 100 Hz, 105 C max. leakage current after 5 minutes at UR typ./max. equivalent series resistance at 100 Hz (1) typ./max. impedance at 10 kHz
ELECTRICAL DATA
SYMBOL CR IR IL5 ESR Z
Electrolytic capacitor 158 series 3900 F/80 V; 20 % Nominal case size: O 30 x 40 mm 2-terminal snap-in: Ordering code: MAL2 158 32392 E3 Former 12NC: 2222 158 32392 3-terminal snap-in: Ordering code: MAL2 158 72392 E3 Former 12NC: 2222 158 72392
Note (1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz * Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 5600 8200 10 000 10 000 12 000 12 000 15 000 16 15 000 18 000 22 000 27 000 33 000 33 000 39 000 47 000 3300 4700 6800 6800 8200 8200 10 000 25 10 000 12 000 15 000 18 000 22 000 22 000 27 000 33 000 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 22 x 35 25 x 30 22 x 40 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 22 x 35 25 x 30 22 x 40 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 IR 100 Hz 105 C (A) 2.50 3.10 3.56 3.42 4.00 3.91 4.39 3.80 4.36 4.85 4.49 5.70 4.97 5.42 5.80 2.27 2.82 3.37 3.25 3.79 3.72 4.18 3.65 4.19 4.66 4.36 5.52 4.83 5.24 5.32 IR 10 kHz 105 C (A) 2.95 3.66 4.20 4.04 4.72 4.61 5.18 4.48 5.14 5.72 5.30 6.73 5.86 6.40 6.84 2.68 3.33 3.98 3.84 4.47 4.39 4.93 4.31 4.94 5.50 5.14 6.51 5.70 6.18 6.27 IL5 5 min (mA) 0.18 0.27 0.32 0.32 0.39 0.39 0.48 0.48 0.58 0.71 0.87 1.06 1.06 1.25 1.51 0.17 0.24 0.34 0.34 0.41 0.41 0.50 0.50 0.60 0.75 0.90 1.10 1.10 1.35 1.65 MAX. ESR 100 Hz (1) (m) 111 79 65 70 56 59 49 61 50 43 49 33 42 37 33 130 93 69 74 58 62 52 64 53 45 51 35 44 39 36 MAX. Z 10 kHz (m) 98 70 58 63 50 53 45 55 46 39 43 31 37 33 30 105 76 57 62 49 52 44 55 46 39 43 31 37 33 31 ORDERING CODE MAL2158....... 2-TERM. 15562E3 15822E3 15103E3 25103E3 15123E3 25123E3 25153E3 35153E3 35183E3 35223E3 45273E3 35333E3 45333E3 45393E3 45473E3 16332E3 16472E3 16682E3 26682E3 16822E3 26822E3 26103E3 36103E3 36123E3 36153E3 46183E3 36223E3 46223E3 46273E3 46333E3 3-TERM. 55562E3 55822E3 55103E3 65103E3 55123E3 65123E3 65153E3 75153E3 75183E3 75223E3 85273E3 75333E3 85333E3 85393E3 85473E3 56332E3 56472E3 56682E3 66682E3 56822E3 66822E3 66103E3 76103E3 76123E3 76153E3 86183E3 76223E3 86223E3 86273E3 86333E3
www.vishay.com 4
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28375 Revision: 18-Aug-08
158 PUL-SI
Aluminum Capacitors Power Ultra Long Life Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 2200 3300 3900 3900 4700 5600 40 6800 8200 8200 10 000 12 000 15 000 18 000 1500 2200 2700 2700 3300 3300 50 3900 4700 5600 5600 6800 8200 10 000 12 000 1200 1500 2200 2200 2700 3300 63 3300 3900 4700 5600 6800 6800 8200 10 000 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 22 x 35 25 x 30 22 x 40 25 x 35 30 x 30 25 x 50 30 x 35 30 x 40 35 x 35 35 x 45 35 x 50 22 x 25 22 x 30 22 x 35 25 x 30 22 x 40 25 x 35 25 x 40 30 x 30 25 x 50 30 x 35 30 x 40 35 x 35 35 x 40 35 x 45 22 x 25 22 x 30 22 x 35 25 x 30 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 IR 100 Hz 105 C (A) 2.17 2.73 3.12 3.02 3.52 3.53 3.39 4.72 3.90 4.36 4.00 4.99 5.36 1.99 2.50 2.88 2.81 3.27 3.23 3.62 3.24 4.43 3.73 4.17 3.88 4.33 4.72 2.07 2.49 3.00 2.90 3.34 3.76 3.28 3.77 4.22 3.97 5.04 4.42 4.82 5.17 IR 10 kHz 105 C (A) 2.65 3.33 3.81 3.68 4.29 4.31 4.14 5.76 4.76 5.32 4.88 6.09 6.54 2.43 3.05 3.51 3.43 3.99 3.94 4.42 3.95 5.40 4.55 5.09 4.73 5.28 5.76 2.53 3.04 3.66 3.54 4.07 4.59 4.00 4.60 5.15 4.84 6.15 5.39 5.88 6.31 IL5 5 min (mA) 0.18 0.27 0.32 0.32 0.38 0.45 0.55 0.66 0.66 0.80 0.96 1.20 1.44 0.15 0.22 0.27 0.27 0.33 0.33 0.39 0.47 0.56 0.56 0.68 0.82 1.00 1.20 0.16 0.19 0.26 0.28 0.34 0.42 0.42 0.50 0.60 0.71 0.86 0.86 1.04 1.26 MAX. ESR 100 Hz (1) (m) 131 91 77 83 65 63 69 44 57 48 56 42 38 148 104 85 91 71 75 64 74 48 61 52 61 52 46 137 107 79 85 70 59 74 61 52 59 40 51 45 40 MAX. Z 10 kHz (m) 100 70 59 65 51 51 56 36 47 40 45 35 31 102 73 60 66 51 55 47 57 36 47 41 46 40 35 100 78 58 64 53 45 58 48 41 47 33 40 35 32 ORDERING CODE MAL2158....... 2-TERM. 17222E3 17332E3 17392E3 27392E3 17472E3 27562E3 37682E3 27822E3 37822E3 37103E3 47123E3 47153E3 47183E3 11152E3 11222E3 11272E3 21272E3 11332E3 21332E3 21392E3 31472E3 21562E3 31562E3 31682E3 41822E3 41103E3 41123E3 18122E3 18152E3 18222E3 28222E3 28272E3 28332E3 38332E3 38392E3 38472E3 48562E3 38682E3 48682E3 48822E3 48102E3 3-TERM. 57222E3 57332E3 57392E3 67392E3 57472E3 67562E3 77682E3 67822E3 77822E3 77103E3 87123E3 87153E3 87183E3 51152E3 51222E3 51272E3 61272E3 51332E3 61332E3 61392E3 71472E3 61562E3 71562E3 71682E3 81822E3 81103E3 81123E3 58122E3 58152E3 58222E3 68222E3 68272E3 68332E3 78332E3 78392E3 78472E3 88562E3 78682E3 88682E3 88822E3 88102E3
Vishay BCcomponents
Document Number: 28375 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 5
158 PUL-SI
Vishay BCcomponents
Aluminum Capacitors Power Ultra Long Life Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 820 1200 1500 1500 1800 2200 80 2200 2700 3300 3900 4700 5600 6800 560 820 1000 1000 1200 1500 100 1800 2200 2700 3300 3300 3900 4700 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 22 x 35 25 x 30 25 x 35 25 x 40 30 x 30 30 x 35 25 x 50 30 x 40 35 x 35 35 x 40 35 x 50 22 x 25 22 x 30 22 x 35 25 x 30 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 30 x 50 35 x 35 35 x 40 35 x 50 IR 100 Hz 105 C (A) 1.44 1.82 2.12 2.10 2.41 2.74 2.55 2.93 3.46 3.39 3.29 3.69 4.43 1.33 1.69 1.95 1.95 2.23 2.56 2.49 2.87 3.24 3.87 3.19 3.58 4.29 IR 10 kHz 105 C (A) 1.76 2.22 2.59 2.56 2.94 3.34 3.11 3.57 4.22 4.14 4.01 4.50 5.40 1.62 2.06 2.38 2.38 2.72 3.12 3.04 3.50 3.95 4.72 3.89 4.37 5.23 IL5 5 min (mA) 0.14 0.20 0.24 0.24 0.29 0.36 0.36 0.44 0.53 0.63 0.76 0.90 1.09 0.12 0.17 0.20 0.20 0.24 0.30 0.36 0.44 0.54 0.66 0.66 0.78 0.94 MAX. ESR 100 Hz (1) (m) 422 291 234 240 201 166 180 147 114 110 110 93 75 461 318 261 267 223 180 172 141 117 94 115 98 78 MAX. Z 10 kHz (m) 397 274 221 228 189 156 172 141 109 106 107 90 71 412 284 234 240 200 162 158 129 108 87 107 91 73 ORDERING CODE MAL2158....... 2-TERM. 12821E3 12122E3 12152E3 22152E3 22182E3 22222E3 32222E3 32272E3 22332E3 32392E3 42472E3 42562E3 42682E3 19561E3 19821E3 19102E3 29102E3 29122E3 29152E3 39182E3 39222E3 39272E3 39332E3 49332E3 49392E3 49472E3 3-TERM. 52821E3 52122E3 52152E3 62152E3 62182E3 62222E3 72222E3 72272E3 62332E3 72392E3 82472E3 82562E3 82682E3 59561E3 59821E3 59102E3 69102E3 69122E3 69152E3 79182E3 79222E3 79272E3 79332E3 89332E3 89392E3 89472E3
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) All case sizes typ. 19 nH max. 25 nH After 1 minute at UR After 5 minutes at UR IL1 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 4 A Us = 1.15 x UR Urev 1 V CONDITIONS VALUE
www.vishay.com 6
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28375 Revision: 18-Aug-08
158 PUL-SI
Aluminum Capacitors Power Ultra Long Life Snap-In
RIPPLE CURRENT AND USEFUL LIFE
MGA454
Vishay BCcomponents
2.7 IA IR 2.6 2.5 2.4 2.3 2.2 2.1 2.0 1.9
12 1. 5 1.
life multiplier
1.8
2 2.
1.7 1.6
7 5
5
3 4
1.5 1.4 1.3
10 15 20 30 40 60 0 10 0 15 0 20 0 30 0 40 0 60
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz and 105 C (1) Useful life at 105 C and I applied: 5000 hours R
1.2 1.1 1.0 0.8 0.5 0.0 40
(1)
50
60
70
80
90
100 110 Tamb (C)
Fig.6 Multiplier of useful life as a function of ambient temperature and ripple current load
Table 3
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 200 400 1000 2000 4000 10 000 IR MULTIPLIER UR = 16 to 25 V 0.93 1.00 1.04 1.07 1.11 1.13 1.15 1.18 UR = 40 to 100 V 0.91 1.00 1.05 1.09 1.13 1.15 1.18 1.22
Document Number: 28375 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 7
158 PUL-SI
Vishay BCcomponents
Table 4
Aluminum Capacitors Power Ultra Long Life Snap-In
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 105 C; UR and IR applied; 5000 hours C/C: 20 % ESR 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: UR : 1 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 105 C; no voltage applied; 500 hours After test: UR to be applied for 30 minutes, 24 hours to 48 hours before measurement C/C: 15 % ESR 1.5 x spec. limit IL5 2 x spec. limit PROCEDURE (quick reference) Tamb = 105 C; UR applied; 2000 hours REQUIREMENTS C/C: 15 % ESR 1.3 x spec. limit
www.vishay.com 8
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28375 Revision: 18-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL215811222E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X