Part Number Hot Search : 
AH055 NM50F PVI5033R E1307 1SMB40A PUMA6 HD7485P P15N06
Product Description
Full Text Search
 

To Download MAL205829681E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 058/059 PLL-SI
Vishay BCcomponents
Aluminum Capacitors Power Long Life Snap-In
FEATURES
* Polarized aluminum non-solid electrolyte electrolytic capacitors,
* Large types, minimized dimensions, cylindrical aluminum case, insulated with a blue sleeve * Very long useful life: up to 10 000 hours at 105 C * Extended temperature range: 105 C
Fig.1 Component outlines
RoHS
COMPLIANT
* Low ESR, high ripple current capability * Keyed polarity version available
159 PUL-SI
smaller dimensions 058/059 PLL-SI 85 C 056/057 PSM-SI
APPLICATIONS
* Computer, telecommunication and industrial systems * Smoothing and filtering applications * Standard and switched mode power supplies
* Energy storage in pulse systems
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range (E6 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Useful life at 105 C Useful life at 40 C, 1.9 x IR applied Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 VALUE 058 059
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance code on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * `-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number * Climatic category in accordance with IEC 60068
22 x 25 to 35 x 50 33 to 47 000 F 20 % 10 to 100 V 200 to 400 V - 40 to + 105 C - 25 to 105 C 50 V: 2000 hours; 63 V: 5000 hours 50 V: 5000 hours; 63 V: 10 000 hours 50 V: 125 000 hours; 63 V: 250 000 hours 500 hours IEC 60384-4/EN130300 40/105/56 25/105/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 058 SERIES (O D x L in mm)
CR (F) 330 470 680 UR (V) 10 16 25 40 22 x 25 50 22 x 25 22 x 30 63 22 x 25 22 x 30 25 x 30 22 x 40 100 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 www.vishay.com 1
1000
1500
Document Number: 28342 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
058/059 PLL-SI
Vishay BCcomponents
Aluminum Capacitors Power Long Life Snap-In
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 058 SERIES (O D x L in mm)
CR (F) 2200 UR (V) 10 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 16 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 25 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 40 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 50 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 63 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 100 35 x 40 30 x 50 35 x 50 -
3300
4700
6800
10 000
15 000
22 000
33 000 47 000
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 059 SERIES (O D x L in mm)
CR (F) 33 47 68 UR (V) 200 22 x 25 22 x 30 22 x 35 25 x 30 30 x 30 25 x 40 30 x 35 25 x 50 35 x 35 30 x 45 35 x 50 250 22 x 25 22 x 30 22 x 35 25 x 30 30 x 30 25 x 35 30 x 35 25 x 50 35 x 35 30 x 45 35 x 45 385 22 x 25 22 x 30 22 x 35 25 x 30 30 x 30 25 x 40 25 x 50 30 x 40 35 x 40 30 x 50 35 x 50 400 22 x 30 22 x 35 25 x 30 30 x 30 25 x 40 30 x 35 25 x 50 35 x 40 30 x 50 35 x 50 -
100
150
220
330
470
680 1000
www.vishay.com 2
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28342 Revision: 18-Aug-08
058/059 PLL-SI
Aluminum Capacitors Power Long Life Snap-In
DIMENSIONS in millimeters AND AVAILABLE FORMS TWO TERMINAL SNAP-IN
OD
Vishay BCcomponents
+ TERMINAL - TERMINAL
L
L + 2 max.
10 0.1
Bottom view
5.8 -1 mm
O 2 0.1 (2 x)
+0
The minus terminal can be marked with a black dot or with an imprinted `-' sign.
Fig.2 Two terminal snap-in
Fig.3 Mounting hole diagram
THREE TERMINAL SNAP-IN
OD O 2.5 0.1 O 2 0.1 (2 x)
+ TERMINAL - TERMINAL minus pole marking Bottom view
L
L + 2 max. 3.3 0.1
10 0.1
4 0.5 4.75 0.1
The negative terminal has TWO pins which are BOTH electrically connected.
The 10 mm spacing of the 2 pin snap-in is used as the base layout and a third hole is added. The third hole is closer to the negative primary hole so that polarization is always maintained, together with added mechanical stability.
Fig.5 Mounting hole diagram
Fig.4 Three terminal snap-in Table 1
DIMENSIONS IN MILLIMETERS, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE O D x L 22 x 25 22 x 30 22 x 35 22 x 40 25 x 30 25 x 35 25 x 40 25 x 50 30 x 30 30 x 35 30 x 40 30 x 45 30 x 50 35 x 35 35 x 40 35 x 45 35 x 50 Document Number: 28342 Revision: 18-Aug-08 O Dmax. 23 23 23 23 26 26 26 26 31 31 31 31 31 36 36 36 36 Lmax. 27 32 37 42 32 37 42 52 32 37 42 47 52 37 42 47 52 MASS (g) 12 16 20 23 22 24 27 38 30 35 40 45 50 48 55 63 72 PACKAGING QUANTITIES (units per box) 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 CARDBOARD BOX DIMENSIONS LxWxH 260 x 250 x 39 260 x 250 x 44 260 x 250 x 49 260 x 250 x 54 290 x 280 x 44 290 x 280 x 49 290 x 280 x 54 290 x 280 x 64 340 x 330 x 44 340 x 330 x 49 340 x 330 x 54 340 x 330 x 59 340 x 330 x 64 390 x 198 x 49 390 x 198 x 54 390 x 198 x 59 390 x 198 x 64 www.vishay.com 3
For technical questions, contact: aluminumcaps2@vishay.com
058/059 PLL-SI
Vishay BCcomponents
Aluminum Capacitors Power Long Life Snap-In
ORDERING EXAMPLE
DESCRIPTION rated capacitance at 100 Hz rated RMS ripple current at 100 Hz or 10 kHz and 105 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR max. equivalent series resistance at 100 Hz max. impedance at 10 kHz
ELECTRICAL DATA
SYMBOL CR IR IL1 IL5 ESR Z
Electrolytic capacitor 058 series 10 000 F/25 V; 20 % Nominal case size: O 30 x 40 mm 2-terminal snap-in Ordering code: MAL2 058 56103 E3 Former 12NC: 2222 058 56103 3-terminal snap-in Ordering code: MAL2 058 76103 E3 Former 12NC: 2222 058 76103
Note * Unless otherwise specified, all electrical values in Tables 2 and 3 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % Table 2
ELECTRICAL DATA AND ORDERING INFORMATION FOR 058 SERIES (O D x L in mm)
UR (V) CR 100 Hz (F) 4700 6800 10 000 10 000 15 000 15 000 22 000 22 000 33 000 33 000 47 000 3300 4700 6800 6800 10 000 10 000 15 000 15 000 22 000 22 000 33 000 2200 3300 4700 4700 6800 6800 10 000 10 000 15 000 15 000 22 000 1500 2200 3300 3300 4700 4700 6800 6800 10 000 10 000 15 000 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 IR 100 Hz 105 C (A) 1.95 2.44 2.81 3.29 3.53 3.78 4.62 4.68 5.15 5.70 6.23 1.90 2.36 2.75 3.18 3.44 3.66 4.55 4.55 5.07 5.67 6.23 1.76 2.23 2.60 3.00 3.26 3.49 4.37 4.37 4.91 5.43 6.07 1.65 2.04 2.43 2.78 2.96 3.26 3.94 4.10 4.18 4.98 5.21 IR 10 kHz 105 C (A) 2.30 2.88 3.32 3.88 4.17 4.46 5.45 5.52 6.08 6.73 7.35 2.24 2.78 3.25 3.75 4.06 4.32 5.37 5.37 5.98 6.69 7.35 2.08 2.63 3.07 3.54 3.85 4.12 5.16 5.16 5.79 6.41 7.16 2.01 2.49 2.99 3.39 3.61 3.90 4.81 5.00 5.10 6.08 6.36 IL1 1 min (A) 286 412 604 604 904 904 1324 1324 1984 1984 2824 321 455 657 657 964 964 1444 1444 2116 2116 3172 334 499 709 709 1024 1024 1504 1504 2254 2254 3304 364 532 796 796 1132 1132 1636 1636 2404 2404 3604 IL5 5 min (A) 98 140 204 204 304 304 444 444 664 664 944 110 154 222 222 324 324 484 484 708 708 1060 114 169 239 239 344 344 504 504 754 754 1104 124 180 268 268 380 380 548 548 804 804 1204 ESR 100 Hz (m) 82 61 54 43 42 38 31 31 30 24 24 86 65 56 46 44 40 32 32 31 25 25 100 73 62 52 49 44 35 35 33 27 27 114 87 71 60 59 51 42 39 46 36 36 Z 10 Hz (m) 57 44 42 32 34 30 25 24 24 21 21 57 44 42 32 34 30 25 24 24 21 21 57 44 42 32 34 30 25 24 24 21 21 65 50 45 37 40 32 29 26 29 24 24 ORDERING CODE MAL2058....... 2-TERM. 54472E3 54682E3 54103E3 44103E3 54153E3 44153E3 54223E3 44223E3 54333E3 44333E3 54473E3 55332E3 55472E3 55682E3 45682E3 55103E3 45103E3 55153E3 45153E3 55223E3 45223E3 55333E3 56222E3 56332E3 56472E3 46472E3 56682E3 46682E3 56103E3 46103E3 56153E3 46153E3 56223E3 57152E3 57222E3 57332E3 47332E3 57472E3 47472E3 57682E3 47682E3 57103E3 47103E3 57153E3 3-TERM. 74472E3 74682E3 74103E3 24103E3 74153E3 24153E3 74223E3 24223E3 74333E3 24333E3 74473E3 75332E3 75472E3 75682E3 25682E3 75103E3 25103E3 75153E3 25153E3 75223E3 25223E3 75333E3 76222E3 76332E3 76472E3 26472E3 76682E3 26682E3 76103E3 26103E3 76153E3 26153E3 76223E3 77152E3 77222E3 77332E3 27332E3 77472E3 27472E3 77682E3 27682E3 77103E3 27103E3 77153E3
10
16
25
40
www.vishay.com 4
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28342 Revision: 18-Aug-08
058/059 PLL-SI
Aluminum Capacitors Power Long Life Snap-In
Vishay BCcomponents
ELECTRICAL DATA AND ORDERING INFORMATION FOR 058 SERIES (O D x L in mm)
UR (V) CR 100 Hz (F) 1000 1500 2200 2200 3300 3300 4700 4700 6800 6800 10 000 680 1000 1500 1500 2200 2200 3300 3300 4700 4700 6800 330 470 680 680 1000 1000 1500 1500 2200 2200 3300 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 IR 100 Hz 105 C (A) 1.50 1.88 2.27 2.55 2.81 3.07 3.77 3.85 4.01 4.74 5.04 1.17 1.46 1.76 2.00 2.27 2.40 3.07 3.07 3.65 3.88 4.58 0.92 1.14 1.35 1.57 1.79 1.85 2.45 2.38 3.05 3.13 3.84 IR 10 kHz 105 C (A) 1.83 2.29 2.77 3.11 3.43 3.75 4.60 4.70 4.89 5.78 6.15 1.43 1.78 2.15 2.44 2.77 2.93 3.75 3.75 4.45 4.73 5.59 1.12 1.39 1.65 1.92 2.40 2.26 2.99 2.90 3.72 3.82 4.68 IL1 1 min (A) 304 454 664 664 994 994 1414 1414 2044 2044 3004 261 382 571 571 836 836 1251 1251 1781 1781 2574 202 286 412 412 604 604 904 904 1324 1324 1984 IL5 5 min (A) 104 154 124 124 334 334 474 474 684 684 1004 90 130 193 193 281 281 420 420 596 596 861 70 98 140 140 204 204 304 304 444 444 664 ESR 100 Hz (m) 138 102 82 71 66 57 47 43 49 38 38 228 170 137 115 101 94 70 70 60 53 46 370 280 232 190 163 158 111 116 86 82 64 Z 10 Hz (m) 69 54 47 38 41 33 30 27 30 24 24 150 115 85 85 70 70 50 50 45 45 35 250 190 140 140 115 115 85 85 65 65 50 ORDERING CODE MAL2058....... 2-TERM. 51102E3 51152E3 51222E3 41222E3 51332E3 41332E3 51472E3 41472E3 51682E3 41682E3 51103E3 58681E3 58102E3 58152E3 48152E3 58222E3 48222E3 58332E3 48332E3 58472E3 48472E3 58682E3 59331E3 59471E3 59681E3 49681E3 59102E3 49102E3 59152E3 49152E3 59222E3 49222E3 59332E3 3-TERM. 71102E3 71152E3 71222E3 21222E3 71332E3 21332E3 71472E3 21472E3 71682E3 21682E3 71103E3 78681E3 78102E3 78152E3 28152E3 78222E3 28222E3 78332E3 28332E3 78472E3 28472E3 78682E3 79331E3 79471E3 79681E3 29681E3 79102E3 29102E3 79152E3 29152E3 79222E3 29222E3 79332E3
50
63
100
Table 3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 059 SERIES
UR (V) CR 100 Hz (F) 100 150 220 220 330 330 470 470 680 680 1000 68 100 150 150 220 220 330 330 470 470 680 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 22 x 35 25 x 30 30 x 30 25 x 40 30 x 35 25 x 50 30 x 45 35 x 35 35 x 50 22 x 25 22 x 30 22 x 35 25 x 30 25 x 35 30 x 30 30 x 35 25 x 50 30 x 45 35 x 35 35 x 45 IR 100 Hz 105 C (A) 0.53 0.67 0.86 0.87 1.12 1.12 1.46 1.25 1.87 1.85 2.45 0.49 0.62 0.82 0.82 1.03 1.06 1.43 1.40 1.79 1.79 2.25 IL1 1 min (A) 124 184 268 268 400 400 568 568 820 820 1204 106 154 229 229 334 334 499 499 709 709 1024 IL5 5 min (A) 44 64 92 92 136 136 192 192 276 276 404 38 54 79 79 114 114 169 169 239 239 344 ESR 100 kHz () 1280 850 610 610 435 435 335 335 235 235 160 1640 1110 795 795 540 540 385 385 270 270 190 Z 10 kHz (m) 730 540 430 430 300 300 225 225 155 155 125 760 570 440 440 300 300 225 225 155 155 125 ORDERING CODE MAL2059..... 2-TERM. 52101E3 52151E3 32221E3 52221E3 52331E3 42331E3 32471E3 42471E3 32681E3 62681E3 52102E3 53689E3 53101E3 33151E3 53151E3 33221E3 53221E3 33331E3 43331E3 33471E3 63471E3 43681E3 3-TERM. 72101E3 72151E3 12221E3 72221E3 72331E3 22331E3 12471E3 22471E3 12681E3 82681E3 72102E3 73689E3 73101E3 13151E3 73151E3 13221E3 73221E3 13331E3 23331E3 13471E3 83471E3 23681E3 www.vishay.com 5
200
250
Document Number: 28342 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
058/059 PLL-SI
Vishay BCcomponents
Aluminum Capacitors Power Long Life Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION FOR 059 SERIES
UR (V) CR 100 Hz (F) 33 47 68 68 100 100 150 150 220 220 330 47 68 68 100 100 150 150 220 220 330 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 22 x 35 25 x 30 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 30 22 x 35 25 x 30 30 x 30 25 x 40 30 x 35 25 x 50 35 x 40 30 x 50 35 x 50 IR 100 Hz 105 C (A) 0.32 0.41 0.53 0.52 0.72 0.72 0.99 0.99 1.31 1.31 1.75 0.30 0.38 0.41 0.55 0.55 0.68 0.78 0.94 0.94 1.25 IL1 1 min (A) 80 113 161 161 235 235 351 351 512 512 766 117 167 167 244 244 364 364 532 532 796 IL5 5 min (A) 29 40 56 56 81 81 119 119 173 173 258 42 58 58 84 84 124 124 180 180 260 ESR 100 kHz () 3860 2710 1870 1870 1270 1270 850 850 580 580 390 4260 2950 2950 2020 2020 1350 1350 930 930 620 Z 10 kHz (m) 3000 2100 1460 1460 1010 1010 675 675 465 465 320 3490 2420 2420 1660 1660 1110 1110 760 760 510 ORDERING CODE MAL2059..... 2-TERM. 58339E3 58479E3 38689E3 58689E3 58101E3 48101E3 58151E3 48151E3 58221E3 48221E3 58331E3 56479E3 36689E3 56689E3 56101E3 46101E3 36151E3 46151E3 56221E3 46221E3 56331E3 3-TERM. 78339E3 78479E3 18689E3 78689E3 78101E3 28101E3 78151E3 28151E3 78221E3 28221E3 78331E3 76479E3 16689E3 76689E3 76101E3 26101E3 16151E3 26151E3 76221E3 26221E3 76331E3
385
400
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) All case sizes typ. 19 nH max. 25 nH After 1 minute at UR After 5 minutes at UR IL1 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 4 A 250 V versions 385 V versions Us = 1.15 x UR Us = 1.1 x UR Urev 1 V CONDITIONS VALUE
CAPACITANCE (C)
1.1
C C0
1.1
1.0
C C0
1.0
0.9 0.9 1 2 0.7 3 0.6 Curve 1: UR = 63 to 100 V Curve 2: UR = 200 V Curve 3: UR 250 V and 40 V 0.8 Curve 1: UR = 10 V and 16 V Curve 2: UR = 25 V, 35 V and 40 V Curve 3: UR 40 V 1 2 3
0.8
0.7
0.5
C0 = capacitance at 20 C and 100 Hz 0.4 - 100 - 50 0 50
C0 = capacitance at 20 C and 100 Hz 100 150
Tamb (C)
0.6 101
102
103
f (Hz)
104
Fig.6 Typical multiplier of capacitance as a function of ambient temperature www.vishay.com 6
Fig.7 Typical multiplier of capacitance as a function of frequency Document Number: 28342 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
058/059 PLL-SI
Aluminum Capacitors Power Long Life Snap-In
EQUIVALENT SERIES RESISTANCE (ESR)
10
3
Vishay BCcomponents
1.5
ESR ESR0
10
2
1 2 3
Curve 1: UR 250 V Curve 2: UR = 200 V Curve 3: UR 200 V
ESR ESR0
1.0 2
10
1
1 0.5 1 2, 3 1
Curve 1: UR = 10 to 100 V Curve 2: UR = 200 to 400 V ESR0 = typical at 20 C and 100 Hz
ESR0 = typical at 20 C and 100 Hz 10-1 - 100 - 50 0
50
100
150
0 101
10
2
10
3
f (Hz)
10
4
Tamb (C)
Fig.8 Typical multiplier of ESR as a function of ambient temperature
Fig.9 Typical multiplier of ESR as a function of frequency
IMPEDANCE (Z)
103
10
5
ESR ESR0
10
2
1 2
Curve 1: UR 250 V Curve 2: UR = 250 V Curve 3: UR 100 V
Z (m)
10
4
1 2 3
Curve 1: 33 F Curve 2: 68 F Curve 3: 100 F Curve 4: 330 F Curve 5: 680 F
Curve 6: 1000 F Curve 7: 1500 F Curve 8: 2200 F Curve 9: 3300 F Curve 10: 4700 F
4 5 6 7 8 9 10
3 10
1
103
1
2, 3 1
102
10
-1
Z0 = typical impedance at 20 C and 100 Hz - 50 0 50 100 150
Case O D x L = 22 x 25 mm 101 1 10 102 103 104 105
Tamb = 20 C 106
- 100
Tamb (C)
f (Hz)
107
Fig.10 Typical multiplier of impedance as a function of ambient temperature
105
Fig.11 Typical impedance as a function of frequency
105
1
Z (m)
10
4
2 3
Curve 1: 47 F Curve 2: 100 F Curve 3: 150 F Curve 4: 470 F Curve 5: 1000 F
Curve 6: 1500 F Curve 7: 2200 F Curve 8: 3300 F Curve 9: 4700 F Curve 10: 6800 F
Z (m)
10
4
1 2 3
Curve 1: 68 F Curve 2: 150 F Curve 3: 220 F Curve 4: 680 F Curve 5: 1500 F
Curve 6: 2200 F Curve 7: 3300 F Curve 8: 4700 F Curve 9: 6800 F Curve 10: 10 000 F
4 4
103
5 6 7 8 9 10
103
5 6 7 8 9 10
102
102
Case O D x L = 22 x 30 mm 101 1 10 10
2
Tamb = 20 C 10
4
Case O D x L = 25 x 30 mm and 22 x 40 mm
7
10
3
10
5
10
6
f (Hz)
10
101 1 10
Tamb = 20 C
5
10
2
10
3
10
4
10
106
f (Hz)
107
Fig.12 Typical impedance as a function of frequency
Fig.13 Typical impedance as a function of frequency
Document Number: 28342 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 7
058/059 PLL-SI
Vishay BCcomponents
IMPEDANCE (Z)
10
5
Aluminum Capacitors Power Long Life Snap-In
10 Curve 1: 100 F Curve 2: 220 F Curve 3: 330 F Curve 4: 1000 F Curve 5: 2200 F Curve 6: 3300 F Curve 7: 4700 F Curve 8: 6800 F Curve 9: 10 000 F Curve 10: 15 000 F
5
Z (m)
10
4
Z (m)
10
4
1 2 3
1 2 3
Curve 1: 150 F Curve 2: 330 F Curve 3: 470 F Curve 4: 1500 F Curve 5: 3300 F
Curve 6: 4700 F Curve 7: 6800 F Curve 8: 10 000 F Curve 9: 15 000 F Curve 10: 22 000 F
Case O D x L = 30 x 40 mm and 25 x 50 mm 103
4 5 6 7 8 9 10
103
4 5 6 7 8 9 10
102
102
10
1
Case O D x L = 30 x 30 mm and 25 x 40 mm 102 103 104 105
Tamb = 20 C 106
101
f (Hz)
107
10
1
Tamb = 20 C 102 103 104 105 106
101
f (Hz)
107
Fig.14 Typical impedance as a function of frequency
Fig.15 Typical impedance as a function of frequency
10
5
10 Curve 1: 220 F Curve 2: 470 F Curve 3: 680 F Curve 4: 2200 F Curve 5: 4700 F
1
5
Z (m)
10
4
Curve 6: 6800 F Curve 7: 10 000 F Curve 8: 15 000 F Curve 9: 22 000 F Curve 10: 33 000 F
Z (m)
10
4
Curve 1: 330 F Curve 2: 680 F Curve 3: 1000 F Curve 4: 3300 F Curve 5: 6800 F
1
Curve 6: 10 000 F Curve 7: 15 000 F Curve 8: 22 000 F Curve 9: 33 000 F Curve 10: 47 000 F
2 3
Case O D x L = 35 x 40 mm and 30 x 50 mm 10
3
2 3
Case O D x L = 35 x 50 mm
10
3
4 4 5 6 7 8 9 10 5 6 7 8 9 10
10
2
10
2
101 1 10
Tamb = 20 C 102 103 104 105 106
f (Hz)
107
101 1 10
Tamb = 20 C 102 103 104 105 106
f (Hz)
107
Fig.16 Typical impedance as a function of frequency
Fig.17 Typical impedance as a function of frequency
www.vishay.com 8
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28342 Revision: 18-Aug-08
058/059 PLL-SI
Aluminum Capacitors Power Long Life Snap-In
RIPPLE CURRENT AND USEFUL LIFE
2.7 IA IR 2.6 2.5 2.4 2.3 2.2 2.1 2.0 1.9
1 2 1. 5
Vishay BCcomponents
life multiplier
1.8
2 2.
1.
1.7
4
5
3
1.6
7
5
1.5 1.4 1.3
30 40 60 0 10 0 15 0 20 0 30 0 40 0 60
10 15 20
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz and 105 C
(1)
Useful life at 105 C and IR applied: 5000 hours for 50 V types
1.2 1.1 1.0 0.8 0.5 0.0 40
(1)
50
60
70
80
90
100 110 Tamb (C)
Fig.18 Multiplier of useful life as a function of ambient temperature and ripple current load Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 200 400 1000 2000 4000 10 000 IR MULTIPLIER UR = 10 to 25 V 0.93 1.00 1.04 1.07 1.11 1.13 1.15 1.18 UR = 40 to 100 V 0.91 1.00 1.05 1.09 1.13 1.15 1.18 1.22 UR > 100 V 0.86 1.00 1.13 1.21 1.29 1.32 1.35 1.40
Document Number: 28342 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 9
058/059 PLL-SI
Vishay BCcomponents
Table 5
Aluminum Capacitors Power Long Life Snap-In
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 105 C; UR applied; 50 V types: 2000 hours; 63 V types: 5000 hours REQUIREMENTS UR 100 V; C/C: 15 % UR > 100 V; C/C: 10 % ESR 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 105 C; UR and IR applied; 50 V types: 5000 hours; 63 V types: 10 000 hours UR 100 V; C/C: 45 % UR > 100 V; C/C: 30 % ESR 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage; UR > 100 V: 3 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 105 C; no voltage applied; 500 hours After test: UR to be applied for 30 minutes 24 hours to 48 hours before measurement C/C: 10 % ESR 1.2 x spec. limit IL5 2 x spec. limit
www.vishay.com 10
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28342 Revision: 18-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL205829681E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X