Part Number Hot Search : 
1000B SW07S 03DRCW5 F100L 100J2 Z86E23 8EWF06S ISL85
Product Description
Full Text Search
 

To Download MAFR-000050-5S4C1T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAFR-WiMax Series
Single Junction Surface Mount Circulator 2.4GHz, 2.6GHz, 3.35GHz, 3.5GHz
Features * * * * * *
Designed for WiMax market 25dB Isolation typical 0.20dB Insertion Loss typical Low cost package RoHS compliant Flat pack packaging
Rev. V1
Description
This circulator is designed specifically for WiMax applications and features high reliability performance at a low cost. It is in a low cost package ideally suited for high volume manufacturing. M/A Com is one of the largest suppliers of isolator and circulators in the world.
Electrical Specifications
T = Top , Z0 = 50 Ohms
Parameter
Insertion Loss Isolation Return Loss (Port 1 & 2) Intermodulation Circulation
Ordering Information
Min Typ @25C
0.20 20.0 20.0 25.0 25.0
1
Units
dB dB dB
Max
0.25
Part Number
Frequency Range (GHz)
2.3-2.5 2.5-2.7 3.3-3.4 3.4-3.6
MAFR-000229-000001 MAFR-000050-5S4C1T MAFR-000200-5S4C1T MAFR-000159-5S4C1T
dBc
60.0
65.0 Clockwise
1. See "Absolute Maximum Ratings" for Top.
Absolute Maximum Ratings
Parameter
Forward Power, CW Reverse Power, CW Peak Power
Absolute Maximum
200 Watts 200 Watts 1000 Watts -40C to +85C -40C to +100C
1. Operation of this device above any one of these parameters may cause permanent damage. Operating Temperature
Storage Temperature
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAFR-000050-5S4C1T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X