Part Number Hot Search : 
MD100 1206C MA300RW C471MPD MAX3246E BZA100 1N5239B THV310
Product Description
Full Text Search
 

To Download MABA-009807-CF4010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MABA-009807-CF4010
4:1 RF Transformer 0.05 - 3.072 MHz Features
* * * * * * Surface Mount 4:1 Impedance CT on Secondary 50 Ohm RoHS compliant, lead free RoHS version of ETM4-1T-2
M/A-COM Products Rev. V1 Schematic
Description
M/A-COM's MABA-009807-CF4010 is a 4:1 RF Transformer in a low cost surface mount package. Ideally suited for high volume CATV application.
Case Style SM-1
Pin Configuration
Function Secondary Dot Secondary Centre Tap Secondary Primary Not Connected Primary Dot Pin Number 1 2 3 4 5 6
Ordering Information
Part Number MABA-009807-CF4010 Package 900 pieces per reel
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
Note: Reference Application Note M513 for reel size information. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MABA-009807-CF4010
4:1 RF Transformer 0.05 - 3.072 MHz M/A-COM Products Rev. V1
Electrical Specifications: TA = 25C, 0dBm, Z0 = 50
Parameter Frequency Range Insertion Loss Amplitude Balance Phase Balance Input Return Loss
Test Conditions .05 - 3.072 MHz .05 - 3.072 MHz .05 - 3.072 MHz .05 - 3.072 MHz .05 - .20 MHz .20 - 3.072 MHz
Units
Min.
Typ.
Max.
dB dB dB dB
- - - 18 25
- - - -
1 0.1 1 -
Recommended Maximum Ratings
Parameter RF Power DC Current Operating Temperature Storage Temperature Value 250mW 30mA -20C to +85C -55C to +100C
Application Circuit
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MABA-009807-CF4010
4:1 RF Transformer 0.05 - 3.072 MHz Typical Performance Curves: TA = 25C, 0dBm, Z0 = 50 Insertion Loss: Pin4 - Pin1
0.0 -0.1 -0.2
M/A-COM Products Rev. V1
Insertion Loss: Pin4 - Pin3
0.0 -0.1 -0.2 -0.3 -0.4
dB
-0.3 -0.4
dB
-0.5
-0.5 0.05
0.05
0.55
1.05
1.55
2.05
2.55
3.05
1.05
2.05
3.05
Frequency (MHz)
Frequency (MHz)
Phase Balance
182.0 181.5 181.0
Amplitude Balance
1.0 0.8 0.6 0.4
Degrees
1.05 2.05 3.05
0.2
180.5 180.0 179.5 179.0 178.5 178.0 0.05 1.05 2.05 3.05
dB
0.0 -0.2 -0.4 -0.6 -0.8 -1.0 0.05
Frequency (MHz)
Frequency (MHz)
Return Loss: Input
0 -5 -10 -15
dB
-20 -25 -30 -35 -40 0.05 1.05 2.05 3.05
3
Frequency (MHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MABA-009807-CF4010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X