Part Number Hot Search : 
CPC1968 LC66512 HMC13507 U4945 190J1 Z2SMB16 M35V6 OP500SLD
Product Description
Full Text Search
 

To Download MAAM-007807 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAM-007807
Broadband CATV Amplifier 50 - 1000 MHz
Features
* * * * * * 75 Input / Output Match 3.8 dB Noise Figure 9 dB Gain Lead-Free SOT-89 Package Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible Rev. V2
Functional Schematic
GND
Description
M/A-COM's MAAM-007807 CATV amplifier is a GaAs MMIC which exhibits low distortion in a miniature lead-free surface mount package. The MAAM-007807 employs a monolithic single stage design featuring a convenient 75 input/output impedance that minimizes the number of external components required. The MAAM-007807 provides low noise and high linearity. It is ideally suited for set top boxes, home gateways and other broadband internet based appliances. The MAAM-007807 is fabricated using M/A-COM's pHEMT process to realize low noise and low distortion. The process features full passivation for robust performance and reliability.
Pin 1
RFIN
GND
RFOUT
Pin Configuration
Pin No. 1 2 3 Pin Name RFIN GND RFOUT Description RF Input Ground RF Output / Drain Supply
Ordering Information 1,2
Part Number MAAM-007807-TR1000 MAAM-007807-TR3000 MAAM-007807-000SMB Package 1000 piece reel 3000 piece reel Sample Test Board
Absolute Maximum Ratings 3,4,5
Parameter RF Input Power Voltage Operating Temperature Junction Temperature
6
Absolute Maximum 8 dBm 8.0 volts -40C to +85C +150C -65C to +150C
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
Storage Temperature
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits. 5. These operating conditions will ensure MTTF > 1 x 106 hours. 6. Junction Temperature (TJ) = TC + jc * (V * I) Typical thermal resistance (jc) = 86 C/W. a) For TC = 25C, TJ = 51C @ 5 V, 60 mA b) For TC = 85C, TJ = 109C @ 5 V, 55 mA
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAM-007807
Broadband CATV Amplifier 50 - 1000 MHz
Electrical Specifications: TA = 25C, Freq: 50 - 1000 MHz, VDD = 5 Volts, Z0 = 75
Parameter Gain Gain Flatness Noise Figure Input Return Loss Output Return Loss Output IP3 Composite Triple Beat, CTB Composite Second Order, CSO P1dB IDD Test Conditions -- -- -- -- -- 6 MHz Spacing, +4 dBm output per tone 132 channels, +15 dBmV / channel at the input. 132 channels, +15 dBmV / channel at the input. -- 5 Volts Units dB dB dB dB dB dBm dBc dBc dBm mA Min. 8 -- -- -- -- -- -- -- -- 50 Typ. 9 0.4 3.8 18 18 35 -75 -65 17 60 Max. 10 0.8 4.8 -- -- -- -- -- -- 70
Rev. V2
Recommended Board Layout
Off-Chip Component Values
Component C1 - C4 Value 0.01 F 0.8 pF 1 H 3.3 nH 6.8 nH 300 Package 0402 0402 1210 0402 0402 0402
C3
GND
L1
C5 L17 L2 L3 R1
L3 C1 C5 C2 C4 R1 L2
7. L1 supplied from EPCOS, part number B82422A1102K100
Handling Procedures
Please observe the following precautions to avoid damage:
Schematic Including Off-Chip Components
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAM-007807
Broadband CATV Amplifier 50 - 1000 MHz
Typical Performance Curves
Gain vs. Frequency over Temperature
12
+25C -40C +85C
Rev. V2
Gain vs. Frequency over Temperature to 3 GHz
15
+25C -40C +85C
11 10 9 8
10
5
0
7 6 0 200 400 600 800 1000
-5 0 500 1000 1500 2000 2500 3000
Frequency (MHz)
Frequency (MHz)
S11 vs. Frequency over Temperature
-5
+25C -40C +85C
S22
-5
+25C -40C +85C
-10
-10
-15
-15
-20
-20
-25
-25
-30 0 200 400 600 800 1000
-30 0 200 400 600 800 1000
Frequency (MHz)
Frequency (MHz)
Noise Figure @ +25 C
7
6 5 4 3 2 1 0 200 400 600 800 1000
Frequency (MHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAM-007807
Broadband CATV Amplifier 50 - 1000 MHz
Lead-Free SOT-89 Plastic Package
Rev. V2
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements. Plating is 100% matte tin over copper.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAM-007807

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X