|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MAAL-007304 Low Noise Amplifier 0.5 - 3.0 GHz Features * * * * * Low Noise Figure: 0.7 dB at 2.3 GHz Single +3 to +5 V Supply Bias Low Current: 11.5 mA typical Lead-Free SOT-26 Plastic Package RoHS* Compliant and 260C Reflow Compatible Rev. V4 Functional Schematic Description M/A-COM's MAAL-007304 low noise amplifier is a GaAs MMIC amplifier in a lead-free SOT-26 surface mount plastic package. The MAAL-007304 employs a monolithic 2-stage self-biased design and can be biased between +3 to +5 volts, depending on system requirements. The MAAL-007304 offers low noise, low current, and high gain. It can be tuned for various applications from 0.5 to 3 GHz. M/A-COM fabricates the MAAL-007304 using a low noise pHEMT process to realize low noise and high gain. The process features full passivation for performance and reliability. Pin Configuration Pin No. 1 2 3 4 Pin Name VDD GND RFIN SRC GND RFOUT Description Bias Ground RF Input Source Ground RF Output Ordering Information Part Number MAAL-007304-000000 MAAL-007304-TR3000 MAAL-007304-001SMB 1,2 5 Package Bulk Packaging 3000 piece reel 6 Absolute Maximum Ratings 3,4 Parameter RF Input Power Voltage Operating Temperature Storage Temperature Absolute Maximum +10 dBm 6.0 volts -40C to +85C -65C to +150C Sample Board 2.3 - 2.5 GHz Tuning 1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts. 3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. MAAL-007304 Low Noise Amplifier 0.5 - 3.0 GHz Electrical Specifications: F = 2.3 GHz, VDD = +3 V, TA = +25C, ZO = 50 Parameter Gain Noise Figure Current Units dB dB mA Min. 24.0 -- -- Typ. 25.5 0.7 11.5 Max. 27.0 0.85 13.0 Rev. V4 Typical Performance: F = 2.3 GHz, VDD = +3 V, TA = +25C, ZO = 50 Parameter Input Return Loss Output Return Loss Input IP3 Output IP3 Output P1dB Units dB dB dBm dBm dBm Typ. 15 10 -6 19 7 Recommended PCB Configuration External Parts List Component C1 C2 C3, C4 L1 L2, L5 L3 L4 L6 TL1 TL2 Value 3 pF 8.2 pF 0.1 F 5.6 nH 6.8 nH 1.5 nH 3.9 nH 7.5 nH Footprint Manufacturer 0603 0603 0402 0402 0402 0402 0402 0402 ATC ATC Panasonic Panasonic Coilcraft Toko Toko Coilcraft 47.5 , 34 @ 2.3 GHz 47.5 , 15.5 @ 2.3 GHz Schematic 2 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. MAAL-007304 Low Noise Amplifier 0.5 - 3.0 GHz Typical Performance Curves Gain 35 Rev. V4 Input Return Loss 0 30 -5 +25C -40C +85C 25 -10 20 25C -40C +85C -15 15 2.1 2.2 2.3 2.4 2.5 -20 2.1 2.2 2.3 2.4 2.5 Frequency (GHz) Frequency (GHz) Output Return Loss 0 Noise Figure 2.0 +25C -40C +85C -5 1.5 -10 1.0 -15 +25C -40C +85C 0.5 -20 2.1 2.2 2.3 2.4 2.5 0.0 2.1 2.2 2.3 2.4 2.5 Frequency (GHz) Frequency (GHz) Output IP3 30 +25C -40C +85C Input IP3 5 +25C -40C +85C 25 0 20 -5 15 -10 10 2.1 2.2 2.3 2.4 2.5 -15 2.1 2.2 2.3 2.4 2.5 3 Frequency (GHz) Frequency (GHz) ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. MAAL-007304 Low Noise Amplifier 0.5 - 3.0 GHz Typical Performance Curves P1dB @ 2.3 GHz 35 +25C -40C +85C Rev. V4 30 25 20 15 -10 -5 0 5 10 Output Power (dBm) Lead-Free SOT-26 Plastic Package Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements. 4 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. |
Price & Availability of MAAL-007304-000000 |