Part Number Hot Search : 
B99030 MMC4050 44S025 B99030 B99030 XWS2412 M74HC157 MTM5N35
Product Description
Full Text Search
 

To Download LVIR9033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only SURFACE MOUNT LED TAPE AND REEL
Pb
Lead-Free Parts
LVIR9033
DATA SHEET
DOC. NO REV. DATE
:
QW0905-L VIR9033
:F : 31 - Jan - 2008
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033 Page 1/6
Package Dimensions
Cathode Mark
7.0MIN 7.0MIN 2.0 2.5
0.40.1
1.9
0.50.1
1.4 1.4 0.16 2.5 0.7
0.7
Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
Directivity Radiation
0 -30 30
-60
60
100% 75% 50%
25%
0
25%
50% 75% 100%
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033 Page 2/6
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol VIR Power Dissipation Peak Forward Current (300PPS,1s Pulse) Forward Current Reverse Voltage Electrostatic Discharge(*) Operating Temperature Storage Temperature PD IFP IF Vr ESD Topr Tstg
100 1 50 5
UNIT
mW A mA V
2000 -40 ~ +85 -40 ~ +85
V
Static Electricity or power surge will the Use of anti-electrosatic * glove is recommended when handingdamageLED.LED.devices, a conductive wrist band or must be properly these All equipment and machinery grounded.
Electrical Optical Characteristics (Aa=25)
PARAMETER Radiant Intensity Aperture Radiant Incidence Peak Emission Wavelength Spectral Line Half Width Forward Voltage Reverse Current Viewing Angle SYMBOL Le Ee
Min. 1.6 0.2
Typ. 2.7 0.4 940 50 1.2
Max.
UNIT mW/sr mW/cm nm nm
2
TEST CONDITION IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V
peak
VF IR 21/2
1.6 100
V
A
deg
20
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The radiant intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033 Page 3/6
Typical Electro-Optical Characteristics Curve
VIR CHIP
1000
Relative Radiant Intensity Normalize @20mA
1.0
Forward Current [mA]
100
10
0.5
1.0 0.1 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0.0 800 850 900 950 1000 1050 1100
Forward Voltage[V] Fig 3. Relative Radiant Power vs. Forward Peak Current Relative Radiant Power Normalized @ 20mA
10.0
Wavelength[nm] Fig.4 Relative Radiant Power vs. Forward Peak Current
10.0
Relative Radiant Power Normalized @ 100 mA
1.0 10 100
1.0
1.0
0.1
0.1 10 100 1000
IFDC[mA]
IFPK[mA]
Fig.5 Forward DC Voltage vs. Temperature Forw ard DC Voltage @ 20 mA Normalize @ 25
1.2
Fig.6 Relative Radiant Power vs. Temperature Relative Radiant Power @ 20mA, Normalize @ 25
3.0 2.5 2.0 1.5 1.0 0.5 0 -40 -20 0 20 40 60 80 100
1.1 1.0
0.9 0.8 -40 -20 0 20 40 60 80 100
Ambient Temperature []
Ambient Temperature []
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033 Recommended Soldering Conditions
1. Hand Solder Basic spec is 280 3 sec one time only.
Page 4/6
2. Wave Solder
Soldering heat Max. 260 2455 within 5 sec Preheat
120 ~ 150
120 ~ 180 sec
3-1. LEAD Reflow Solder
Temp. () 240
Rising +5/sec Cooling -5/sec
150 120
Preheat
60 ~ 120 sec
5sec
Time
3-2 PB-Free Reflow Solder
1~5C/sec 260C MaX. 10sec.Max
Preheat 180~200 C 1~5 C/sec
Above 220 C 60 sec.Max.
120 sec.Max.
Note: 1.Wave solder and reflow soldering should not be made more than one time. 2.You can just only select one of the soldering conditions as above.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033 Precautions For Use: Storage time:
1.The operation of Temperatures and RH are : 5 ~35,RH<60%. 2.Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with descanting agent. Considering the tape life, we suggest our customers to use our products within a year(from production date). 3.If opened more than one week in an atmosphere 5 ~ 35,RH<60%, they should be treated at 605 fo r 15hrs.
Page 5/6
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series with the LED. Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd current should not be allowed to change by more than 40 % of its desired value.
Circuit model A LED
Circuit model B LED
(A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033 Reliability Test: Page 6/6
Classification
Test Item
Test Condition
1.Ta=Under Room Temperature As Per Data Sheet Maximum Rating. 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Reference Standard
MIL-STD-750D: 1026 MIL-STD-883D: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test Endurance Test Low Temperature Storage Test
1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883D:1008 JIS C 7021: B-10
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
High Temperature High Humidity Storage Test
1.IR-Reflow In-Board, 2 Times 2.Ta=65 5 3.RH=90 %~95% 4.t=1000hrs 2hrs 1.IR-Reflow In-Board,2 times 2.Ta=105 5& -40 5 (10min) (10min) 3.total 10 cycles 1.T.Sol=235 5 2.Immersion time 2 0.5sec 3.Immersion rate 25 2.5mm/sec 4.Immersion rate 25 2.5mm/sec 5.Coverage 95% of the dipped surface 1.105 ~ 25 ~ 55 ~ 25 30mins 5mins 30mins 5mins 2.10 Cyeles
MIL-STD-202F:103B JIS C 7021: B-11
Thermal Shock Test
MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1011 MIL-STD-202F: 208D MIL-STD-750D: 2026 MIL-STD-883D: 2003 IEC 68 Part 2-20 JIS C 7021: A-2 MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1010 JIS C 7021: A-4
Solderability Test
Temperature Cycling Environmental Test
Solderability Test
Ramp-up rate(183 to Peak) +3 second max Temp. maintain at 125( 25) 120 seconds max Temp. maintain above 183 60-150 seconds Peak temperature range 235 +5-0 Time within 5 of actual Peak Temperature(tp) 10-30 seconds Ramp-down rate +6 /second max
MIL-STD-750D:2031.2 J-STD-020


▲Up To Search▲   

 
Price & Availability of LVIR9033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X