Part Number Hot Search : 
MAX4571 R61A106 X0202DA CONTROL BT2222 226X0 2N3392 WKO332
Product Description
Full Text Search
 

To Download LVIR9033-TR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only SURFACE MOUNT LED TAPE AND REEL
Pb
Lead-Free Parts
LVIR9033/TR2
DATA SHEET
DOC. NO REV. DATE
:
QW0905-L VIR9033/TR2
:C : 04 - Aug - 2005
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033/TR2 Page 1/7
Package Dimensions
Cathode
2.5
0.40.1
0.50.1
2.0
5.8O 0.5
r 1.9
3.05O 0.5 1.4 2.8 0.7 4.3O 0.5 Note : 1.All dimension are in millimeter tolerance is O 0.2mm unless otherwise noted. 2.Specifications are subject to change without notice.
Carrier Type Dimensions
4.0
0.3
9.3 120.3 5.5
6.43
Polarity
1.75 2.0 4.0 1.55 3.05
Note : The tolerances unless mentioned is O 0.2mm,Angle O 0.5. Unit=mm.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033/TR2 Page 2/7
Reel Dimensions
16.0O 1.0
r 178O 2.0
14.2O 1.0
74.0O 1.5
Description 12.0mm tape,7"reel
Quantity/Reel 1500 devices
Features:
1. High radiant intensity. 2. Suitable for pulsed applications. 3. Low average degradation.
Descriptions:
The LVIR9033/TR2 series are super-high efficiency Gallium Aluminum Arsenide infrared emitting diodes encapsulated in water clear plastic T-1 3/4 package individually
Device Selection Guide:
PART NO LVIR9033/TR2
MATERIAL GaAIAs
LENS COLOR Water Clear
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033/TR2 Page 3/7
Absolute Maximum Ratings at Ta=25 J
Ratings Parameter Symbol VIR Power Dissipation Peak Forward Current (300PPS,1g s Pulse) Forward Current Reverse Voltage Electrostatic Discharge Operating Temperature Storage Temperature Soldering Temperature PD IFP IF Vr ESD Topr Tstg Tsol
100 3 50 5
UNIT
mW A mA V
2000 -55 ~ +100 -55 ~ +100 Max 260J for 5 sec Max (2mm from body)
V J J
Electrical Optical Characteristics (Aa=25J )
PARAMETER Radiant Intensity Aperture Radiant Incidence Peak Emission Wavelength Spectral Line Half Width Forward Voltage Reverse Current Viewing Angle SYMBOL Le Ee
Min. 1.6 0.2
Typ. 2.7 0.4 940 50
Max.
UNIT mW/sr mW/cm nm nm
2
TEST CONDITION IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V
f peak f
VF IR 2c 1/2
1.2
1.6 100
V
g A
deg
20
Note : 1.The forward voltage data did not including O 0.1V testing tolerance. 2. The radiant intensity data did not including O 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033/TR2 Page 4/7
Typical Electro-Optical Characteristics Curve
VIR CHIP
1000
Relative Radiant Intensity Normalize @20mA
1.0
Forward Current [mA]
100
10
0.5
1.0 0.1 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0.0 800 850 900 950 1000 1050 1100
Forward Voltage[V] Fig 3. Relative Radiant Power vs. Forward Peak Current Relative Radiant Power Normalized @ 20mA
10.0
Wavelength[nm] Fig.4 Relative Radiant Power vs. Forward Peak Current
10.0
1.0
Relative Radiant Power Normalized @ 100 mA
1.0 10 100
1.0
0.1
0.1 10 100 1000
IFDC[mA]
IFPK[mA]
Fig.5 Forward DC Voltage vs. Temperature Forw ard DC Voltage @ 20 mA Normalize @ 25J
1.2
Fig.6 Relative Radiant Power vs. Temperature
3.0 2.5 2.0 1.5 1.0 0.5 0 -40 -20 0 20 40 60 80 100
1.1 1.0
0.9 0.8 -40 -20 0 20 40 60 80 100
Relative Radiant Power @ 20mA, Normalize @ 25J
Ambient Temperature [J ]
Ambient Temperature [J ]
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033/TR2 Recommended Soldering Conditions
1. Hand Solder Basic spec is O 280J 3 sec one time only.
Page 5/7
2. Wave Solder
Soldering heat Max. 260J 245O 5J within 5 sec Preheat
120 ~ 150J
120 ~ 180 sec
3-1. LEAD Reflow Solder
Temp. (J ) 240
Rising +5J /sec Cooling -5J /sec
150 120
Preheat
60 ~ 120 sec
5sec
Time
3-2 PB-Free Reflow Solder
1~5 C/sec 260 C MaX. 10sec.Max
Preheat 180~200 C 1~5 C/sec
Above 220 C 60 sec.Max.
120 sec.Max.
Reflow Soldering should not be done more than two times.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033/TR2 Precautions For Use: Storage time:
1.The operation of Temperatures and RH are : 5 J ~35J ,RH60%. 2.Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with descanting agent. Considering the tape life, we suggest our customers to use our products within a year(from production date). 3.If opened more than one week in an atmosphere 5 J ~ 35J ,RH60%, they should be treated at 60JO 5 J fo r 15hrs.
Page 6/7
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series with the LED. Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd current should not be allowed to change by more than 40 % of its desired value.
Circuit model A LED
Circuit model B LED
(A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVIR9033/TR2 Page 7/7
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resisance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under ondition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65JO 5J 2.RH=90 %~95 % 3.t=240hrs O 2hrs
The purpose of this test is the resistance of the device under tropical for hous.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 J O 5J &-40JO (10min) (10min) 2.total 10 cycles
5J
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 JO 5J 2.Dwell time= 10 O 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 JO 5J 2.Dwell time=5 O 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LVIR9033-TR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X