|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RoHS Ferrite Core Chip Inductors Dimensions: Inches (mm) .034 (0.86) 0.013 (0.33) 0.05 (1.25) 0.07 (1.8) LS03 0.013 (0.33) 0.03 (0.76) Terminal wrap around: 0.15 mm min. Both Ends 0.015 (0.38) .025 (0.64) 0.04 (1.02) 0.04 (1.02) 0.025 (0.64) Allied Part Number LS03-47NJ-RC LS03-72NJ-RC LS03-R10J-RC LS03-R12J-RC LS03-R15J-RC LS03-R18J-RC LS03-R22J-RC LS03-R24J-RC LS03-R27J-RC LS03-R33J-RC LS03-R39J-RC LS03-R47J-RC LS03-R56J-RC LS03-R68J-RC LS03-R78J-RC LS03-R82J-RC LS03-1R0J-RC LS03-1R2J-RC LS03-1R5J-RC LS03-1R8J-RC LS03-2R2J-RC LS03-2R7J-RC LS03-3R3J-RC LS03-3R9J-RC LS03-4R7J-RC LS03-5R6J-RC LS03-6R8J-RC LS03-7R8J-RC LS03-8R2J-RC LS03-100J-RC Inductance (uH) .047 .072 0.10 0.12 0.15 0.18 0.22 0.24 0.27 0.33 0.39 0.47 0.56 0.68 0.78 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 7.80 8.20 10.00 Tolerance (%) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Q TYP. 17 17 17 17 17 17 17 17 17 17 17 17 17 17 17 17 18 17 17 17 17 17 17 17 18 18 19 17 17 19 Test Freq. (MHz) 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 SRF Min. (MHz) 1700 1700 1650 1350 1350 1150 1050 1050 1050 850 810 720 600 600 460 480 310 270 270 230 140 105 84 80 69 65 55 47 42 40 DCR Max. () .075 0.12 0.13 0.15 0.15 0.15 0.16 0.19 0.30 0.46 0.51 0.62 0.44 0.52 0.83 0.69 0.81 0.87 1.06 1.10 1.20 1.50 1.50 1.60 2.10 2.60 3.10 3.50 3.60 4.80 IDC (mA) 1500 1500 1500 1500 1450 1400 1350 1300 1050 1200 1200 1050 850 850 850 750 600 550 540 520 500 480 440 430 420 400 400 400 400 300 * * * * * Features 0603 SMD for Auto Insertion Low DCR for Low Loss Application Excellent Solderablity Characteristics Highly resistant to mechanical forces Excellent reliability in temperature and and climate change Electrical Inductance Range: .047uh to 10uh Tolerance: 5% Across entire range also available in 10% and 20%. Test Frequency: ( L / Q ) 7 . 9 M h z @ 2 0 0 m v Operating Temp: -25C ~ 85C IDC: Inductance drop 10% Typ. from original value with no current Resistance to Soldering Heat Pre-Heat 150C, 1 minute Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temp: 260C peak for 10 sec Test time: 6 minutes Test Equipment (L/Q): HP4286A / HP4287A / Agilent E4991A (DCR): Chen Hwa 502BC (SRF): Agilent E4991A (IDC): HP4284A with HP42841A /HP4285A with HP42841A Physical Packaging: 4000 pieces per 7 inch reel Marking: Single Dot Color Code All specifications subject to change without notice. 714-665-1140 ALLIED COMPONENTS INTERNATIONAL REVISED 12/30/08 www.alliedcomponents.com |
Price & Availability of LS03-72NJ-RC |