Part Number Hot Search : 
SK3A5P0 SMG5D60D NTE2375 SHD114 PMD10K60 LU221 A2B15 D3FS4A10
Product Description
Full Text Search
 

To Download LB240DS01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
240MHz SAW Filter 30MHz Bandwidth
Part Number: LB240DS01
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth Passband Variation Ultimate Rejection(f035MHz) Group Delay Variation Subatrate Material Ambient Temperature Package Size C
Unit
MHz dB MHz MHz MHz dB
Minimum
Typical
240 15.1
Maximum
16
30
32.15 34.34 44.54 0.9 65 2
dB nsec
35
38 60 YZ 25
SMD0705A (7x5x1.6mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1
L2
L1=27+27nH
C1 C2
L2=22+18nH
C1=15pF
C2=18pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LB240DS01 2005-6-27 4.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
240MHz SAW Filter 30MHz Bandwidth
Part Number: LB240DS01
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
8 9
7
6 5
10 1 2 3
4
1 10
2
3 4
9
5
Input:9 Output:4
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LB240DS01 2005-6-27 4.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
240MHz SAW Filter 30MHz Bandwidth
Part Number: LB240DS01
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-8
Passband Respond
-22.7895
-9
-10
-32.7895
-11
-42.7895
-12
-52.7895
-13
-62.7895
-14
-15
-72.7895
-16
-82.7895
-17
-92.7895
180
195
210
225
240
255
270
285
300
1.9
2
2.1
2.2
2.3
2.4 2.5 f scale=10MHz
2.6
2.7
2.8
2.9 x 10
8
Wideband Respond
-13.3244
Group delay variation(f015MHz)
-23.3244
-33.3244
-43.3244
-53.3244
-63.3244
-73.3244
-83.3244
-93.3244
200.9
400.8
600.7
800.6
1000.5
1200.4
1400.3
1600.2
1800.1
VSWR
S11
VSWR S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LB240DS01 2005-6-27 4.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LB240DS01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X