Part Number Hot Search : 
SCDS64B 01610 TSOP4830 F9NK80Z LM2029 61010 102MH MCZ338
Product Description
Full Text Search
 

To Download LANC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rev B
LAN C SERIES
TO 3 WATTS - LAN C SERIES
Single and Dual Output DIP Package
TO 3 WATTS
FEATURES
* Miniature Dual In-Line Package * Two Levels of Isolation Available * Low Reflected Ripple Current * Regulated * Ripple/Noise: 50mV p-p typical * 3KV isolation option
THE LAN C SERIES FROM WALL INDUSTRIES
Offering alternate combinations from four different input voltage ranges; nine different output voltages; two levels of isolation and three tiers of power, the LAN C Series of DC/DC converters can be tailor-made to fit most any low power conversion requirement.
SPECIFICATIONS: LAN C SERIES
All specifications apply @ +25 C ambient unless otherwise noted.
INPUT SPECIFICATIONS
Input Voltage Range ....5, 12, 15, 24,48VDC 10% Input Filtering ........................................Pi Network
GENERAL SPECIFICATIONS
Efficiency (typical) ..................................55 to 65% Isolation Voltage (input to output)500VDC or 3000VDC Switching Frequency ..........................40kHz (min.)
OUTPUT SPECIFICATIONS
Output Current ........................................see table Voltage Tolerance ..........5 (nom. line, 100% load) Line Regulation: Regulated ..........................1.0% Load Regulation: Regulated(H option L & L = .5%)1.0% Ripple/Noise (20MHz BW) ......................50mV p-p Short Circuit Protection ........................continuous
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ......................-25 to 71C Storage Temperature ......................-40 to +125C Cooling ....................................Free air convection
PHYSICAL SPECIFICATIONS
Dimensions: ......................................1.25 x 0.8 x 0.4" Case Material.................Non-conductive black plastic
Due to advances in technology, specifications subject to change without notice.
6/13/08
1
603 778 2300
WWW.WALLINDUSTRIES.COM
Rev B
TO 3 WATTS
5VDC 10% INPUT VOLTAGE 12VDC 10% INPUT VOLTAGE RANGE RANGE
Output Output Model Voltage Current Number (VDC) (mA) (SEE NOTES) Output Output Model Voltage Current Number (VDC) (mA) (SEE NOTES)
LAN C SERIES
15VDC 10% INPUT VOLTAGE RANGE
Output Output Model Voltage Current Number (VDC) (mA) (SEE NOTES)
24VDC 10% INPUT VOLTAGE RANGE
Output Output Model Voltage Current Number (VDC) (mA) (SEE NOTES)
5 5 5 9 9 9 12 12 12 15 15 15 5 5 5 9 9 9 12 12 12 15 15 15
300 400 600 170 250 300 125 166 250 100 133 200 150 200 300 90 110 165 60 83 125 50 67 100
LANC505R LANC505R2 LANC505R3 LANC509R LANC509R2 LANC509R3 LANC512R LANC512R2 LANC512R3 LANC515R LANC515R2 LANC515R3 LANC505RD LANC505RD2 LANC505RD3 LANC509RD LANC509RD2 LANC509RD3 LANC512RD LANC512RD2 LANC512RD3 LANC515RD LANC515RD2 LANC515RD3
5 5 5 9 9 9 12 12 12 15 15 15 5 5 5 9 9 9 12 12 12 15 15 15
300 400 600 170 250 300 125 166 250 100 133 200 150 200 300 90 110 165 60 83 125 50 67 100
LANC1205R LANC1205R2 LANC1205R3 LANC1209R LANC1209R2 LANC1209R3 LANC1212R LANC1212R2 LANC1212R3 LANC1215R LANC1215R2 LANC1215R3 LANC1205RD LANC1205RD2 LANC1205RD3 LANC1209RD LANC1209RD2 LANC1209RD3 LANC1212RD LANC1212RD2 LANC1212RD3 LANC1215RD LANC1215RD2 LANC1215RD3
5 5 5 9 9 9 12 12 12 15 15 15 5 5 5 9 9 9 12 12 12 15 15 15
300 400 600 170 250 300 125 166 250 100 133 200 150 200 300 90 110 165 60 83 125 50 67 100
LANC1505R LANC1505R2 LANC1505R3 LANC1509R LANC1509R2 LANC1509R3 LANC1512R LANC1512R2 LANC1512R3 LANC1515R LANC1515R2 LANC1515R3 LANC1505RD LANC1505RD2 LANC1505RD3 LANC1509RD LANC1509RD2 LANC1509RD3 LANC1512RD LANC1512RD2 LANC1512RD3 LANC1515RD LANC1515RD2 LANC1515RD3
5 5 5 9 9 9 12 12 12 15 15 15 5 5 5 9 9 9 12 12 12 15 15 15
300 400 600 170 250 300 125 166 250 100 133 200 150 200 300 90 110 165 60 83 125 50 67 100
LANC2405R LANC2405R2 LANC2405R3 LANC2409R LANC2409R2 LANC2409R3 LANC2412R LANC2412R2 LANC2412R3 LANC2415R LANC2415R2 LANC2415R3 LANC2405RD LANC2405RD2 LANC2405RD3 LANC2409RD LANC2409RD2 LANC2409RD3 LANC2412RD LANC2412RD2 LANC2412RD3 LANC2415RD LANC2415RD2 LANC2415RD3
PIN CONNECTIONS
NOTE: For 3KV isolation add suffix "H" to part number ("H" suffix not available for 3 watt models)
Isolation Single Vin + Vin Vout + Common 1, 24 12, 13 11, 14 500 VDC Dual 1, 24 12, 13 11, 14 3, 10, 15, 22 Vout No Connect 10, 15 2, 3 22, 23 No Pins 2, 23 12 10, 11 14, 15 3,22 3,22
6/13/08
3000 VDC* Single 1, 2 23, 24 13 Dual 1, 2 23, 24 15 10, 11
13 12, 14
WWW.WALLINDUSTRIES.COM
603 778 2300
2
Rev B
LAN C SERIES
NOTES:
TO 3 WATTS
1. Also available with 48VDC in. To specify, insert "48" in part number in place of input voltage. 2. 2 watt models available with 3000VDC I/O isolation. Add"H" onto end of part number for 3000VDC Input/Output isolation. This feature is not available for 3 watt models 3. All DC/DC Converters should be properly fused on front end for protection.
all case and pin-to-case dimensions for reference only unless otherwise noted.
6/13/08
3
603 778 2300
WWW.WALLINDUSTRIES.COM


▲Up To Search▲   

 
Price & Availability of LANC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X