Part Number Hot Search : 
ADJ51006 CYW2336 1202A 244MT IDT7202 ACTR423 P0102 D78F0
Product Description
Full Text Search
 

To Download L2N7002WT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Small Signal MOSFET 115 mA, 60 V
N-Channel SOT-323
*
We declare that the material of product compliance with RoHS requirements.
L2N7002WT1G
3
1 2
MAXIMUM RATINGS
Rating Drain-Source Voltage Drain-Gate Voltage (RGS = 1.0 M) Drain Current - Continuous TC = 25C (Note 1.) - Continuous TC = 100C (Note 1.) - Pulsed (Note 2.) Gate-Source Voltage - Continuous - Non-repetitive (tp 50 s) Symbol VDSS VDGR ID ID IDM Value 60 60 115 75 800 Unit Vdc Vdc mAdc
SOT- 323 (SC-70)
115 mAMPS 60 VOLTS R DS(on) = 7.5 W
N - Channel 3
VGS VGSM
20 40
Vdc Vpk
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (Note 3.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(Note 4.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 RJA TJ, Tstg 417 -55 to +150 C/W C Unit
1
mW mW/C
2
RJA PD
C/W mW mW/C
MARKING DIAGRAM & PIN ASSIGNMENT
Drain
3
6C W
1 2
1. The Power Dissipation of the package may result in a lower continuous drain current. 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. 3. FR-5 = 1.0 x 0.75 x 0.062 in. 4. Alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina.
Gate 6C W
Source = Device Code = Work Week
ORDERING INFORMATION
Device L2N7002WT1G L2N7002WT3G Marking 6C 6C Shipping 3000 Tape & Reel 10000 Tape & Reel
1/4
LESHAN RADIO COMPANY, LTD.
L2N7002WT1G
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 10 Adc) Zero Gate Voltage Drain Current (VGS = 0, VDS = 60 Vdc) Gate-Body Leakage Current, Forward (VGS = 20 Vdc) Gate-Body Leakage Current, Reverse (VGS = -20 Vdc) TJ = 25C TJ = 125C V(BR)DSS IDSS IGSSF IGSSR 60 - - - - - - - - - - 1.0 500 100 -100 Vdc Adc nAdc nAdc
ON CHARACTERISTICS (Note 2.)
Gate Threshold Voltage (VDS = VGS, ID = 250 Adc) On-State Drain Current (VDS 2.0 VDS(on), VGS = 10 Vdc) Static Drain-Source On-State Voltage (VGS = 10 Vdc, ID = 500 mAdc) (VGS = 5.0 Vdc, ID = 50 mAdc) Static Drain-Source On-State Resistance TC = 25C (VGS = 10 V, ID = 500 mAdc) TC = 125C (VGS = 5.0 Vdc, ID = 50 mAdc) TC = 25C TC = 125C Forward Transconductance (VDS 2.0 VDS(on), ID = 200 mAdc) VGS(th) ID(on) VDS(on) - - rDS(on) - - - - gFS 80 1.4 - 1.8 - - 7.5 13.5 7.5 13.5 - mmhos - - 3.75 0.375 Ohms 1.0 500 1.6 - 2.5 - Vdc mA Vdc
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Output Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Ciss Coss Crss - - - 17 10 2.5 50 25 5.0 pF pF pF
SWITCHING CHARACTERISTICS (Note 2.)
Turn-On Delay Time Turn-Off Delay Time (V DD = 25 Vdc , ID ^ 500 mAdc, RG = 25 , RL = 50 , Vgen = 10 V) td(on) td(off) - - 7 11 20 40 ns ns
BODY-DRAIN DIODE RATINGS
Diode Forward On-Voltage (IS = 11.5 mAdc, VGS = 0 V) Source Current Continuous (Body Diode) Source Current Pulsed 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. VSD IS ISM - - - - - - -1.5 -115 -800 Vdc mAdc mAdc
2/4
LESHAN RADIO COMPANY, LTD.
L2N7002WT1G
TYPICAL ELECTRICAL CHARACTERISTICS
2.0 1.8 I D, DRAIN CURRENT (AMPS) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 VDS, DRAIN SOURCE VOLTAGE (VOLTS) TA = 25C VGS = 10 V 9V 8V 7V 6V 5V 4V 3V 9.0 10 ID, DRAIN CURRENT (AMPS) 0.8 0.6 0.4 0.2 1.0 VDS = 10 V -55C 125C 25C
0
1.0
2.0 3.0 4.0 5.0 6.0 7.0 8.0 VGS, GATE SOURCE VOLTAGE (VOLTS)
9.0
10
Figure 1. Ohmic Region
Figure 2. Transfer Characteristics
r DS(on) , STATIC DRAIN-SOURCE ON-RESISTANCE (NORMALIZED)
VGS(th), THRESHOLD VOLTAGE (NORMALIZED)
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VGS = 10 V ID = 200 mA
1.2 1.05 1.1 1.10 1.0 0.95 0.9 0.85 0.8 0.75 0.7 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VDS = VGS ID = 1.0 mA
Figure 3. Temperature versus Static Drain-Source On-Resistance
Figure 4. Temperature versus Gate Threshold Voltage
3/4
LESHAN RADIO COMPANY, LTD.
L2N7002WT1G
SC-70 (SOT-323)
D e1
3
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
HE
1 2
E
b e
A 0.05 (0.002)
A2 L
c
DIM A A1 A2 b c D E e e1 L HE
MIN 0.80 0.00 0.30 0.10 1.80 1.15 1.20
2.00
MILLIMETERS NOM MAX 0.90 1.00 0.05 0.10 0.7 REF 0.35 0.40 0.18 0.25 2.10 2.20 1.24 1.35 1.30 1.40 0.65 BSC 0.425 REF 2.10 2.40
MIN 0.032 0.000 0.012 0.004 0.071 0.045 0.047
0.079
INCHES NOM 0.035 0.002 0.028 REF 0.014 0.007 0.083 0.049 0.051 0.026 BSC 0.017 REF 0.083
MAX 0.040 0.004 0.016 0.010 0.087 0.053 0.055
0.095
A1
GENERIC MARKING DIAGRAM
SOLDERING FOOTPRINT*
0.65 0.025 0.65 0.025 XX
M
XXM 1 = Specific Device Code = Date Code = Pb-Free Package
G 1.9 0.075 0.9 0.035 0.7 0.028
SCALE 10:1
*This information is generic. Please refer to device data sheet for actual part marking. Pb-Free indicator, "G" or microdot " G", may or may not be present.
mm inches
4/4
LESHAN RADIO COMPANY, LTD.
Tape & Reel and Packaging Specifications for Small-Signal Transistors, FETs and Diodes
Embossed Tape and Reel is used to facilitate automatic pick and place equipment feed requirements. The tape is used as the shipping container for various products and requires a minimum of handling. The antistatic/conductive tape provides a secure cavity for the product when sealed with the "peel-back" cover tape. * Two Reel Sizes Available (7"and 13",) * SOT-23, SC-70/SOT-323, * Used for Automatic Pick and Place Feed Systems SC-89, SC-88/SOT-363, SC-88A/SOT-353, * Minimizes Product Handling SOD-323, SOD-523 in 8 mm Tape * EIA 481, -1, -2 Use the standard device title and add the required suffix as listed in the option table below (Table 1). Note that the individual reels have a finite number of devices depending on the type of product contained in the tape. Also note the minimum lot size is one full reel for each line item, and orders are required to be in increments of the single reel quantity.
SOD-323 8 mm
SC-59, SC-70, SC-75,SOT-23 8 mm
SC-88, SOT-363 T1 Orientation 8 mm
SC-88A, SOT-353 T1 Orientation 8 mm
Direction of Feed
Typical Reel Orientations
Table 1. EMBOSSED TAPE AND REEL ORDERING INFORMATION
Tape Width (mm) 8 8 8 SC-70/SOT-323 8 8 SC-89 8 SC-88/SOT-363 8 8 8 SC-88A/SOT-353 8 8 8 8 SOD-523 8 330 (13) 10,000 T3 4 4 4 4 330 178 330 178 330 178 330 178 (13) (7) (13) (7) (13) (7) (13) (7) 10,000 T3 3,000 T1 10,000 T3 3,000 T1 10,000 T3 3,000 T1 10,000 T3 3,000 T1 4 4 4 Pitch mm Reel Size mm(inch) 178 330 178 330 178 Devices Per Reel and Minimum Order Quantity (7) (13) (7) (13) (7) Device Suffix 3,000 T1 10,000 T3 3,000 T1 10,000 T3 3,000 T1
Package
SOT-23
SOD-323
LESHAN RADIO COMPANY, LTD.
EMBOSSED TAPE AND REEL DATA FOR DISCRETES CARRIER TAPE SPECIFICATIONS
K t Top Cover Tape B1 K0 See Note 1 D
P0
P2
10 Pitches Cumulative Tolerance on Tape 0.2mm( 0.008'' )
E A0 F B0 P Embossment Center Lines of Cavity D1 For Components 2.0mm x 1.2mm and Larger W
For Machine Reference Only Including Draft and RADII Concentric Around B0
User Direction of Feed
10
o
R Min Bar Code Label Tape and Components Shall Pass Around Radius "R" Embossed Carrier Bending Radius Without Damage 100 mm (3.937 '') Maximum Component Rotation 1 mm Max Typical Component Cavity Center Line
*Top Cover Tape Thickness(t 1 ) 0.10mm (0.004'' )Max.
Embossment
Tape
Typical Component Center Line
1 mm(.039'' ) Max 250 mm (9.843'') Camber (Top View) Allowable Camber To Be 1 mm/100 mm Nonaccumulative Over 250 mm
DIMENSIONS Tape Size 8mm B1 Max D 1.5+0.1mm - 0.0 (.059+.004'' - 0.0) D1 E F 3.5 0.05mm (.138.002'') 5.5 0.05mm (.217 .002'') 7.5 0.10mm (.295 .004'') 11.5 0.1mm (.453 .004'') K P0 P2 2.0 0.1mm (.079 .002'') RMin TMax 25mm 0.6mm (.98'') (.024'') 30mm (1.18'') WMax 8.3mm (.327'') 12 .30mm (.470 .012'') 16.3mm (.642'') 24.3mm (.957'')
4.55mm (.179'') 8.2mm 12mm (.323'') 12.1mm 16mm (.476'') 20.1mm 24mm (.791'')
1.0Min 1.75 0.1mm (.039'') (.069.004) 1.5mmMin (.060'')
2.4mm Max 4.0 0.1mm (.094'') (.157 .004'') 6.4mm Max (.252'') 7.9mm Max (.311'') 11.9mmMax (.468'')
Metric dimensions govern - English are in parentheses for reference only. NOTE 1: A 0 , B 0 , and K 0 are determined by component size. The clearance between the components and the cavity must be within .05 mm min. to.50 mm max., NOTE 2: the component cannot rotate more than 10 o within the determined cavity. NOTE 3: If B1 exceeds 4.2 mm (.165") for 8 mm embossed tape, the tape may not feed through all tape feeders.
LESHAN RADIO COMPANY, LTD.
EMBOSSED TAPE AND REEL DATA FOR DISCRETES
T Max Outside Dimension Measured at Edge 13.0mm 0.5mm 1.5mm Min (.512 .002'') (.06'') A
20.2mm Min (.795'')
50mm Min (1.969'')
Full Radius
G Inside Dimension Measured Near Hub
Size 8 mm 12mm 16mm 24 mm
A Max 330mm (12.992'') 330mm (12.992'') 360mm (14.173'') 360mm (14.173'')
G 8.4mm+1.5mm, -0.0 (.33''+.059'', -0.00) 12.4mm+2.0mm, -0.0 (.49 ''+ .079'', -0.00) 16.4mm+2.0mm, -0.0 (.646''+.078'', -0.00) 24.4mm+2.0mm, -0.0 (.961''+.070'', -0.00)
T Max 14.4mm (.56'') 18.4mm (.72'') 22.4mm (.882'') 30.4mm (1.197'')
Reel Dimensions
Metric Dimensions Govern -- English are in parentheses for reference only
Storage Conditions Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred) Humidity: 30 to 80 RH (40 to 60 is preferred ) Recommended Period: One year after manufacturing (This recommended period is for the soldering condition only. The characteristics and reliabilities of the products are not restricted to this limitation)


▲Up To Search▲   

 
Price & Availability of L2N7002WT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X