|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CHENMKO ENTERPRISE CO.,LTD SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 15.0 Amperes FEATURES * * * * Superior thermal design 300 amperes surge rating 1/4" universal faston terminal Hole thru for # 8 screw KBPC15005PT THRU KBPC1510PT MECHANICAL DATA Case: JEDEC KBPC-15 molded plastic Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting position: Any Polarity: Polarity symbols marked on body MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%. KBPC-15 SYMBOL VRRM VRMS VDC IO UNITS Volts Volts Volts Amps MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 55oC KBPC1501PT KBPC15005PT KBPC1502PT KBPC1504PT KBPC1506PT KBPC1508PT KBPC1510PT 50 35 50 100 70 100 200 140 200 400 280 400 15.0 600 420 600 800 560 800 1000 700 1000 Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) IFSM 300 Amps Operating and Storage Temperature Range TJ,TSTG -55 to +150 o C ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 7.5 A DC Maximum Reverse Current at rated DC blocking Voltage per element @ TA = 25oC IR @ TC = 100oC 0.5 mAmps 2001-6 SYMBOL VF KBPC1501PT KBPC15005PT KBPC1502PT KBPC1504PT KBPC1506PT KBPC1508PT KBPC1510PT UNITS Volts uAmps 1.1 10 FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 25 20 15 10 5 0 0 25 50 75 100 125 150 175 200 CASE TEMPERATURE, ( oC ) FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS INSTANTANEOUS REVERSE CURRENT, (uA) Single Half Wave 60HZ Resistive or Inductive Load PEAK FORWARD SURGE CURRENT, (A) FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 350 300 250 200 150 100 50 0 8.3 ms Single Half Sine-Wave (JEDEC Method) 0 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60HZ FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 4 TJ = 100oC 100 INSTANTANEOUS FORWARD CURRENT, (A) 10 1.0 0.4 TJ = 25oC 1.0 0.1 .04 TJ = 25oC PULSE WIDTH=300uS 1% DUTY CYCLE 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, (V) .01 1 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) .452 MAX. (11.5) .042(1.1) DIA. .039(1.0) TYP. 1.181(30.0) 1.102(28.0) .673(17.1) .633(16.1) 1.181(30.0) 1.102(28.0) .452 MAX. (11.5) .591 (15.0) MAX. HOLE FOR NO. 8 SCREW HOLE FOR NO. 8 SCREW 1.181(30.0) 1.102(28.0) AC AC .732(18.6) .692(17.6) AC .673(17.1) 1.181(30.0) .633(16.1) 1.102(28.0) .732(18.6) .692(17.6) AC .468(11.9) .429(10.9) KBPC-15 .582(14.8) .543(13.8) .033 x .250 (0.8 x 6.4) .732(18.6) .692(17.6) KBPC-15W |
Price & Availability of KBPC1508PT |