Part Number Hot Search : 
GBU12J DT74ALV KBPC50 4HC25 DG202D 2SJ50 4R3ML S911201
Product Description
Full Text Search
 

To Download JXWBGF-T-2-1000-2000-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Divider
The content of this specification may change without notification 7/01/09
Power Divider
Coaxial
General Power Divider (SMA Connectors)
Freq u e nc y Ra n ge P/ N (G Hz) (d B ) m ax 0 .3 5 0. 6 1. 0 0 .3 5 0. 6 0. 6 0. 8 0. 3 0. 6 1. 0 1. 2 0. 7 1. 3 2. 2 1. 2 2. 2 2. 2 (d B ) min 20 20 20 20 18 20 20 25 20 18 18 18 16 18 18 18 15 (d B ) ma x 0 .2 0 .3 0 .4 0 .2 0 .3 0 .3 0 .4 0 .2 0 .3 0 .3 0 .4 0 .4 0 .5 0 .8 0 .8 0 .8 0 .8 () ma x 2 3 5 2 3 5 1 .5 3 3 4 5 8 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 1 .2 1 .2 5 1 .3 1 .2 5 1 .3 1 .3 1 .3 1 .2 1 .2 5 1 .3 1 .5 1 .5 1 .6 1 .8 1 .6 1 .8 1 .8 1 .1 5 1. 2 1. 2 1. 2 1. 3 1. 2 1. 2 1. 2 1. 2 1 .2 5 1 .2 5 1. 5 1. 5 1. 5 1. 5 1. 6 1. 5 2 8 x28 x1 0 4 3 x56 x1 0 63 x1 0 8 x10 2 8 x28 x1 0 5 2 x41 x1 0 4 3 x56 x1 0 63 x1 0 8 x10 2 8 x28 x1 0 2 8 x28 x1 0 4 3 x56 x1 0 63 x1 0 8 x10 3 0 x24 x1 0 45 x5 0 .5 x1 0 57 .5 x1 0 1 .5 x10 3 2 x39 x1 0 50 x7 5 .5 x1 0 76 x1 5 4 x10 (W) (W) (m m) N-Wa y I nse rtio n Lo ss Iso lat ion A mp lit ud e Ba la nc e P ha se Ba la nc e P o wer Fo rwa rd P ow er Re ve rse In pu t V S WR Ou tp u t VS WR S ize LxW x H
JX WB GF-T-2-1 0 00 -2 00 0 -2 JX WB GF-T-4-1 0 00 -2 00 0 -2 JX WB GF-T-8-1 0 00 -2 00 0 -2 JX WBG F-T-2 -2 00 0 -40 0 0 JX WBG F-T-3 -2 00 0 -40 0 0 JX WBG F-T-4 -2 00 0 -40 0 0 JX WBG F-T-8 -2 00 0 -40 0 0 JX WBG F-T-2 -3 10 0 -34 0 0 JX WBG F-T-2 -4 00 0 -80 0 0 JX WBG F-T-4 -4 00 0 -80 0 0 JX WBG F-T-8 -4 00 0 -80 0 0 J XWB G F-T-2 -60 0 0-1 8 00 0 J XWB G F-T-4 -60 0 0-1 8 00 0 J XWB G F-T-8 -60 0 0-1 8 00 0 J XWB G F-T-3 -80 0 0-1 8 00 0 J XWB G F-T-6 -80 0 0-1 8 00 0 JX WB GF-T-12 -8 00 0 -18 0 00
1-2 1-2 1-2 2-4 2-4 2-4 2-4 3 . 1-3 .4 4-8 4-8 4-8 6 -18 6 -18 6 -18 8 -18 8 -18 8 -18
2 4 8 2 3 4 8 2 2 4 8 2 4 8 3 6 12
Notes: 1. Operating Temperature: -55 C to +85 C, Storage Temperature: -55 C to +95 C. 2. Applications: Indoor, 0-95%RH. 3. Forward power is tested with the output VSWR 1.5:1 of the loads. The power handling will be cut down when the output port connect with a high VSWR. Ensure the output VSWR<1.5, avoiding output port open or short. 4. The power handling capability is 10 watts when used as divider with the load VSWR<1.2, the power handling down to 2 watts when used as combiner. 5. Ensure connectors to be in flat connection with outer connectors; suggest using a torque wrench. 6. Custom Designs Available
American Accurate Components, Inc.
188 Technology Drive, Unit H, Irvine, CA 92618 Tel: 949-453-9888 Fax: 949-453-8889 Email: sales@aacix.com
1


▲Up To Search▲   

 
Price & Availability of JXWBGF-T-2-1000-2000-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X