Part Number Hot Search : 
01302 HV9103P BLFY455D 196AE 9P60BN 2SD2399 MNTWG 13009
Product Description
Full Text Search
 

To Download IU0503SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC
2 Watts IU Series
* * * * * * * SIP or DIP Package Wide 2:1 Input Range
xppower.com
Regulated Single & Dual Output
1000 VDC Isolation, 3000 VDC Option Continuous Short Circuit Protection Efficiency up to 78% -40 C to +85 C Operating Temperature
Specification
Input
* 5 V models: 4.5 - 9.0 V 12 V models: 9.0 - 18.0 V 24 V models: 18.0 - 36.0 V 48 V models: 36.0 - 72.0 V Input Current * See table Input Reflected Ripple * 35 mA pk-pk through 12 H inductor, 5 Hz to 20 MHz Input Filter * Capacitor Input Voltage Range
General
Efficiency Isolation Voltage Input to Output Capacitance Switching Frequency MTBF * See table * 1000 VDC input to output 1 min Optional 3000 VDC (see note 2) * 60 pF * 100-650 kHz variable * >2.7 MHrs to MIL-STD-217F
Output
Output Voltage Output Voltage Balance Initial Set Accuracy Start Up Rise Time Line Regulation Load Regulation Cross Regulation Transient Response Ripple & Noise Short Circuit Protection Current Limiting Remote On/Off * * * * * * * * * * * * See tables 1% between dual output rails 2% 100 ms typical 0.5% 1% for 25-100% load change 5% 3% deviation recovering to <1% within 300 s for 25% load change 80 mV pk-pk, 20 MHz BW. See note 6. Continuous with auto recovery Typically 110% of max Iout Applying 5 V via 1 k current limiting resistor & diode to pin 3 turns output off 0.02/C max See table
Physical
Case Material * Non-conductive black plastic (UL94V-0 rated). Optional metal: nickel coated copper * SIP case: Alloy 42 solder coated DIP case: o0.5 mm brass solder coated * Epoxy (UL94V-0 rated) * 260 C 1.5 mm from case for 10 s
Pin Material Potting Material Lead Soldering Temperature
Environmental
Operating Temperature * -40 C to +85 C, derate from 100% load at +85 C to 0% load at +100 C Storage Temperature * -40 C to +125 C Case Temperature * +100 C max Humidity * Up to 95% RH, non-condensing Cooling * Convection-cooled
Temperature Coefficient * Maximum Capacitive * Load Remote On/Off * Optional on SIP package models applying 5 V via 1 k current limiting resistor and diode turns output off (see note 4)
DC-DC
Models and Ratings
Input Voltage No Load Input Current 15 15 30 30 30 60 15 15 15 15 15 15 8 8 8 8 8 8 6 6 6 6 6 6 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Full Load Input Current 492 571 555 555 547 533 205 216 213 208 213 208 98 108 104 104 104 104 48 56 53 53 53 52 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Output Voltage 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 V V V V V V V V V V V V V V V V V V V V V V V V Output Current 500 400 222 167 133 83 500 400 222 167 133 83 500 400 222 167 133 83 500 400 222 167 133 83 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Efficiency 67% 70% 72% 72% 73% 75% 67% 77% 78% 80% 78% 80% 70% 77% 80% 80% 80% 80% 71% 74% 78% 78% 78% 80% Max Capactive load Single Output 3300 F 3300 F 470 F 470 F 470 F 220 F 3300 F 3300 F 470 F 470 F 470 F 220 F 3300 F 3300 F 470 F 470 F 470 F 220 F 3300 F 3300 F 470 F 470 F 470 F 220 F Dual Output 1000 F 1000 F 220 F 220 F 220 F 100 F 1000 F 1000 F 220 F 220 F 220 F 100 F 1000 F 1000 F 220 F 220 F 220 F 100 F 1000 F 1000 F 220 F 220 F 220 F 100 F
IU
Model Number(1,2,3,4,5) IU0503SA IU0505SA IU0509SA IU0512SA IU0515SA IU0524SA IU1203SA IU1205SA IU1209SA IU1212SA IU1215SA IU1224SA IU2403SA IU2405SA IU2409SA IU2412SA IU2415SA IU2424SA IU4803SA IU4805SA IU4809SA IU4812SA IU4815SA IU4824SA
4.5-9.0 V
9.0-18.0 V
18.0-36.0 V
36.0-72.0 V
Notes
1. For dual inline package replace `S' in model number with `D'. 2. For optional 3 kV isolation add suffix `-H' to the model number. 3. For dual output delete suffix `A' & split output currents equally between rails.
4. 5. 6. 7.
For optional Remote On/Off on SIP models, add suffix `-R' to model number. For optional metal case, add suffix `-M' to model number. Output capacitor of 100 F required to meet quoted ripple & noise. Minimum load of 25% required to meet quoted specifications.
Mechanical Details
SIP Package - Non-conductive Plastic Case SIP Package - Nickel Coated Copper Case Dimensions are in inches (mm) Weight: Plastic case = 4.5 g Metal case = 6.5 g PIN CONNECTIONS Pin
0.44 (11.10)
0.86 (21.85) Printed Face 0.42 (10.60)
0.36 (9.20)
0.86 (21.85) Printed Face 0.44 (11.10) 0.42 (10.60)
0.36 (9.20)
Single -V Input +V Input Opt. ROF* N.P. / N.C. +V Output -V Output NC
Dual -V Input +V Input Opt. ROF** N.C. +V Output -V Output Common
1 2
0.02 (0.50)
0.10 (2.54)
0.60 (15.24) 0.02 (0.50)
0.12 (3.05)
0.02 (0.50) 0.10 (2.54)
0.70 (17.78)
0.12 (3.05)
3 5 6 7 8
0.14 0.36 (3.50) (9.20)
Bottom View 5678 123 0.01 (0.25)
0.14 0.36 (3.50) (9.20)
Bottom View 5678 123 0.01 (0.25)
0.02 (0.50)
*When optional ROF is present pin 5 is No Connection. When not present pin 3 & 5 are No Pin. **When optional ROF is present pin 5 is No Connection. When not present pin 3 & 5 are No Connection. Dimensions are in inches (mm) Weight: Plastic case = 6.0 g Metal case = 8.0 g PIN CONNECTIONS Pin Single -V Input -V Input NC NC +V Output -V Output +V Input +V Input Dual -V Input -V Input Common -V Output +V Output Common +V Input +V Input
DIP Package - Non-conductive Plastic Case
DIP Package - Nickel Coated Copper Case
0.92 (23.40) 0.12 (3.05)
0.92 (23.40) 0.12 (3.05)
0.55 (14.00)
0.40 (10.16)
0.55 (14.00)
0.40 (10.16)
0.08 (1.92)
0.11 (2.81)
0.70 (17.78) 6 Bottom View 8
DIA. 0.02 (0.50)
0.08 (1.92)
0.11 (2.81)
0.70 (17.78) 6 Bottom View 8
DIA. 0.02 (0.50)
1 2
12 0.40 (10.16) 16 15 0.08 (1.92) 0.10 (2.54)
12 0.02 (0.50) 0.40 (10.16) 16 15 0.02 (0.50) 0.08 (1.92) 0.10 (2.54)
0.02 (0.50) 9 0.02 (0.50)
6 8 9 11 15 16
11
9
11
0.20 (5.08)
0.20 (5.08)
07-Apr-08


▲Up To Search▲   

 
Price & Availability of IU0503SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X