Part Number Hot Search : 
AS1107 SZ4024 GL032 TC143E TS372I 7456M F0515 BC846B
Product Description
Full Text Search
 

To Download IRS2609DSPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRS2609DSPBF
August 18, 2009
IRS2609DSPBF
HALF-BRIDGE DRIVER
Features
*
Floating channel designed for bootstrap operation Fully operational to +600 V Tolerant to negative transient voltage - dV/dt immune Gate drive supply range from 10 V to 20 V Undervoltage lockout for both channels 3.3 V, 5 V and 15 V input logic compatible Cross-conduction prevention logic Matched propagation delay for both channels High side output in phase with IN input Internal 530 ns dead-time Lower di/dt gate driver for better noise immunity Shut down input turns off both channels Integrated bootstrap diode RoHS compliant
Packages
* * * * * * * * * * *
8-Lead SOIC
Product Summary
VOFFSET IO+/VOUT ton/off (typ.) Dead Time 600 V max. 120 mA / 250 mA 10 V - 20 V 750 ns & 200 ns 530 ns
Description
The IRS2609D is a high voltage, high speed power MOSFET and IGBT drivers with dependent high and low side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with Standard CMOS or LSTTL output, down to 3.3 V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 V.
Applications:
*Air Conditioner *Micro/Mini Inverter Drives *General Purpose Inverters *Motor Control
Typical Connection
www.irf.com
1
IRS2609DSPBF Qualification Information
Qualification Level
Industrial Comments: This IC has passed JEDEC's Industrial qualification. IR's Consumer qualification level is granted by extension of the higher Industrial level. MSL2, 260C (per IPC/JEDEC J-STD-020) Class 2 (per JEDEC standard JESD22-A114) Class B (per EIA/JEDEC standard EIA/JESD22-A115) Class I, Level A (per JESD78) Yes
Moisture Sensitivity Level Human Body Model ESD Machine Model IC Latch-Up Test RoHS Compliant
Qualification standards can be found at International Rectifier's web site http://www.irf.com/ Higher qualification ratings may be available should the user have such requirements. Please contact your International Rectifier sales representative for further information.
www.irf.com
2
IRS2609DSPBF
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
VB VS VHO VCC VLO VIN COM dVS/dt PD RthJA TJ TS TL
Definition
High side floating absolute voltage High side floating supply offset voltage High side floating output voltage Low side and logic fixed supply voltage Low side output voltage Logic input voltage (IN & SD) Logic ground Allowable offset supply voltage transient Package power dissipation @ TA +25 C Thermal resistance, junction to ambient Junction temperature Storage temperature Lead temperature (soldering, 10 seconds)
Min.
-0.3 VB - 20 VS - 0.3 -0.3 -0.3 COM -0.3 VCC - 20 -- -- -- -- -50 --
Max.
620 VB + 0.3 VB + 0.3 20 VCC + 0.3 VCC + 0.3 VCC + 0.3 50 0.625 200 150 150 300
Units
V
V/ns W C/W C
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. The VS and COM offset rating are tested with all supplies biased at 15 V differential.
Symbol
VB VS VSt VHO VCC VLO VIN
Definition
High side floating supply absolute voltage Static High side floating supply offset voltage Transient High side floating supply offset voltage High side floating output voltage Low side and logic fixed supply voltage Low side output voltage Logic input voltage (IN & SD)
Min.
VS +10 COM- 8(Note 1) -50 (Note2) VS 10 0
Max.
VS +20 600 600 VB 20 VCC
Units
V
VSS VCC TA Ambient temperature -40 125 C Note 1: Logic operational for VS of -8 V to +600 V. Logic state held for VS of -8 V to - VBS. Note 2: Operational for transient negative VS of COM - 50 V with a 50 ns pulse width. Guaranteed by design. Refer to the Application Information section of this datasheet for more details.
www.irf.com
3
IRS2609DSPBF
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, COM = VCC, CL = 1000 pF, TA = 25 DT = VSS unless otherwise specified. C,
Symbol
ton toff tsd MT tr
t
Definition
Turn-on propagation delay Turn-off propagation delay Shut-down propagation delay Delay matching, HS & LS turn-on/off Turn-on rise time Turn-off fall time Deadtime: LO turn-off to HO turn-on(DTLO-HO) HO turn-off to LO turn-on (DTHO-LO) Delay matching time (t ON , t OFF) Deadtime matching = DTLO-HO - DTHO-LO
&
Min Typ Max Units Test Conditions
-- -- -- -- -- -- 350 -- -- 750 250 250 -- 150 50 530 -- -- 1100 400 400 60 220 80 800 60 60 ns VS = 0 V VS = 0 V VS = 0 V or 600 V VS = 0 V or 600 V
f
DT MT MDT
VIN = 0 V & 5 V Without external deadtime
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, VCC = COM, DT = VCC and TA = 25 unless otherwise specified. The VIL, VIH and IIN C parameters are referenced to VCC/COM and are applicable to the respective input leads: IN and SD. The VO, IO and Ron parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
VIH VIL VOH VOL ILK IQBS IQCC IIN+ IINISD, TH+ ISD, THVCCUV+ VBSUV+ VCCUVVBSUVVCCUVH VBSUVH IO+ IORbs
Definition
logic "1" input voltage for HO & logic "0" for LO logic "0" input voltage for HO & logic "1" for LO High level output voltage, VBIAS - VO Low level output voltage, VO Offset supply leakage current Quiescent VBS supply current Quiescent VCC supply current Logic "1" input bias current Logic "0" input bias current SD input positive going threshold SD input negative going threshold VCC and VBS supply undervoltage positive going Threshold VCC and VBS supply undervoltage negative going Threshold Hysteresis Output high short circuit pulsed current Output low short circuit pulsed current Bootstrap resistance
Min Typ Max Units Test Conditions
2.2 -- -- -- -- -- -- -- 0.8 0.3 -- 45 -- 0.8 1.4 0.6 50 70 A V IO = 20 mA IO = 20 mA VB = VS = 600 V VIN = 0 V or 4 V VIN = 0 V or 4 V VIN = 4 V VIN = 0 V
1000 2000 3000 -- -- -- -- 8.0 7.4 -- 120 250 -- 5 -- 15 10 8.9 8.2 0.7 200 350 200 20 2 30 20 9.8 9.0 -- --
V
mA -- -- Ohm
VO = 0 V, PW 10 us VO = 15 V, PW 10 us
www.irf.com
4
IRS2609DSPBF
Functional Block Diagrams
Lead Definitions
Symbol
IN SD VB HO VS VCC LO COM
Description
Logic input for high and low side gate driver outputs (HO and LO), in phase Logic input for shutdown High side floating supply High side gate drive output High side floating supply return Low side and logic fixed supply Low side gate drive output Low side return
Lead Assignments
IRS2609DS www.irf.com 5
IRS2609DSPBF Application Information and Additional Details
Informations regarding the following topics are included as subsections within this section of the datasheet.
* * * * * * * * * * * * IGBT/MOSFET Gate Drive Switching and Timing Relationships Deadtime Matched Propagation Delays Shut down Input Input Logic Compatibility Undervoltage Lockout Protection Shoot-Through Protection Integrated Bootstrap Functionality Negative VS Transient SOA PCB Layout Tips Additional Documentation
IGBT/MOSFET Gate Drive The IRS2609D HVICs are designed to drive MOSFET or IGBT power devices. Figures 1 and 2 illustrate several parameters associated with the gate drive functionality of the HVIC. The output current of the HVIC, used to drive the gate of the power switch, is defined as IO. The voltage that drives the gate of the external power switch is defined as VHO for the high-side power switch and VLO for the low-side power switch; this parameter is sometimes generically called VOUT and in this case does not differentiate between the high-side or low-side output voltage.
VB (or VCC)
VB (or VCC)
IO+
HO (or LO) + HO (or LO)
VHO (or VLO)
VS (or COM) VS (or COM)
IO-
Figure 1: HVIC sourcing current
Figure 2: HVIC sinking current
www.irf.com
6
IRS2609DSPBF
Switching and Timing Relationships The relationships between the input and output signals of the IRS2609D are illustrated below in Figures 3, 4. From these figures, we can see the definitions of several timing parameters (i.e. tON, tOFF, tR, and tF) associated with this device.
Figure 3: Switching time waveforms
Figure 4: Input/output timing diagram Deadtime This family of HVICs features integrated deadtime protection circuitry. The deadtime for these ICs is fixed; other ICs within IR's HVIC portfolio feature programmable deadtime for greater design flexibility. The deadtime feature inserts a time period (a minimum deadtime) in which both the high- and low-side power switches are held off; this is done to ensure that the power switch being turned off has fully turned off before the second power switch is turned on. This minimum deadtime is automatically inserter whenever the external deadtime is shorter than DT; external deadtimes larger than DT are not modified by the gate driver. Figure 5 illustrates the deadtime period and the relationship between the output gate signals. The deadtime circuitry of the IRS2609D is matched with respect to the high- and low-side outputs. Figure 6 defines the two deadtime parameters (i.e., DTLO-HO and DTHO-LO); the deadtime matching parameter (MDT) associated with the IRS2609D specifies the maximum difference between DTLO-HO and DTHO-LO. Matched Propagation Delays The IRS2609D family of HVICs is designed with propagation delay matching circuitry. With this feature, the IC's response at the output to a signal at the input requires approximately the same time duration (i.e., tON, tOFF) for both the low-side channels and the high-side channels; the maximum difference is specified by the delay matching parameter (MT). The propagation turn-on delay (tON) of the IRS2609D is matched to the propagation turn-on delay (tOFF).
www.irf.com
7
IRS2609DSPBF
Shut down Input The IRS2609D family of HVICs is equipped with a shut down (/SD) input pin that is used to shutdown or enable the HVIC. When the /SD pin is in the high state the HVIC is able to operate normally. When the /SD pin is in low state the HVIC is tristated.
50%
50%
IN
90%
HO
DTLO-HO
10%
LO
DTHO-LO
90%
10%
MDT = DTLO-HO
- DTHO-LO
Figure 5: Shut down
Figure 6: Dead time Definition
Figure 7: Delay Matching waveform Definition Input Logic Compatibility The inputs of this IC are compatible with standard CMOS and TTL outputs. The IRS2609D has been designed to be compatible with 3.3 V and 5 V logic-level signals. The IRS2609D features an integrated 5.2 V Zener clamp on the /SD. Figure 8 illustrates an input signal to the IRS2609D, its input threshold values, and the logic state of the IC as a result of the input signal.
www.irf.com
8
IRS2609DSPBF
Input Signal (IRS23364D)
V IH
VIL
Input Logic Level
High Low Low
Figure 8: HIN & LIN input thresholds Undervoltage Lockout Protection This family of ICs provides undervoltage lockout protection on both the VCC (logic and low-side circuitry) power supply and the VBS (high-side circuitry) power supply. Figure 9 is used to illustrate this concept; VCC (or VBS) is plotted over time and as the waveform crosses the UVLO threshold (VCCUV+/- or VBSUV+/-) the undervoltage protection is enabled or disabled. Upon power-up, should the VCC voltage fail to reach the VCCUV+ threshold, the IC will not turn-on. Additionally, if the VCC voltage decreases below the VCCUV- threshold during operation, the undervoltage lockout circuitry will recognize a fault condition and shutdown the high- and low-side gate drive outputs, and the FAULT pin will transition to the low state to inform the controller of the fault condition. Upon power-up, should the VBS voltage fail to reach the VBSUV threshold, the IC will not turn-on. Additionally, if the VBS voltage decreases below the VBSUV threshold during operation, the undervoltage lockout circuitry will recognize a fault condition, and shutdown the high-side gate drive outputs of the IC. The UVLO protection ensures that the IC drives the external power devices only when the gate supply voltage is sufficient to fully enhance the power devices. Without this feature, the gates of the external power switch could be driven with a low voltage, resulting in the power switch conducting current while the channel impedance is high; this could result in very high conduction losses within the power device and could lead to power device failure.
Figure 9: UVLO protection
Shoot-Through Protection The IRS2609D high-voltage ICs is equipped with shoot-through protection circuitry (also known as cross-conduction prevention circuitry).
www.irf.com
9
IRS2609DSPBF
Integrated Bootstrap Functionality The IRS2609D embeds an integrated bootstrap FET that allows an alternative drive of the bootstrap supply for a wide range of applications. A bootstrap FET is connected between the floating supply VB and VCC (see Fig. 10).
Vcc
BootFet
Vb
Figure 10: Semplified BootFET connection The integrated bootstrap feature can be used either in parallel with the external bootstrap network (diode and resistor) or as a replacement of it. The use of the integrated bootstrap as a replacement of the external bootstrap network may have some limitations at very high PWM duty cycle, corresponding to very short LIN pulses, due to the bootstrap FET equivalent resistance RBS. The summary for the bootstrap state follows: * Bootstrap turns-off (immediately) or stays off when at least one of the following conditions are met: 1- /SD is low 2- /SD is high, IN is low and VB is high (> 1.1*VCC) 3- /SD is high, IN is high (DT period excluded) 4- /SD is high, IN is high and VB is high (> 1.1*VCC) (during DT period) * Bootstrap turns-on when: 1- /SD in high, IN is low and VB is low (< 1.1(VCC)) 2- /SD in high, IN is high and VB is low (< 1.1(VCC)) (during the DT period). Please refer to the BootFET timing diagram for more details.
www.irf.com
10
IRS2609DSPBF
IN
DT HO
DT LO
/SD
BootStrap Fet
VB 1.1*Vcc
+ Figure 11: BootFET timing diagram
www.irf.com
11
IRS2609DSPBF
Negative VS Transient SOA A common problem in today's high-power switching converters is the transient response of the switch node's voltage as the power switches transition on and off quickly while carrying a large current. A typical 3-phase inverter circuit is shown in Figure 12; here we define the power switches and diodes of the inverter. If the high-side switch (e.g., the IGBT Q1 in Figures 13 and 14) switches off, while the U phase current is flowing to an inductive load, a current commutation occurs from high-side switch (Q1) to the diode (D2) in parallel with the low-side switch of the same inverter leg. At the same instance, the voltage node VS1, swings from the positive DC bus voltage to the negative DC bus voltage.
Figure 12: Three phase inverter
DC+ BUS
Q1 ON IU VS1 D2
Q2 OFF
DC- BUS
Figure 13: Q1 conducting
Figure 14: D2 conducting
Also when the V phase current flows from the inductive load back to the inverter (see Figures 15 and 16), and Q4 IGBT switches on, the current commutation occurs from D3 to Q4. At the same instance, the voltage node, VS2, swings from the positive DC bus voltage to the negative DC bus voltage.
Figure 15: D3 conducting
Figure 16: Q4 conducting
www.irf.com
12
IRS2609DSPBF
However, in a real inverter circuit, the VS voltage swing does not stop at the level of the negative DC bus, rather it swings below the level of the negative DC bus. This undershoot voltage is called "negative VS transient". The circuit shown in Figure 17 depicts one leg of the three phase inverter; Figures 18 and 19 show a simplified illustration of the commutation of the current between Q1 and D2. The parasitic inductances in the power circuit from the die bonding to the PCB tracks are lumped together in LC and LE for each IGBT. When the high-side switch is on, VS1 is below the DC+ voltage by the voltage drops associated with the power switch and the parasitic elements of the circuit. When the high-side power switch turns off, the load current momentarily flows in the low-side freewheeling diode due to the inductive load connected to VS1 (the load is not shown in these figures). This current flows from the DC- bus (which is connected to the COM pin of the HVIC) to the load and a negative voltage between VS1 and the DC- Bus is induced (i.e., the COM pin of the HVIC is at a higher potential than the VS pin).
Figure 17: Parasitic Elements
Figure 18: VS positive
Figure 19: VS negative
In a typical motor drive system, dV/dt is typically designed to be in the range of 3-5 V/ns. The negative VS transient voltage can exceed this range during some events such as short circuit and over-current shutdown, when di/dt is greater than in normal operation. International Rectifier's HVICs have been designed for the robustness required in many of today's demanding applications. An indication of the IRS2609D's robustness can be seen in Figure 20, where there is represented the IRS2609D Safe Operating Area at VBS=15V based on repetitive negative VS spikes. A negative VS transient voltage falling in the grey area (outside SOA) may lead to IC permanent damage; viceversa unwanted functional anomalies or permanent damage to the IC do not appear if negative Vs transients fall inside SOA. At VBS=15V in case of -VS transients greater than -16.5 V for a period of time greater than 50 ns; the HVIC will hold by design the high-side outputs in the off state for 4.5 s.
www.irf.com
13
IRS2609DSPBF
Figure 20: Negative VS transient SOA for IRS2608D @ VBS=15V Even though the IRS2609D has been shown able to handle these large negative VS transient conditions, it is highly recommended that the circuit designer always limit the negative VS transients as much as possible by careful PCB layout and component use. PCB Layout Tips Distance between high and low voltage components: It's strongly recommended to place the components tied to the floating voltage pins (VB and VS) near the respective high voltage portions of the device. Please see the Case Outline information in this datasheet for the details.
Ground Plane: In order to minimize noise coupling, the ground plane should not be placed under or near the high voltage floating side.
Gate Drive Loops: Current loops behave like antennas and are able to receive and transmit EM noise (see Figure 21). In order to reduce the EM coupling and improve the power switch turn on/off performance, the gate drive loops must be reduced as much as possible. Moreover, current can be injected inside the gate drive loop via the IGBT collector-to-gate parasitic capacitance. The parasitic auto-inductance of the gate loop contributes to developing a voltage across the gate-emitter, thus increasing the possibility of a self turn-on effect.
www.irf.com
14
IRS2609DSPBF
Figure 21: Antenna Loops
Supply Capacitor: It is recommended to place a bypass capacitor (CIN) between the VCC and COM pins. A ceramic 1 F ceramic capacitor is suitable for most applications. This component should be placed as close as possible to the pins in order to reduce parasitic elements. Routing and Placement: Power stage PCB parasitic elements can contribute to large negative voltage transients at the switch node; it is recommended to limit the phase voltage negative transients. In order to avoid such conditions, it is recommended to 1) minimize the high-side emitter to low-side collector distance, and 2) minimize the low-side emitter to negative bus rail stray inductance. However, where negative VS spikes remain excessive, further steps may be taken to reduce the spike. This includes placing a resistor (5 or less) between the VS pin and the switch node (see Figure 22), and in some cases using a clamping diode between COM and VS (see Figure 23). See DT04-4 at www.irf.com for more detailed information.
Figure 22: VS resistor Additional Documentation
Figure 23: VS clamping diode
Several technical documents related to the use of HVICs are available at www.irf.com; use the Site Search function and the document number to quickly locate them. Below is a short list of some of these documents. DT97-3: Managing Transients in Control IC Driven Power Stages AN-1123: Bootstrap Network Analysis: Focusing on the Integrated Bootstrap Functionality DT04-4: Using Monolithic High Voltage Gate Drivers AN-978: HV Floating MOS-Gate Driver ICs
www.irf.com
15
IRS2609DSPBF
Figures 24-47 provide information on the experimental performance of the IRS2609D(S) HVIC. The line plotted in each figure is generated from actual lab data. A large number of individual samples from multiple wafer lots were tested at three temperatures (-40 C, 25 C, and 125 C) in order to generate the experimental (Exp.) curve. The line labeled Exp. consist of three data points (one data point at each of the tested temperatures) that have been connected together to illustrate the understood trend. The individual data points on the curve were determined by calculating the averaged experimental value of the parameter (for a given temperature).
Turn-On Propagation Delay (ns)
Turn-Off Propagation Delay (ns)
1500 1200 900 600 300 0 -50 -25 0 25 50
o
Exp.
500 400 300
Exp.
200 100 0 -50 -25 0 25 50
o
75
100
125
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 24. Turn-on Propagation Delay vs. Temperature
Turn-On Rise Time (ns)
Turn-Off fall Time (ns)
Fig. 25. Turn-off Propagation Delay vs. Temperature
125 100 75 50
Exp.
250 200 150 100
Exp.
50 0 -50 -25 0 25 50 75 100 125 Temperature (oC)
25 0 -50 -25 0 25
50
75
100
125
Temperature (oC)
Fig. 26. Turn-on Rise Time vs. Temperature
Fig. 27. Turn-off Rise Time vs. Temperature
www.irf.com
16
IRS2609DSPBF
4
4 3 2 1 0
VCCUV hysteresis (V)
2 1 0 -50 -25 0 25 50 75 100 125 Temperature (oC)
VBSUV hysteresis (V)
3
Exp.
Exp.
-50
-25
0
25
50
75
100
125
Temperature (oC)
Fig. 28. VCC Supply UV Hysteresis vs. Temperature
10 VCC Quiescent Current (mA)
VBS Quiescent Current (A) 100 80 60
Fig. 29. VBS Supply UV Hysteresis vs. Temperature
8 6 4 2 0 -50 -25 0 25 50 75 100 125 Temperature (oC)
Exp.
Exp.
40 20 0 -50 -25 0 25 50
o
75
100
125
Temperature ( C)
Fig. 30. VCC Quiescent Supply Current vs. Temperature
12
Exp.
Fig. 31. VBS Quiescent Supply Current vs. Temperature
12 9 6 3 0
VCCUV+ Threshold (V)
VCCUV- Threshold (V)
9 6 3 0 -50 -25 0 25 50
o
Exp.
75
100
125
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 32. VCCUV+ Threshold vs. Temperature
Fig. 33. VCCUV- Threshold vs. Temperature
www.irf.com
17
IRS2609DSPBF
12
Exp.
12 9 6
VBSUV+ Threshold (V)
6
3 0 -50 -25 0 25 50 75 100 125 Temperature (oC)
VBSUV- Threshold (V)
9
Exp.
3 0 -50 -25 0 25 50
o
75
100
125
Temperature ( C)
Fig. 34. VBSUV+ Threshold vs. Temperature
Fig. 35. VBSUV- Threshold vs. Temperature
400 High Level Output Voltage (mV)
400
Low Level Output Voltage (mV)
300 200
EXP.
300 200
Exp.
100 0 -50 -25 0 25 50
o
100 0 -50 -25 0 25 50
o
75
100
125
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 36. Low Level Output Voltage vs. Temperature
Fig. 37. High Level Output Voltage vs. Temperature
8
500 Bootstrap Resistance ( ) 400 300 200
Exp.
6 IN VTH+ (V)
4
Exp.
100 0 -50 -25 0 25 50 75 100 125 Temperature (oC)
2
0 -50 -25 0 25 50 75 100 125 Temperature (oC)
Fig. 38. Bootstrap Resistance vs. Temperature
Fig. 39. IN VTH+ vs. Temperature
www.irf.com
18
IRS2609DSPBF
8 6
IN VTH- (V)
8 6 HIN VTH+ (V)
Exp.
4 2 0 -50 -25 0 25 50
o
4 2 0
Exp.
75
100
125
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 40. LIN VTH- vs. Temperature
Fig. 41. HIN VTH+ vs. Temperature
50 40 30 20 10 0
8 6 HIN VTH- (V) 4 2
Exp.
Tbson_VccTYP(ns)
Exp.
0 -50 -25 0 25 50 75 100 125 Temperature (oC)
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Fig. 42. HIN VTH- vs. Temperature
500
Shut-down propagation delay (ns)
Fig. 43. Tbson_VCCTYP vs. Temperature
1000 800
400 300 200 100 0 -50 -25 0 25 50 75 100 125 Temperature (oC)
Exp.
Deadtime (ns)
600 400 200 0 -50
Exp.
-25
0
25
50
o
75
100
125
Temperature ( C)
Fig. 44. Shut-down Propagation Delay vs. Temperature
Fig. 45. Deadtime vs. Temperature
www.irf.com
19
IRS2609DSPBF
50 40 MDT (ns) 30 MT (ns) 20 10 0 -50 -25 0 25 50
o
Exp.
30 25 20 15
Exp.
10 5 0
75
100
125
-50
-25
0
25
50
75
100
125
Temperature ( C)
Temperature (oC)
Fig. 46. Delay Matching vs. Temperature
Fig. 47. Deadtime Matching vs. Temperature
www.irf.com
20
IRS2609DSPBF
Case Outlines
www.irf.com
21
IRS2609DSPBF
Tape and Reel Details: 8L-SOIC
LOADED TAPE FEED DIRECTION
B
A
H
D F C
NOTE : CONTROLLING DIM ENSION IN M M
E G
CARRIER TAPE DIMENSION FOR Metric Code Min Max A 7.90 8.10 B 3.90 4.10 C 11.70 12.30 D 5.45 5.55 E 6.30 6.50 F 5.10 5.30 G 1.50 n/a H 1.50 1.60
8SOICN Imperial Min Max 0.311 0.318 0.153 0.161 0.46 0.484 0.214 0.218 0.248 0.255 0.200 0.208 0.059 n/a 0.059 0.062
F
D C E B A
G
H
REEL DIMENSIONS FOR 8SOICN Metric Code Min Max A 329.60 330.25 B 20.95 21.45 C 12.80 13.20 D 1.95 2.45 E 98.00 102.00 F n/a 18.40 G 14.50 17.10 H 12.40 14.40
Imperial Min Max 12.976 13.001 0.824 0.844 0.503 0.519 0.767 0.096 3.858 4.015 n/a 0.724 0.570 0.673 0.488 0.566
www.irf.com
22
IRS2609DSPBF
ORDER INFORMATION
8-Lead SOIC IRS2609DSPBF 8-Lead SOIC Tape & Reel IRS2609DSTRPbF
The information provided in this document is believed to be accurate and reliable. However, International Rectifier assumes no responsibility for the consequences of the use of this information. International Rectifier assumes no responsibility for any infringement of patents or of other rights of third parties which may result from the use of this information. No license is granted by implication or otherwise under any patent or patent rights of International Rectifier. The specifications mentioned in this document are subject to change without notice. This document supersedes and replaces all information previously supplied.
For technical support, please contact IR's Technical Assistance Center http://www.irf.com/technical-info/
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105
www.irf.com
23


▲Up To Search▲   

 
Price & Availability of IRS2609DSPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X