Part Number Hot Search : 
U1N60 KTD1352 PT15D KF5N50DR DTC114 K2610 3AA13 150KS20A
Product Description
Full Text Search
 

To Download ILD61008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ILD610
Vishay Semiconductors
Optocoupler, Phototransistor Output, Dual Channel
FEATURES
* Dual version of SFH610 series
A1 C2 A3 C4
i179045
8E 7C 6E 5C
* Isolation test voltage, 5300 VRMS * VCEsat 0.25 ( 0.4) V at IF = 10 mA, IC = 2.5 mA * VCEO = 70 V * Lead (Pb)-free component * Component in accordance to 2002/95/EC and WEEE 2002/96/EC RoHS
DESCRIPTION
The ILD610 series is a dual channel optocoupler series for high density applications. Each channel consists of an optically coupled pair with a gallium arsenide infrared LED and silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. The ILD610 series is the dual version of SFH610 series and uses a repetitive pin-out configuration instead of the more common alternating pin-out used in most dual couplers.
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending available with option 1 * CSA 93751 * BSI IEC 60950 IEC 60065
ORDER INFORMATION
PART ILD610-1 ILD610-2 ILD610-3 ILD610-4 ILD610-2X007 ILD610-3X006 ILD610-3X009 ILD610-4X009 REMARKS CTR 40 to 80 %, DIP-8 CTR 63 to 125 %, DIP-8 CTR 100 to 200 %, DIP-8 CTR 160 to 320 %, DIP-8 CTR 63 to 125 %, SMD-8 (option 7) CTR 100 to 200 %, DIP-8 400 mil (option 6) CTR 100 to 200 %, SMD-8 (option 9) CTR 160 to 320 %, SMD-8 (option 9)
Note For additional information on the available options refer to option information.
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Reverse voltage Surge forward current Power dissipation Derate linearly from 25 C Forward continuous current OUTPUT Collector emitter voltage Collector current Power dissipation Derate linearly from 25 C Document Number: 83651 Rev. 1.8, 09-Jan-08 t 1.0 ms VR IFSM Pdiss IF VCE IC IC Pdiss 6.0 1.5 100 1.3 60 70 50 100 150 2.0 V A mW mW/C mA V mA mA mW mW/C www.vishay.com 1 TEST CONDITION SYMBOL VALUE UNIT
t 1.0 ms
For technical questions, contact: optocoupler.answers@vishay.com
ILD610
Vishay Semiconductors
ABSOLUTE MAXIMUM RATINGS
PARAMETER COUPLER Isolation test voltage Isolation resistance Storage temperature Operating temperature Junction temperature Lead soldering time at 260 C t = 1.0 s VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C VISO RIO RIO Tstg Tamb Tj 5300 1012 1011 - 55 to + 150 - 55 to + 100 100 10 VRMS C C C s TEST CONDITION SYMBOL VALUE UNIT
Optocoupler, Phototransistor Output, Dual Channel
Note Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Reverse current Capacitance OUTPUT Collector emitter breakdown voltage Collector emitter dark current Collector emitter capacitance IC = 10 mA, IE = 10 A VCE = 10 V VCE = 5.0 V, f = 1.0 MHz ILD610-1 Collector emitter leakage current VCE = 10 V ILD610-2 ILD610-3 ILD610-4 COUPLER Collector emitter saturation voltage Coupling capacitance IF = 10 mA, IC = 2.5 mA VCEsat CC 0.25 0.35 0.40 V pF BVCEO BVCEO ICEO CCE ICEO ICEO ICEO ICEO 70 6.0 90 7.0 2.0 7.0 2.0 2.0 5.0 5.0 50 50 100 100 50 V V nA pF nA nA nA nA IF = 60 mA VR = 6.0 V VR = 0 V, f = 1.0 MHz VF IR CO 1.25 0.01 25 1.65 10 V A pF TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER TEST CONDITION PART ILD610-1 IF = 10 mA, VCE = 5.0 V CTR (1) IF = 1.0 mA, VCE = 5.0 V ILD610-2 ILD610-3 ILD610-4 ILD610-1 ILD610-2 ILD610-3 ILD610-4 Note (1) CTR will match within a ratio of 1.7:1 SYMBOL CTR CTR CTR CTR CTR CTR CTR CTR MIN. 40 63 100 160 13 22 34 56 TYP. MAX. 80 125 200 320 UNIT % % % % % % % %
www.vishay.com 2
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83651 Rev. 1.8, 09-Jan-08
ILD610
Optocoupler, Phototransistor Output, Dual Channel
SWITCHING CHARACTERISTICS
PARAMETER NON-SATURATED ILD610-1 Rise time VCC = 5.0 V, RL = 75 , IF = 10 mA ILD610-2 ILD610-3 ILD610-4 ILD610-1 Fall time VCC = 5.0 V, RL = 75 , IF = 10 mA ILD610-2 ILD610-3 ILD610-4 ILD610-1 Turn-on time VCC = 5.0 V, RL = 75 , IF = 10 mA ILD610-2 ILD610-3 ILD610-4 ILD610-1 Turn-off time VCC = 5.0 V, RL = 75 , IF = 10 mA ILD610-2 ILD610-3 ILD610-4 SATURATED ILD610-1 Rise time VCC = 5.0 V, RL = 1.0 k, IF = 5.0 mA ILD610-2 ILD610-3 ILD610-4 ILD610-1 Fall time VCC = 5.0 V, RL = 1.0 k, IF = 5.0 mA ILD610-2 ILD610-3 ILD610-4 ILD610-1 Turn-on time VCC = 5.0 V, RL = 1.0 k, IF = 5.0 mA ILD610-2 ILD610-3 ILD610-4 ILD610-1 Turn-off time VCC = 5.0 V, RL = 1.0 k, IF = 5.0 mA ILD610-2 ILD610-3 ILD610-4 toff ton tf tr 2.0 2.8 3.3 4.6 11 2.6 3.1 15 3.0 4.3 4.6 6.0 18 2.9 3.4 25 s s s s toff ton tf tr 2.0 2.5 2.9 3.3 2.0 2.6 3.1 3.5 3.0 3.2 3.6 2.3 2.9 3.4 3.7 4.1 s s s s TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Vishay Semiconductors
Document Number: 83651 Rev. 1.8, 09-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 3
ILD610
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
Optocoupler, Phototransistor Output, Dual Channel
1.4
Tamb = - 55 C
1.5 NCTR - Normalized CTR Normalized to: VCE = 10 V, I F = 10 mA Tamb = 25 C 1.0 CTRCE(sat) VCE = 0.4 V Tamb= 70 C 0.5 NCTR(SAT) NCTR 0.0 0.1 1 10 IF - Forward Current (mA) 100
iilct6_04
1.3 VF - Forward Voltage (V) 1.2 1.1 1.0 0.9 0.8 0.7
Tamb = 85 C Tamb = 25 C
0.1
1
10
100
iilct6_01
I F - LED Current (mA)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 4 - Normalized Non-Saturated and Saturated CTR vs. LED Current
1.5 NCTR - Normalized CTR
1.0
NCTR - Normalized CTR
Normalized to: VCE = 10 V, I F = 10 mA Tamb = 25 C CTRCE(sat) VCE = 0.4 V
1.5 Normalized to: VCE = 10 V, IF = 10 mA, Tamb = 25 C CTRCE(sat) VCE = 0.4 V 1.0 Tamb = 85 C
0.5 NCTR(SAT) NCTR 0.0 0.1 1 10 100 I F - LED Current (mA)
0.5 NCTR(SAT) NCTR 0.1
iilct6_05
0.0 1 10 IF - LED Current (mA)
100
iilct6_02
Fig. 2 - Normalized Non-Saturated and Saturated CTR vs. LED Current
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs. LED Current
1.5
ICE - Collector Current (mA)
NCTR - Normalized CTR
Normalized to: VCE = 10 V, I F = 10 mA, TA = 25 C CTRce(sat)VCE = 0.4 V 1.0 TA = 50 C
35 30 25 20 15 10 5 0 25 C 85 C 70 C 50 C
0.5 NCTR(SAT) NCTR 0.0 0.1 1 10 100 I F - LED Current (mA)
0
iilct6_06
10
20
30
40
50
60
iilct6_03
IF - LED Current (mA)
Fig. 3 - Normalized Non-Saturated and Saturated CTR vs. LED Current www.vishay.com 4
Fig. 6 - Collector Emitter Current vs. Temperature and LED Current
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83651 Rev. 1.8, 09-Jan-08
ILD610
Optocoupler, Phototransistor Output, Dual Channel
Vishay Semiconductors
10 5 ICEO - Collector Emitter (nA) 10 4 10 3 10 2 10 1 10 0 10 - 1 10 - 2 - 20
iilct6_07
VCC = 5 V
F = 10 kHz, DF = 50 % RL Vce = 10 V Typical IF = 10 mA VO
0
20
40
60
80
100
iild610_10
Tamb - Ambient Temperature (C)
Fig. 7 - Collector Emitter Leakage Current vs.Temperature
Fig. 10 - Non-Saturated Switching Schematic
1000 Tamb = 25 C, IF = 10 mA VCC = 5 V, Vth = 1.5 V
2.5
tpHL - Propagation Delay (s)
Input ton tpdon Output 10 % 50 % 90 % td tr tpdoff ts tr 10 % 50 % 90 % toff
tpLH - Propagation (s)
100
tpHL
2.0
10 tpLH 1 0.1
1.5
1
10
1.0 100
R L - Collector Load Resistor (k)
iilct6_08
iild610_11
Fig. 8 - Propagation Delay vs. Collector Load Resistor
Fig. 11 - Saturated Switching Time Test Waveform
IF
V O
tD tR t PLH V TH = 1.5 V
iild610_09
t PHL
tS
tF
Fig. 9 - Switching Timing
Document Number: 83651 Rev. 1.8, 09-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 5
ILD610
Vishay Semiconductors
Optocoupler, Phototransistor Output, Dual Channel
PACKAGE DIMENSIONS in inches (millimeters)
Pin one ID 4 0.255 (6.48) 0.268 (6.81) 5 6 7 8 ISO method A 3 2 1
0.379 (9.63) 0.390 (9.91) 0.030 (0.76) 0.045 (1.14) 4 typ. 0.130 (3.30) 0.150 (3.81) 0.050 (1.27) 0.020 (0.51) 0.018 (0.46) 0.022 (0.56)
i178006
0.031 (0.79)
0.300 (7.62) typ.
10 0.035 (0.89) 0.100 (2.54) typ. 3 to 9 0.008 (0.20) 0.012 (0.30)
0.230 (5.84) 0.110 (2.79) 0.130 (3.30) 0.250 (6.35)
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4) 0.028 (0.7) min.
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03 ) 0.300 (7.62) ref. 0.180 (4.6) 0.160 (4.1) 0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51 ) 0.040 (1.02 ) 0.315 (8.00) min.
18450
0.315 (8.0) min. 0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92) 0.331 (8.4) min. 0.406 (10.3) max.
0.012 (0.30 ) typ.
15 max.
www.vishay.com 6
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83651 Rev. 1.8, 09-Jan-08
ILD610
Optocoupler, Phototransistor Output, Dual Channel
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
Vishay Semiconductors
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83651 Rev. 1.8, 09-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of ILD61008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X