Part Number Hot Search : 
TL4310 SK110 1N4937 2D120 RF33761 2E102J 2A10G1 LM7805AC
Product Description
Full Text Search
 

To Download HP1004100M2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REF : 20090825-B PROD. NAME
SPECIFICATION FOR APPROVAL
ABC'S DWG No. ABC'S ITEM No. HP10042-
PAGE: 1
SHIELDED SMD POWER INDUCTOR
MECHANICAL DIMENSIONS
A:
11.3 0.4 10.5 0.3 3.50 0.3 4.00 max. 1.70 0.5 4.50 typ. 6.00 typ. 13.0 typ.
m/m m/m m/m m/m m/m m/m m/m m/m
R56
B: C B D C: D: E E: F: G: H: F
Marking
( White ) Inductance code
A
G H ( PCB Pattern )
SCHEMATIC DIAGRAM
1 2
a b c
MATERIALS LIST
aCoreIron powder bWireEnamelled copper wire cCilpCu / Ni /Sn dRemarkProducts comply with RoHS' requirements
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Peak Temperature: 260 230
GENERAL SPECIFICATION
aStorage temp.-55 ~ +125 bOperating temp .-55 ~ +125 ( Temp. rise included ) cResistance to solder heat260. 10 secs.
Temperature ( )
250
50sec max.
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090825-B PROD. NAME PAGE: 2 ABC'S DWG No. ABC'S ITEM No. HP10042-
SHIELDED SMD POWER INDUCTOR
ELECTRICAL CHARACTERISTICS
RDC ( m ) max. 1.0 1.5 2.0 4.5 6.0 9.0 12.0 16.5 19.5 23.5 36.5 typ. 0.9 1.3 1.7 4.0 5.5 8.5 11.0 15.0 18.0 21.5 33.5
DWG No.
HP1004R19M2- HP1004R36M2- HP1004R56M2- HP10041R0M2- HP10041R5M2- HP10042R2M2- HP10043R3M2- HP10044R7M2- HP10045R6M2- HP10046R8M2- HP1004100M2-
Inductance L ( H ) 0.19 20 0.36 20 0.56 20 1.00 20 1.50 20 2.20 20 3.30 20 4.70 20 5.60 20 6.80 20 10.0 20
IsatA typ. 90.0 60.0 49.0 36.0 27.5 25.5 18.5 17.0 16.0 13.5 12.0
Irms(A) typ. 40.0 31.5 27.5 17.5 15.0 12.0 10.0 9.5 8.5 8.0 6.5
1). Packaging information ... ABulk BTaping Reel 2). "-
":Reference code
3). Measured frequency of inductance is 100 KHz / 0.25V 4). Isat base on inductance drop 20% typ. of L value at 20 5). Irms base on temp. rise 40 typ.
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090825-B PROD. NAME PAGE: 3 ABC'S DWG No. ABC'S ITEM No. HP10042-
SHIELDED SMD POWER INDUCTOR
PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
2.00.5
A
C
C
N
B
G
D
Embossed carrier
Carrier tape width : D P:16 m/m End 4 m/m Start
R56
R56
R56
R56
R56
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 13 - 24 A 330 B 210.8 C 130.5 D 24 G 26 +0 N 50 -0
Unit:m/m T 30.4
( 3 ) Q'TY & G.W. Per package Inner : Reel Series
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) G.W. (Kg) Size (cm)
Outer : Carton
HP1004
900
2,500
13 - 24
3,600
11.0
40 x 40 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090825-B PROD. NAME PAGE: 4 ABC'S DWG No. ABC'S ITEM No. HP10042-
SHIELDED SMD POWER INDUCTOR
DWGING NUMBER EXPRESSION
H
P
1
0
0
4 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information
Code A B
Inner package T.B.D. T / R ( Reel package )
Inner package Q'TY T.B.D 900 pcs
Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090825-B PROD. NAME PAGE: 5 ABC'S DWG No. ABC'S ITEM No. HP10042-
SHIELDED SMD POWER INDUCTOR
RELIABILITY TEST
Test item
Specification
Test condition Preconditioning: 150 /16Hrs30min Dry Bake Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. :2455 Flux : Rosin Dip time: 50.5sec
Solderability
More than 95% of the terminal electrode Shall be covered With fresh solder.
Thermal shock test ( Temp. cycle )
Electrical oharacteristics shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-55 30 minutes +125 30 minutes
Humidity Test
Temperature : 402 Humidity : 905% Time : 1000 hours
High temp. Resistance test
Temperature : 1255 Applied current : Per spec. Time : 96 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090825-B PROD. NAME PAGE: 6 ABC'S DWG No. ABC'S ITEM No. HP10042-
SHIELDED SMD POWER INDUCTOR
UL CARD
OBMW2 Magnet Wire-Component
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Mark Dsg
____ ____ ____ ____ ____
BC
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
Coat Typ
____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
OC
ANSI Type
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
Temp Class
220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
Page 1 of 2
A not-for-profit organization dedicated to public safety and committed to quality service
Mtl Dsg
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mark Dsg
____ ____ ____ ____ ____ ____
BC
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
Coat Typ
OC
Polyamide ____ ____ ____ Nylon Polyamide
ANSI Type
MW80C MW2-C ___ MW75C MW28-C MW28-C
Temp Class
155 105 130 130 130 130
@-May be su ffixed by LZ; # - May be suffixed b y LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat o verall. Marking: Compan y name or trademarks Recognized Component Mark. or

, material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability o f the comb ination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AR-001A


▲Up To Search▲   

 
Price & Availability of HP1004100M2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X