Part Number Hot Search : 
B105M TA7280 CRHV1206 10DTH JC208N SD103BW 220ML LC75394
Product Description
Full Text Search
 

To Download HEG42-240100-7L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 42 WATTS GREEN POWER SWITCHING POWER SUPPLIES HEG42 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT DESKTOP IEC320-3P /3PL/2P AC RECEPTACLE GREEN POWER MEET UNIVERSAL SAFETY STANDARDS EMI MEET EN55022 / FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical. Input Connector: IEC320-3P DT7 or DT7L or 2P DT8 AC inlet receptacle. Input Frequency: 47-63Hz. Inrush Current: 8.0Arms @230Vac typical. Input Current: 0.63A @115Vac & 0.35A @230Vac typical. Dielectric Withstand: Meet IEC60950-1. EMI: Meet EN55022 / FCC Class B. Hold-up Time: 15.6mS @115Vac typical. 89.6mS @230Vac typical. Green Power: 0.157W@131Vac & 0.256W @ 264Vac Earth Leakage: Less than 0.17mA for class II or Less than 0.4mA for class I
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: 42 Watt typical. Output Connector & Cord: Optional. Line Regulation: 0.5% typical. Load Regulation: 3.0% typical. Tolerance: 5%. Noise & Ripple: 1.0% typical peak to peak. OVP: Built-in, Latch. Overload Protection: Fully protected against output overload or short circuit. Typical set at 105-140% at 115Vac. Consult the factory for special OLP setting.
GENERAL SPECIFICATION
Efficiency: 87-88% typical. Switching Frequency: Approximate 59-63KHz. Circuit Topology: Fixed Frequency flyback circuit. Transient Response: Output voltage returns in less than 1mS following a 25% load change. Safety Standard: Meet UL60950-1/EN60950-1 Class I or II. Power Density: Typ. 3.3Watts / Cubic inch. Operating Temperature: 0 to +25/35/40C without derating. (various with output voltage) Storage Temperature: -20 to +85C. Temperature Coefficient: 0.04% /C. Cooling: Free air convection. Construction: Impact resistant thermo-plastic case. Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Load regulation is measured at 115Vac or 230Vac in percentage indicate the change in output voltage as the load varied from half load to full load(%) (3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires. (4) Due to requests in market and advances in technology, specifications subject to change without notice
For the details of safety approval, please consult the factory.
-29-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HEG42-120400-7 HEG42-120400-8 HEG42-150280-7 HEG42-150280-8 HEG42-190220-7 HEG42-190220-8 HEG42-240100-7L HEG42-240150-7L HEG42-240200-7L HEG42-240200-7 HEG42-240200-8 AC PLUG DT7 DT8 DT7 DT8 DT7 DT8 DT7L DT7L DT7L DT7 DT8 O/P VOLTAGE 12.0Vdc 12.0Vdc 15.0Vdc 15.0Vdc 19.0Vdc 19.0Vdc 24.0Vdc 24.0Vdc 24.0Vdc 24.0Vdc 24.0Vdc O/P CURRENT 4.00A 4.00A 2.80A 2.80A 2.20A 2.20A 1.00A 1.50A 2.00A 2.00A 2.00A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 320g(11.30Oz)
-30-


▲Up To Search▲   

 
Price & Availability of HEG42-240100-7L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X