Part Number Hot Search : 
FMM5704X 871P4 SF1603G KP20A CY7C42 20M20 LD505 0NPBF
Product Description
Full Text Search
 

To Download GPDP4189 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869 Fax: +39-010-659 1870 Web: www.gpsemi.it E-mail: info@gpsemi.it
GPDP4189
AVALANCHE RECTIFIER DIODE
VOLTAGE UP TO AVERAGE CURRENT SURGE CURRENT BLOCKING CHARACTERISTICS Characteristic
VRRM VRSM IRRM PRSM Repetitive peak reverse voltage Non-repetitive peak reverse voltage Repetitive peak reverse current, max. Peak reverse power, max VRRM, single phase, half wave, Tjmax Tjmax, tp = 20s
3200 - 3800 V 1890 A 21 kA
Conditions
Value
3200 - 3800 V V 75 mA 50 kW
FORWARD CHARACTERISTICS
IF(AV) IF(RMS) IFSM It VF(TO) Average forward current R.M.S. forward current Surge forward current I t for fusing coordination Threshold voltage Forward slope resistance Peak forward voltage, max Tj = Tjmax Tj = Tjmax Forward current IF = 4000 A, Tj = 25 C Sine wave,180 conduction, T h = 55 C Sine wave,180 conduction, Th = 55 C Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax 1890 A 2967 A 21 kA 2205 kAs 1.03 V 0.320 m 2.00 V
rF
VFM
SWITCHING CHARACTERISTICS
Qrr Irr trr VFP Rverse recovery charge, typ Reverse recovery current Reverse recovery time Forward recovery voltage Tj = Tjmax, di/dt = A/s Tj = Tjmax, IF = 2000 A, di/dt = -5 A/s VR = 100 V C A s V
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c) Rth(c-h) Tjmax Tstg F Thermal resistance (junction to case) Thermal resistance (case to heatsink) Max operating junction temperature Storage temperature Clamping force 10% Mass Double side cooled Double side cooled 0.020 C/W 0.002 C/W 160 C -40 / 160 C 22 kN 500 g
Document GPDP4189T002


▲Up To Search▲   

 
Price & Availability of GPDP4189

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X