Part Number Hot Search : 
D1271A 6MBI1 1J2ZKI21 47362 XR415108 2N2364 SMBJ10 331E3
Product Description
Full Text Search
 

To Download GI341A227106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Incremental encoders
Hollow or end shaft max. o15 mm Resolution 5...2048 pulses
GI341, GI342 - incretivo
Features - Encoder with end or hollow shaft o10-15 mm - Resolution max. 2048 ppr - Optical sensing - Flange and housing made of high-tech plastics - Tangential cable output - Available with commutation signals - Mounting depth 40 mm Optional - Commutation tracks UVW GI342 with hollow shaft Technical data - electrical ratings Voltage supply 5 VDC 10 % 4.75...30 VDC 30 mA (24 VDC) 60 mA (5 VDC) 5...2048 Zero pulse, width 90 Optical 150 kHz A 90 B, N + inverted Linedriver RS422 Push-pull short-circuit proof DIN EN 61000-6-2 DIN EN 61000-6-4 UL approval / E63076 - High temperature max. 120 C (only GI341)
Technical data - mechanical design Housing Protection DIN EN 60529 Operating speed Rotor moment of inertia Material Operating temperature Relative humidity Resistance o58 mm IP 54 6000 rpm 60 gcm Housing: carbon-fibre reinforced polyamide -20...+80 C 95 % non-condensing DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms 150 g Cable 1 m o10...15 mm end shaft 0.015 Nm o10...15 mm hollow shaft 0.05 Nm
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
Reverse polarity protection Yes (4.75...30 VDC) Consumption w/o load Resolution (steps/turn) Reference signal Sensing method Output frequency Output signals Output circuit Interference immunity Emitted interference Approval
Weight approx. E-connection GI341 Shaft Starting torque GI342 Shaft Starting torque
1
www.baumerivo.com
Hollow or end shaft max. o15 mm Resolution 5...2048 pulses
Incremental encoders
GI341, GI342 - incretivo
Part number End shaft GI341. 71 See part number (pulses) E-connection 71 Cable 1 m, tangential Voltage supply / signals 22 5 VDC / linedriver RS422 70 4.75...30 VDC / push-pull 72 4.75...30 VDC / linedriver RS422 (5 VDC) A B C G Hollow shaft End shaft o12 mm center mounting End shaft o10 mm center mounting End shaft o14 mm center mounting End shaft o15 mm center mounting A B C G Hollow shaft GI342. 71 See part number (pulses) E-connection 71 Cable 1 m, tangential Voltage supply / signals 22 5 VDC / linedriver RS422 70 4.75...30 VDC / push-pull 72 4.75...30 VDC / linedriver RS422 (5 VDC) Hollow shaft Hollow shaft o12 mm clamping ring on flange Hollow shaft o10 mm clamping ring on flange Hollow shaft o14 mm clamping ring on flange Hollow shaft o15 mm clamping ring on flange
Part number (pulses) 49 36 50 39 40 (5) (10) (25) (50) (60) 41 57 06 09 13 (100) (128) (200) (250) (360) 14 15 22 23 24 (400) (500) (1000) (1024) (1250) 26 (1500) 29 (2048)
Accessories Mounting accessories (page %S) Z 119.023 Z 119.036 Z 119.040 Z 119.068 Spring coupling for encoders with o58 mm housing Rubber buffer element 7.5 mm long, as torque support Shoulder screw M5 as torque support Spring coupling
Other pulse numbers upon request. Example: ordering key 23 = 1024 pulses Configurations with commutation tracks on request
2
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
Incremental encoders
Hollow or end shaft max. o15 mm Resolution 5...2048 pulses
GI341, GI342 - incretivo
Output signals Clockwise rotating when looking at flange. Incremental signals Track A Track A Terminal assignment Without commutating tracks Core colour Assignment grey pink red black brown Track B Track B 90 green Track B Track B inv. Track N (zero pulse) Track N inv. (zero pulse inv.) Track A Track A inv.
white/green GND brown/green UB With commutating tracks
Zero pulse Zero pulse
Core colour Assignment brown/green UB red black brown green pink grey white yellow blue violet grey/pink red/blue Zero setting Zero setting inv. Track A Track A inv. Track B inv. Track B Track W inv. Track W Track V Track V inv. Track U inv. Track U
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
Commutation signals (optional) Track U Track U 120 Track V Track V
white/green GND
Track W Track W
Please use cores twisted in pairs (for example track A / track A inv.) for extension cables of more than 10 m length. Trigger level Outputs Output level High Output level Low Load High Load Low Outputs Output level High Output level Low Load High Load Low Linedriver RS422 >2.5 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA Push-pull short-circuit proof >UB -3 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA
3
www.baumerivo.com
Hollow or end shaft max. o15 mm Resolution 5...2048 pulses
Incremental encoders
GI341, GI342 - incretivo
Dimensions GI341 end shaft
1.5 33.5 6.5 o10 H7... o15 H7 58 5 M3 x 6
3
6
15
Center mounting with M5 screw and protection washer (not in delivery)
6.6
30
GI342 hollow shaft
33.5 6.5 o10 H7... o15 H7 58 M3 x 6
o30
6.6
30
42
42
4
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
.75 21 21 .75


▲Up To Search▲   

 
Price & Availability of GI341A227106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X