Part Number Hot Search : 
HC406 5262B B260001 B220M NE554 HC406 2SK315 ZM4733
Product Description
Full Text Search
 

To Download GBPC1501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC15/25/35/50 SERIES
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload -300~450 amperes peak Low forward voltage drop Mounting position :Any Electrically isolated base-2000 Vlots Solderable 0.25" FASTON terminals Materials used carries U/L recognition
.254(6.45) .242(6.15) 1.133(28.8) 1.114(28.3) .661(16.8) .648(16.4)
REVERSE VOLTAGE RWARD CURRENT
- 50 to 1000Volts - 15/25/35/50Amperes
GBPC
METAL HEAT SINK .335(8.5) .295(7.5) .925(23.5) .886(22.5)
G
0.94 (2.4) diam
G
.035(0.9) .028(0.7) Hole for No.8 screw 193"(4.9)diam
.720(18.3) .705(17.9)
.661(16.8) .648(16.4) 1.133(28.8) 1.114(28.3)
.571(14.5) .555(14.1)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load 60Hz. For capacitive load, derate current by 20%
GBPC GBPC 1501 2501 3501 5001 100 70 15 GBPC 15 IFSM 300 GBPC 25 GBPC 1502 2502 3502 5002 200 140 25 350 GBPC 1504 2504 3504 5004 400 280 GBPC 1506 2506 3506 5006 600 420 35 GBPC 35 400 GBPC 50 GBPC 1508 2508 3508 5008 800 560 GBPC 1510 2510 3510 5010 1000 700 50 450 V V A UNIT 15005 SYMBOL 25005 35005 50005 Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current @ TC=55 Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 7.5/12.5/17.5/25.0 A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range @ TA=25 VF IR TJ TSTG 1.1 10 -55 to +150 -55 to +150 V A VRRM VRMS I(AV) 50 35
CHARACTERISTICS
A
~
~
RATING AND CHARACTERISTIC CURVES GBPC15/25/35/50 SERIES
FIG.1-MAXMUN FORWARD SURGE CURRENT 500 PEAK FORWARD SURGE CURRENT , AMPERES AVERAGE FORWARD OUTPUT CURRENT , AMPERES 400 350
GBPC35 GBPC50
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT 50
GBPC50
300
GBPC25
40
GBPC35
30
200
GBPC15
20
GBPC25
10 0
GBPC15
0 1 10 NUMBER OF CYCLES AT 60Hz 100
50
100
150
TEMPERATURE,C
FIG.3-TYPICAL FORWARD CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT ,(A)
GBPC50 GBPC25 GBPC35 GBPC15
FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, MICROAMPERES 10
10
1.0
1.0
0.1
TJ=25C
0.1
0.01 0
0.01
20
40
60
80
100
120
140
0.4
0.6
0.8
1.0
1.2
1.4
1.6 PERCENT OF RATED PEAK REVERSE VOLTAGE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~
~


▲Up To Search▲   

 
Price & Availability of GBPC1501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X