Part Number Hot Search : 
ISD2564 3MC060 CLL4122 100MB 5932B 5932B 2SC184 12250
Product Description
Full Text Search
 

To Download EPA2188B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10 Base-T Multiport Module with Enhanced Common Mode Attenuation
ELECTRONICS INC.
EPA2188B
* Optimized for RIC Chips * * Robust construction allows for severe solder processes * * Low Crosstalk enhances network reliability * * Complies with or exceeds IEEE 802.3, 10 Base-T Requirements * Electrical Parameters @ 25 C
Cut-off Frequency (MHz)
Insertion Loss (dB Max.) 1-10 MHz
Return Loss (dB Min.) 5-10 MHz Xmit -15 Rcv -15 @ 20 MHz Xmit -7 Rcv -6
Attenuation (dB Min.) @ 25 MHz Xmit -19 Rcv -14 @ 30 MHz Xmit -30 Rcv -20 @ 40 MHz Xmit -35 Rcv -31 @ 50 MHz Xmit -30 Rcv -30
Common Mode Rejection (dB Min.) @ 100 MHz Xmit -25 Rcv -25 @ 200 MHz Xmit --Rcv ---
Crosstalk (dB Min.)
@ 1-10 MHz Xmit -30 Rcv -30
Xmit 17
Rcv 17
Xmit -1
Rcv -1 *
Schematic
Xmit 62 60 58
Isolation : meets or exceeds 802.3 IEEE Requirements * Characteristic Filter Impedance : 100 * * Referenced to the Output Level Fundamental Frequency *
Rcv 56 54 52 50 Xmit 48 46 Xmit 44 42 Rcv 40 38 Rcv 36 34 Xmit 32
Rcv
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
LPF
LPF
LPF
LPF
LPF
LPF
LPF
LPF
330
330
330
330
330 56
330
330
56
56
56
56
56
56
1
2
3
4
5
6
789
10
11
12
13 14
15
17 18 19 20
21
22
23 24 25
26
27
28
29 30
56
51
51
51
51
51
51
51
51
31
A
Package
Dim. B N K I DETAIL AA E A B C D E F G H I J K L M N 1.680 1.015 .380 1.49 .010 .05 0 1.090 .016 .008 .095 .125 100 .075 .100
Dimensions
(Inches) Min. Max. (Millimeters) Min. Max. 43.18 26.04 10.16 38.35 Typ. Typ. 34 Plcs 28.19 .508 .305 Typ. 3.81 Typ. 17 Plcs Typ. 3.05
PCA EPA2188B Date Code
J
F
L
H
See Detail AA
C
D
M
G
1.700 42.67 1.025 25.78 .400 9.65 1.51 37.85 .Typ. .254 Typ. 34 Plcs 1.27 1.110 27.69 .020 .406 .012 .203 Typ. 2.41 .150 3.18 Typ. 17 Plcs 2.54 Typ. 1.905 .120 2.54
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSA2188Ba Rev. -
10/7/96
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com
330
ELECTRONICS INC.
10 Base-T Multiport Module with Enhanced Common Mode Attenuation EPA2188B
The circuit below is a guideline for interconnecting PCA's EPA2188B with National chips as a reference controller. Further details of system design, such as chip pin-out, etc. can be obtained from the specific chip manufacturer. Typical insertion loss of the isolation transformer/filter is 0.7dB. This parameter covers the entire spectrum of the encoded signals in 10 Base-T protocols. However, the predistortion resistor network introduces some loss which has to be taken into account in determining how well your design meets the Standard Template requirements. Additionally, note that NSC suggest using lower values for the resistors to provide more optimum amplitude control as would be required when driving lon cables or of varied quality unknown to the designer. Both values are shown here for your convenience. Users are encouraged to verify which network best suits their needs with the chip manufacturer before choosing one or the other. For the first case, a quick calculation of the effective Thevenin's termination impedance for the filter follows: 1/R(termination)= 95 . In the second case, one gets about the same values assuming R ACT 7. Thus, when measuring the return loss of these parts on the bench, it is necessary to provide a shunting resistor of approximatively 5 representing the four 5 output signal sources. Note that some systems have auto polarity detection and some do not. If not, be certain to follow the proper polarity. It is recommended that system designers ground the chip side center taps via a low voltage capacitor. Taking the cable side center taps to chassis via capacitors, is not recommended, as this will add cost without containing EMI. This may worsen EMI, specifically if the primary "common mode termination" is pulled to ground as shown. The phantom resistors shown around the RJ45 connector have been known to suppress unwanted radiation that unused wires pick up from the immediate environment. Their placement and use are to be considered carefully before a design is finalized. It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit the plane off at least 0.08 inches away from the chip side pins of EPA2188B. There need not be any ground plane beyond this point. For best results, PCB designer should design the outgoing traces preferably to be 50, balanced and well coupled to achieve minimum radiation from these traces.
Typical Application Circuit for UTP (Only one port shown)
TX+ TXd+
1 2 3 4 5 7
62 60 58 56
3 6 1 2
TX+ TXRX+ RX4 5 7 8
RIC
TXTXdRX+ RX-
RJ45*
EPA2188B
8 6
Chassis Ground
Notes : * Pin-outs shown are for multiport, DCE configurations : e.g. Hubs, Repeaters
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSA2188Bb Rev. -
10/7/96
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPA2188B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X