|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER TRANSFORMER 1. CONFIGURATION & DIMENSIONS : 9.53 (0.375) W B DCS4-16 (F) SERIES A 4.76(0.187)Quick Connect Solder Lug Terminal 4.76(0.187)Dia. Mfg. Holes 4.76 (0.187) 3.96 (0.156) 6.35 (0.250) H ML L UNIT : mm (inch) SIZE 4 VA 6 L 60.33 (2.375) W 31.75 (1.250) H 34.93 (1.375) A 42.88 (1.688) B 17.48 (0.688) ML 50.80 (2.000) gram 199.58 2. SCHEMATIC : 1 5 2 7 3 4 indicates polarity 8 3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. No Load Primary Current c. Secondary Voltage (5%) Pin 5-8 C.T. Pin 7 d. Secondary Load Current e. Full Load Primary Current f. Full Load Secondary Voltage (5%) Pin 5-8 C.T. Pin 7 g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-7 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size l. Turns & Wire Gauge Primary-1 Pin 1-2 Primary-2 Pin 3-4 Secondary Pin 5-7-8 AC 115/230 V 50/60 Hz . Less Than 20mA / 25mA . AC 19.40 V / 19.20 V . 0.40A . Less Than 80mA / 45mA . 16.00V / 16.00V . Primary-1 = 257 Ohm . Primary-2 = 317 Ohm . Secondary-1 = 1.78 Ohm . Secondary-2 = 1.78 Ohm . DC 500V 100Meg Ohm Of More . AC 2500V 60Hz 1 Minutes . Less Than 60 Deg C . EI-41 x 17.00 m/m . 1600 Turns Diameter 1600 Turns Diameter 137 x 2 Turns Diameter 0.10 m/m . 0.10 m/m . 0.37 m/m . NOTE : Specifications subject to change without notice. Please check our website for latest information. 2.39 (0.094) 25.02.2008 SUPERWORLD ELECTRONICS (S) PTE LTD PG. 1 |
Price & Availability of DCS4-16-0 |