Part Number Hot Search : 
LB1609 DRP10 TRANS RG4CZ 24121 ISL6251 SEL4925A C2610E
Product Description
Full Text Search
 

To Download CT051003ALM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THIN FILM PRECISION CHIP RESISTORS
The content of this specification may change without notification 10/12/07
CT Series Chip Resistors - Tin / Gold Terminations Available
Custom solutions are available.
HOW TO ORDER CT G 10 1003 B XM
Packaging M = Std. Reel O = 1K Reel Y = +50 Z = +100
TCR (PPM/C) L = +1 P = +5 M = +2 Q = +10 N = +3 X = +25 Tolerance (%) U=+.01 A=+.05 P=+.02 B=+.10
FEATURES
Nichrome Thin Film Resistor Element CTG type constructed with top side terminations, wire bonded pads, and Au termination material. Anti-Leaching Nickel Barrier Terminations Very Tight Tolerances, as low as 0.02% Extremely Low TCR, as low as 1ppm Special Sizes available 1217, 2020, and 2045 Either ISO 9001 or ISO/TS 16949:2002 Certified Applicable Specifications: EIA575, IEC 60115-1, JIS C5201-1, CECC 40401, MIL-R-55342D
C=+.25 D=+.50
F=+1
EIA Resistance Value Standard decade values Size 20 = 0201 05 = 0402 16 = 0603 10 = 0805 18 = 1206 14 = 1210 13 = 1217 12 = 2010 11 = 2020 09 = 2045 01 = 2512
Termination Material Sn = Leave Blank
Au = G
Series CT = Thin Film Precision Resistors
SCHEMATIC
Wraparound Termination
DIMENSIONS (mm)
Size 0201 0402 0603 0805 1206 1210 1217 2010 L 0.60 + 0.05 1.00 + 0.05 1.60 + 0.10 2.00 + 0.15 3.20 + 0.15 3.20 + 0.15 3.00 + 0.20 5.00 + 0.15 5.08 + 0.20 5.00 + 0.15 6.30 + 0.15 W 0.30 + 0.05 0.5+0.1
-0.05
c 0.13 + 0.05 0.20 + 0.10 0.20 + 0.10 0.40 + 0.25 0.45 + 0.25 0.50 + 0.30 0.80 + 0.30 0.50 + 0.30 0.80 + 0.30 0.80 + 0.30 0.60 + 0.25
d 0.25+0.05 0.25+0.05 0.30+0.20 0.30+0.20 0.40+0.20 0.40+0.20 0.40+0.20
-0.10 -0.10 -0.10 -0.10 -0.10
t 0.25 + 0.05 0.35 + 0.05 0.50 + 0.10 0.50 + 0.15 0.60 + 0.15 0.60 + 0.10 0.9 max 0.70 + 0.10 0.9 max 0.9 max 0.60 + 0.10
0.80 + 0.10 1.25 + 0.15 1.60 + 0.15 2.60 + 0.15 4.20 + 0.20 2.60 + 0.15 5.08 + 0.20 11.5+ 0.30 3.10 + 0.15
0.80 + 0.25
-0.10
Top Side Termination, Bottom Isolated - CTG Type
2020 2045 2512
0.80 + 0.30 0.80 + 0.30 0.50 + 0.25
Wire Bond Pads Terminal Material: Au
CONSTRUCTION FIGURE (Wraparound)
CONSTRUCTION MATERIALS
Item Part Material Resistor Nichrome Thin Film Protective Film Polymide Epoxy Resin Electrode Grounding Layer Nichrome Thin Film Electrode Layer Copper Thin Film Barrier Layer Nickel Plating Solder Layer Solder Plating (Sn) Substrate Alumina Marking Epoxy Resin The resistance value is on the front side The production month is on the backside
a b c d &
American Accurate Components, Inc.
188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889
1
THIN FILM PRECISION CHIP RESISTORS
The content of this specification may change without notification 10/12/07
ELECTRICAL CHARACTERISTICS
Size Power Rating at 70 (W) 0.05 Resistance Range 10.0 ~ 30.0 33.0 ~ 22.0K 10.0 ~ 46.4 % Tolerance 1 0.5 0.1, 0.5, 1 0.05, 0.1, 0.25, 0.5, 1 0.02, 0.05, 0.1, 0.25, 0.5, 1 0.05, 0.1, 0.25, 0.5, 1
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
TCR (10-6/C) 100 25 10, 25, 50 10, 25, 50 5, 10, 25, 50 10, 25, 50
1,2,3,5,10,25,50
Working Voltage 15V
Overload Voltage 30V
Operating Temp Range -55C ~ +125C
0201
0402
0.031 0.063
47.0 ~ 97.6 100 ~ 2.94K 3.00K ~ 100K 10.0 ~ 100K
50V
100V
-55C ~ +125C
0603
0.063 0.100
-55C ~ +125C -55C ~ +155C 75V 150V -55C ~ +125C
102K ~ 270K 274K ~ 360K 10.0 ~ 200K
0.05, 0.1, 0.25, 0.5, 1 0.1, 0.25, 0.5, 1
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
10, 25, 50 10, 25, 50 1, 2, 3, 5, 10, 25, 50 10, 25, 50 10, 25 25 1, 2, 3, 5, 10, 25, 50 10, 25 5, 10 25 50
1, 2, 3, 5, 10, 25
0805
0.100
205K ~ 360K 365K ~ 487K 499K ~ 1.00M
0.05, 0.1, 0.25, 0.5 0.05, 0.1, 0.25, 0.5 0.1, 0.5
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1 0.05, 0.1, 0.25, 0.5
100V
200V
-55C ~ +125C
1206
0.125
5.01 ~ 560K 562K ~ 1.00M 100 ~ 330K
150V
300V
-55C ~ +125C
0.1 0.1, 0.5 0.5
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
1210
0.250
51.0 ~ 2.00M 10.0 ~ 49.9
200V
400V
-55C ~ +125C
1217
0.250
5.10 ~ 1.00M 100 ~ 20.0K 50.0 ~ 40.0K
200V
400V
-55C ~ +155C
0.01, 0.05, 0.1, 0.25, 0.5 0.01, 0.05, 0.1, 0.25, 0.5 0.01, 0.05 0.1, 0.25, 0.5, 1 0.01, 0.05 0.1, 0.25, 0.5, 1
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
5 10 25 150V 300V -55C ~ +125C
2010
0.250
10.0 ~500K 4.70 -1.00M 10.0 ~500K 1.00 ~ 1.00M
50
1, 2, 3, 5, 10, 25 1, 2, 3, 5, 10, 25
2020 2045
0.500 1.000
5.10 ~ 2.00M 20.0 ~ 4.99M 100 ~ 20.0K 50.0 ~ 40.0K
350V 500V
700V 1000V
-55C ~ +155C -55C ~ +155C
0.01, 0.05, 0.1, 0.25, 0.5 0.01, 0.05, 0.1, 0.25, 0.5 0.01, 0.05 0.1, 0.25, 0.5, 1 0.01, 0.05 0.1, 0.25, 0.5, 1
5 10 25 150V 300V -55C ~ +125C
2512
0.500
10.0R ~ 500K 4.70 -1.00M 10.0R ~ 500K 1.00 1.00M
50
* Rated Voltage: PxR
** 0.01% may be available under special request
American Accurate Components, Inc.
188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889
2
THIN FILM PRECISION CHIP RESISTORS
The content of this specification may change without notification 10/12/07
PERFORMANCE & ENVIRONMENTAL SPECIFICATIONS
Test Item Short Time Overload Load Life Moisture Load Life Temperature Cycle Resistance to Solder Heat Terminal Strength Solderability Insulation Resistance Maximum +0.05 (Tolerance) A B, C D, F 0.1% 0.1% 0.5% 0.1% 0.1% 0.1% 0.05% 0.25% 0.25% 0.1% 0.1% 0.5% 0.5% 0.5% 0.5% Condition 2.5 times of the rated voltage shall be applied for 5 seconds The resistor shall be subjected to rated voltage for 90 min. followed by a pause of 30 min. at a temperature of 703C. This constitutes 1 cycle. Cycles shall be repeated for 1000 hours. The resistor subjected to rated voltage for 90 min followed by a pause for 30 min at a temperature of 602C with relative humidity of 90% to 95%. This constitutes 1 cycles. Cycles shall be repeated for 1000 hours. [-55C 30 min +125C 30 min R.T. 3 min] The resistor shall be subjected to 5 continuous cycles The resistor shall withstand dipped into solder for 101 sec. At 2605C Distance between fulcrums: 90mm; Bending width: 3 mm The resistor shall be dipped into the solder of 2355C for 30.5 seconds 1000 Meg or over
0.1% 0.1% 0.5% A new uniform coating of solder shall cover minimum of 95% of surface being immersed DC 500V for 1 minute
VALUE MARKING
For those parts ordered with an E-24 value, the product will be marked with a 3 digit code. For those products ordered with an E-96 value, the product will be marked with a 4 digit code. For those parts which fall under E-96 and E-24 values (e.g. 1K ohm is both an E-96 and E-24 value), the part will be marked with a 3 digit code; 4 digit markings for this type is available upon special request. 0201, and 0402 Size No marking E-24 & E-96 Values Custom Value Any Size
REEL SCHEMATIC & DIMENSIONS (mm)
O & M Type 7" Reel C 13 0.2 E 600.5 F 11.41.0 G 9.00.3 H 1.50.3 M 1802.0 M Type 13" Reel 130.2 1000.2 13.51.0 9.50.5 2.00.5 3302.0
Reel size is dependent upon the package quantity& resistor size. Call for more info.
51B
0603 Size EIA 96 Digit Code of 3.32K ohm E-96 Values 0603 ~ 2512 Sizes EIA 3 Digit Code of 10K ohm resistor E-24 Values, E-96 Values 0805 ~ 2512 Sizes EIA 4 Digit Code of 121K ohm resistor E-96 Values
TAPE SCHEMATIC
103
1213
LABEL DESCRIPTION
One side surface of a reel is marked with a label with the following items of information. 1. Chip Resistor 2. Part Number 3. Tolerance 4. Quantity 5. Lot number for production month/year* 6. Manufacturer's name or symbol * The suffix "L" indicates that this item is lead free. As of September 2004, all new production items of the series CR and CJ are no longer containing tin/lead (SnPb) terminals; they are lead free and in compliance with Lead Free/RoHS.
TAPE DIMENSIONS (mm)
A B W E F P1 T Tp 0201 0.410.1 0.710.1 8.00.2 1.750.10 3.50.05 2.00.05 0.5max 0.4+0.05 1210 2.90.1 3.50.1 8.00.2 1.750.1 3.50.05 4.00.1 0.900.1 0.750.1 0402 0.650.1 1.150.1 8.00.2 1.750.10 3.50.05 2.00.05 0.550.1 0.400.05 1217 3.50.1 4.90.1 12.00.2 1.750.1 5.50.1 8.00.1 0.900.1 0603 1.10.2 1.90.2 8.00.2 1.750.1 3.50.05 4.00.1 0.700.1 0.600.1 2020 5.50.1 5.50.1 12.00.2 1.750.1 5.50.1 8.00.1 1.00.1 0805 1.650.2 2.40.2 8.00.2 1.750.1 3.50.05 4.00.1 0.900.1 0.750.1 2045 5.40.1 11.90.1 24.00.2 1.750.1 11.50.1 8.00.1 1.00.1 1206 2.00.15 3.60.15 8.00.2 1.750.1 3.50.05 4.00.1 0.900.1 0.750.1 2512 2.90.1 5.30.1 12.00.2 1.750.1 5.50.05 4.00.1 1.00.1 0.250.1
PACKAGE QUANTITY
Type M O Type B O 0201 5,000 1,000 1210 5,000 1,000 0402 10,000 1,000 1217 2,000 1,000 0603 5,000 1,000 2010 4,000 1,000 2020 2,000 1,000 0805 5,000 1,000 2045 3,000 1,000 1206 5,000 1,000 2512 4,000 1,000
A B W E F P1 T Tp
2010 2.90.1 5.30.1 12.00.2 1.750.1 5.50.1 4.00.1 1.00.1 0.250.1
Call to find out if the tape material is paper or plastic
American Accurate Components, Inc.
188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889
3


▲Up To Search▲   

 
Price & Availability of CT051003ALM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X