Part Number Hot Search : 
M3K12 00620 JAR8005 MB90F ADM488 RL101 120611 00620
Product Description
Full Text Search
 

To Download BZX84C2V4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84C2V4 Series
SURFACE MOUNT ZENER DIODES
SOT-23
.014(0.35) .020(0.51)
TOP VIEW
.033(0.85) .041(1.05) .018(0.46) .039(1.00) 0.0004(0.01) .005(0.13) 1.06(2.70) 1.22(3.10)
.047(1.19) 083(2.10) .055(1.4) 1.18(3.0)
.067(1.70) .083(2.10)
.035(0.89) .043(1.10)
.0118(0.30) .024(0.61)
.003(0.076) .0098(0.25)
FEATURES
225mw Power Dissipation ldeal for Surface Mountted Application Zener Breakdown Voltage Range 2.4V to 75V
MECHANICAL DATA
Case SOT-23 Molded plastic, Terminals Solder plated, solderable per MIL-STD-202, Method 208 Polarity Cathode Indicated by Polarity Band Marking Marking Code (See Table on Page 2) Weigh 0.008grams (approx)
o
Maximum Ratings and Electrical Characteristics (at TA=25 C unless otherwise noted)
PARAMETER Total Power Dissipation on FR-5 Board Forward Voltage @ IF=10mA Junction and Storage Temperature Range NOTES 1. FR-5=1.0*0.75*0.62in
(1)
SYMBOL @TA=25 C
(1)
0
VALUE 225 556 0.9
UNITS
mW
0
PD R
JA
Thermal Resistance Junction to Ambient Air
C/W V
0
VF TJ TSTG
-65 to +150
C
ELECTRICAL CHARCTERISTICS
(P inout 1- Anode, 2-No Connection, 3-Cathode) (TA=25oC unless otherwise noted, VF=0.9V Max.@IF=10mA)
SYMBOL VZ IZT ZZT IR VR IF VF V C
Z
PARAMETER Reverse Zener Voltage@ IZT Reverse Current Maximum Zener Impedance @ IZT Reverse Leakage Current @ VR Reverse Voltage Forward Current Forward Voltage @ IF Maximum Temperature Coefficient of VZ Max. Capacitance @ VR=0 and f=1MHz
I
V
Zener V oltage Regulator
Device Marking
LTEM BZX84C2V4 Series MARKING XX=Specific Device Code (See Table on page 2) EQUIVALENT CIRCUIT DIAGRAM 3 Cathode 1 Anode
www.paceleader.tw
1
BZX84C2V4 Series
SURFACE MOUNT ZENER DIODES
ELECTRICAL CHARCTERISTICS
(P inout 1- Anode, 2-No Connection, 3-Cathode) (TA=25oC unless otherwise noted, VF=0.9V Max.@IF=10mA)
VZ1 (Volts) Device @IZT1=5mA (Note) Marking Min BZX84C2V4LT1 BZX84C2V7LT1 BZX84C3V0LT1 BZX84C3V3LT1 BZX84C3V46LT1 BZX84C3V9LT1 BZX84C4V3LT1 BZX84C4V7LT1 BZX84C5V1LT1 BZX84C5V6LT1 BZX84C6V2LT1 BZX84C6V8LT1 BZX84C7V5LT1 BZX84C8V2LT1 BZX84C9V1LT1 BZX84C10LT1 BZX84C11LT1 BZX84C12LT1 BZX84C13LT1 BZX84C15LT1 BZX84C16LT1 BZX84C18LT1 BZX84C20LT1 BZX84C22LT1 BZX84C24LT1 BZX84C27LT1 BZX84C30LT1 BZX84C33LT1 BZX84C36LT1 BZX84C39LT1 BZX84C43LT1 BZX84C47LT1 BZX84C51LT1 BZX84C56LT1 BZX84C62LT1 BZX84C68LT1 BZX84C75LT1 Z11 Z12 Z13 Z14 Z15 Z16 W9 Z1 Z2 Z3 Z4 Z5 Z6 Z7 Z8 Z9 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13 Y14 Y15 Y16 Y17 Y18 Y19 Y20 Y21 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 14.3 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44.4 48 52 58 64 70 Nom 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 Max 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5 5.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.8 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 VZ2 (Volts) ZZT1 @lZT2=1mA (Ohms) (Note) @lZT1= 5mA Min Max 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 1.7 2.1.9 3.2.1 4.2.3 5.2.7 2.9 3.3 3.7 4.2 4.8 6.6 6.3 6.9 7.6 8.4 9.3 10.2 11.2 12.3 13.7 15.2 16.7 18.7 20.7 22.7 25 27.8 30.8 33.8 36.7 39.7 43.7 47.6 51.5 57.4 63.4 69.4 2.1 2.4 2.7 2.9 3.3 3.5 4 4.7 5.3 6 6.6 1.2 7.9 2.7 9.6 10.6 11.6 12.7 14 15.5 17 19 21.1 23.2 25.5 28.9 32 35 38 41 46 50 54 60 66 72 79 VZ3 (Volts) Max Reverse VZ (mV/K) ZZT3 ZZT2 @lZT2=20mA Leakage C (pF) @IZT1=5mA (Ohms) (Ohms) (Note) Current @VR=0 @lZT3= @lZT1= f=1MHz IR @ VR 20mA 1mA Min Max Min Max A Volts 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 350 375 375 400 425 450 475 500 2.6 3 3.3 3.6 3.9 4.1 4.4 4.5 5 5.2 5.8 6.4 7 7.7 8.5 9.4 10.4 11.4 12.5 13.9 15.4 16.9 18.9 20.9 22.9 25.2 28.1 31.1 34.1 37.1 40.1 44.1 48.1 52.1 58.2 64.2 70.3 3.2 3.6 3.9 4.2 4.5 4.7 5.1 5.4 5.9 6.3 6.8 7.4 8 8.8 9.7 10.7 11.8 12.9 14.2 15.7 17.2 19.2 21.4 23.4 25.7 29.3 32.4 35.4 38.4 41.5 46.5 50.5 54.6 60.8 67 73.2 80.2
o
Device
50 50 50 40 40 30 30 15 15 10 6 6 6 6 8 10 10 10 15 20 20 20 20 25 25 45 50 55 60 70 80 90 100 110 120 130 140
50 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.5 0.2 0.1 0.1 0.1
1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8
3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 2.7 2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 37.6 42.0 46.6 52.2 58.8 65.6 73.4
0 0 0 0 0 2.5 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2 46.6 51.8 57.2 63.8 71.6 79.8 88.6
450 450 450 450 450 450 450 260 225 200 185 155 140 135 130 130 130 130 120 110 105 100 85 85 80 70 70 70 70 45 40 40 40 40 35 35 35
0.05 10.5 0.05 11.2 0.05 12.6 0.05 14
0.05 15.4 0.05 16.8 0.05 18.9 0.05 21
0.05 23.1 0.05 25.2 0.05 27.3 0.05 30.1 0.05 32.9 0.05 35.7 0.05 39.2 0.05 43.4 0.05 47.6 0.05 52.5
NOTE Zener voltage is measured with a pulse test current lZ at an ambient temperature of 25 C
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of BZX84C2V4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X