Part Number Hot Search : 
HT288 N4990 74LS160D 54LS1 CD6392CB TS612 MAX2654 R1210
Product Description
Full Text Search
 

To Download BAT54WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54WS
PRV : 30 Volts Io : 200 mA
FEATURES :
* These diodes feature very low turn-on voltage * Fast switching * These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges * Pb / RoHS Free
1.35
SMALL SIGNAL SCHOTTKY DIODE
SOD-323
0.40 0.25 1.80 1.60
1.15
MECHANICAL DATA :
* Case : SOD-323 plastic Case * Weight : approx. 0.004 g * Marking Code : S1
2.80 2.30
Dimensions in millimeters
MAXIMUM RATINGS
Parameter
( Rating at 25 C ambient temperature unless otherwise specified.)
Symbol
VRRM IF IFRM IFSM Ptot RJA TJ TSTG
Value
30 200 300 600 150 650 125 -65 to +150
0.15 (max)
1.10
0.80
Unit
V mA mA mA mW K/W C C
Maximum Repetitive Peak Reverse Voltage Maximum Forward Contiuous Current (Note 1) Maximum Repetitive Peak Forward Current (Note 1) Maximum Peak Forward Surge Current at tp < 1 s, (Note 1) Total Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Maximum Junction Temperature Storage Temperature Range
ELECTRICAL CHARACTERISTICS
Parameter
Reverse Breakdown Voltage Leakage Current (Note 2) Forward Voltage (Note 2)
(Rating at 25 C ambient temperature unless otherwise specified
Test Condition
IR = 100 A pulses VR = 25 V IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 30 mA IF = 100 mA VR = 1 V, f = 1 MHz IF = 10 mA through I R = 10 mA, to Irr = 1A , R L = 100
Symbol
V(BR) IR VF VF VF VF VF Ctot Trr
Min.
30 -
Typ.
-
Max.
2 240 320 400 500 800 10 5
Unit
V A mV mV mV mV mV pF ns
Diode Capacitance Reverse Recovery Time
Notes : (1) Valid provided that electrodes are kept at ambient temperature (2) Pulse test tp < 300 s, < 2%
Page 1 of 2
Rev. 03 : May 8, 2006
RATINGS AND CHARACTERISTIC CURVES ( BAT54WS )
FIG.1 - DERATING CURVE
FIG.2 - TYPICAL CAPACITANCE VS. REVERSE VOLTAGE
14
200
POWER DISSIPATION, (mA)
TOTAL CAPACITANCE , (pF)
12 10 8 6 4 2 0
f = 1.0 MHz
150
RJA = 650 K/W
100
50
0
0
25
50
75
100
125
150
175
0
4
8
16
20
24
28
AMBIENT TEMPERATURE, ( C)
REVERSE VOLTAGE , (V)
FIG.3 - TYPICAL FORWARD VOLTAGE FORWARD CURRENT AT VARIOUS TEMPERATURE
1000
FIG.4 - TYPICAL VARIATION OF REVERSE CURRENT AT VARIOUS TEMPERATURES
1000
TJ = 125 C
100
TJ = 125 C
100
FORWARD CURRENT, (mA)
REVERSE CURRENT, (A)
TJ = 75 C 10
10 TJ = 25 C
1.0
1.0
TJ = 25 C 0.1 0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01 0
5
10
15
20
25
30
FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
Page 2 of 2
Rev. 03 : May 8, 2006


▲Up To Search▲   

 
Price & Availability of BAT54WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X