Part Number Hot Search : 
P1013AP AA87221 LT6A05 PC100 BB202LX XR19L210 Q208I PC100
Product Description
Full Text Search
 

To Download BAT54WG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation Schottky Barrier Diode
Lead free product
* Extremely Fast Switching Speed * Low Forward Voltage * PN Junction Guard Ring for Transient and ESD Protection. 30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
3
BAT54WG
1 2
CATHODE 3
ANODE 1
SOT-323
MAXIMUM RATINGS (TJ=125 C unless otherwise noted)
Rating Reverse Voltage Forward Power Dissipation @ TA=25 C o Derate above 25 C Forward Current (DC) Operating Junction Temperature Range Storage Temperature Range
o
o
Symbol VR PF IF TJ TSTG
Value 30 200 2.0 200 Max -55 to +125 -55 to +150
Unit Volts mW o mW / C mA
o
C
o
C
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Characteristic Symbol Min. Typ. Max. Unit
o
OFF CHARACTERISTICS
Reverse Breakdown Voltage ( IR=10 uAdc ) ( IF=0.1 mAdc ) ( IF=1.0 mAdc ) ( IF=10 mAdc ) ( IF=30 mAdc ) ( IF=100 mAdc ) V(BR) 30 0.22 0.29 0.35 0.41 0.52 0.5 7.6 0.24 0.32 0.40 0.50 1.00 2.0 10 Volts
Forward Voltage
VF
Vdc
Reverse Leakage ( VR=25 Vdc ) Diode Capacitance ( VR=1.0V, f=1.0MHZ ) Reverse Recovery Time ( IF=IR=10 mAdc, IR(REC)=1.0mAdc )
REV. 1
IR
uAdc pF
CJ trr
-
-
5.0
nS
Zowie Technology Corporation
Zowie Technology Corporation
BAT54WG
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT 820 +10 V 2k 100uH 0.1uF D.U.T. OUTPUT PULSE GENERATOR 50 50 INPUT SAMPLING OSCILLOSCOPE 90% VR INPUT SIGNAL IR iR(REC) = 1mA OUTPUT PULSE (I F = I R = 10 mA; measured at iR(REC) = 1mA IF 0.1uF IF trr T
tr 10%
tp
T
Notes: 1. A 2.0k variable resistor adjusted for a Forward Current (IF) of 10mA. 2. Input pulse is adjusted so IR(peak) is equal to 10mA. 3. tp trr
FIGURE 2. FORWARD VOLTAGE
100 1000 125 C 85 C 10
o o
FIGURE 3. LEAKAGE CURRENT
IF, FORWARD CURRENT ( mA )
IR, REVERSE CURRENT ( uA )
C TA=150
100
o
TA=125 C
o
10 1.0
o 0C
TA=85 C
o
1.0
15
-55 C
o
0.1 0.01
o
-40 o C
25 o C
TA=25 C
0.1 0.0
0.001 0.1 0.2 0.3 0.4 0.5 0.6 0 5 10 15 20 25 30
VF, FORWARD VOLTAGE ( VOLTS )
VR, REVERSE VOLTAGE ( VOLTS )
FIGURE 4. TOTAL CAPACITANCE
14
CT, TOATAL CAPACITANCE ( pF )
12 10 8 6 4 2 0 0 5 10 15 20 25 30
VR, REVERSE VOLTAGE ( VOLTS )
REV. 1
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of BAT54WG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X