|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features * Low-voltage and Standard-voltage Operation VCC = 1.7V to 5.5V * Internally Organized as 32,768 x 8 * Two-wire Serial Interface * Schmitt Trigger, Filtered Inputs for Noise Suppression * Bidirectional Data Transfer Protocol * 1 MHz (5.0V, 2.7V, 2.5V), and 400 kHz (1.7V) Compatibility * Write Protect Pin for Hardware and Software Data Protection * 64-byte Page Write Mode (Partial Page Writes Allowed) * Self-timed Write Cycle (5 ms Max) * High Reliability Endurance: One Million Write Cycles Data Retention: 40 Years * Lead-free/Halogen-free Devices Available * 8-lead JEDEC SOIC, 8-lead UDFN, 8-lead TSSOP, and 8-ball VFBGA Packages * Die Sales: Wafer Form, Waffle Pack and Bumped Wafers Two-wire Serial EEPROM 256K (32,768 x 8) AT24C256C Preliminary Description The AT24C256C provides 262,144 bits of serial electrically erasable and programmable read-only memory (EEPROM) organized as 32,768 words of 8 bits each. The device's cascadable feature allows up to eight devices to share a common two-wire bus. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The devices are available in space-saving 8-lead JEDEC SOIC, 8-lead UDFN, 8-lead TSSOP, and 8-ball VFBGA packages. In addition, this device operates from 1.7V to 5.5V. Table 1. Pin Name A0 - A2 SDA SCL WP GND Pin Configurations Function Address Inputs Serial Data Serial Clock Input Write Protect Ground 8-lead TSSOP A0 A1 A2 GND 1 2 3 4 8 7 6 5 8-lead SOIC VCC WP SCL SDA A0 A1 A2 GND 1 2 3 4 8 7 6 5 VCC WP SCL SDA 8-ball VFBGA VCC 8 WP 7 SCL 6 SDA 5 A0 2 A1 1 3 8-lead UDFN VCC WP SCL SDA 8 7 6 5 1 A0 2 A1 3 A2 4 GND A2 4 GND Bottom View Bottom View 8568A-SEEPR-9/09 Absolute Maximum Ratings* Operating Temperature ........................... * 55C to +125C Storage Temperature ............................ * 65C to + 150C Voltage on Any Pin with Respect to Ground................................ * 1.0 V +7.0V Maximum Operating Voltage..................................... 6.25V DC Output Current .................................................. 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification are not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Figure 1. Block Diagram VCC GND WP SCL SDA START STOP LOGIC LOAD DEVICE ADDRESS COMPARATOR A2 A1 A0 R/W COMP SERIAL CONTROL LOGIC EN H.V. PUMP/TIMING DATA RECOVERY INC X DEC LOAD DATA WORD ADDR/COUNTER EEPROM Y DEC SERIAL MUX DIN DOUT DOUT/ACK LOGIC 2 AT24C256C [Preliminary] 8568A-SEEPR-9/09 AT24C256C [Preliminary] 1. Pin Descriptions SERIAL CLOCK (SCL): The SCL input is used to positive-edge clock data into each EEPROM device and negative-edge clock data out of each device. SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open drain driven and may be wire-ORed with any number of other open-drain or open-collector devices. DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1, and A0 pins are device address inputs that are hardwired (directly to GND or to VCC) for compatibility with other AT24Cxx devices. When the pins are hardwired, as many as eight 256K devices may be addressed on a single bus system. (Device addressing is discussed in detail under "Device Addressing"_Device_Addressing) A device is selected when a corresponding hardware and software match is true. If these pins are left floating, the A2, A1, and A0 pins will be internally pulled down to GND. However, due to capacitive coupling that may appear during customer applications, Atmel recommends always connecting the address pins to a known state. When using a pull-up resistor, Atmel recommends using 10k or less. WRITE PROTECT (WP): The write protect input, when connected to GND, allows normal write operations. When WP is connected directly to VCC, all write operations to the memory are inhibited. If the pin is left floating, the WP pin will be internally pulled down to GND. However, due to capacitive coupling that may appear during customer applications, Atmel recommends always connecting the WP pins to a known state. When using a pull-up resistor, Atmel recommends using 10k or less. 3 8568A-SEEPR-9/09 2. Memory Organization AT24C256C, 256K SERIAL EEPROM: The 256K is internally organized as 512 pages of 64 bytes each. Random word addressing requires a 15-bit data word address. Table 2. Pin Capacitance (1) Applicable over recommended operating range from: TA = 25C, f = 1.0 MHz, VCC = +1.7V Symbol CI/O CIN Test Condition Input/Output Capacitance (SDA) Input Capacitance (A0, A1, SCL) Max 8 6 Units pF pF Conditions VI/O = 0V VIN = 0V Note: 1. This parameter is characterized and is not 100% tested. Table 3. DC Characteristics Applicable over recommended operating range from: TAI = - 40C to +85C, VCC = +1.7V to +5.5V (unless otherwise noted) Symbol VCC1 ICC1 ICC2 ISB1 Parameter Supply Voltage Supply Current Supply Current Standby Current (1.7V option) Input Leakage Currentt VCC = 5.0V Output Leakage Currentt VCC = 5.0V Input Low Level (1) Test Condition Min 1.7 Typ Max 5.5 Units V mA mA A A A A V V V V VCC = 5.0V VCC = 5.0V VCC = 1.7V VCC = 5.0V VIN = VCC or VSS VOUT = VCC or VSS READ at 400 kHz WRITE at 400 kHz VIN = VCC or VSS 1.0 2.0 2.0 3.0 1.0 6.0 ILI ILO VIL VIH VOL2 VOL1 0.10 0.05 -0.6 VCC x 0.7 3.0 3.0 VCC x 0.3 VCC + 0.5 0.4 0.2 Input High Level (1) Output Low Level Output Low Level VCC = 3.0V VCC = 1.7V IOL = 2.1 mA IOL = 0.15 mA Note: 1. VIL min and VIH max are reference only and are not tested. 4 AT24C256C [Preliminary] 8568A-SEEPR-9/09 AT24C256C [Preliminary] Table 4. AC Characteristics (Industrial Temperature) Applicable over recommended operating range from: TAI = - 40C to +85C, VCC = +1.7V to +5.5V, CL = 100 pF (unless otherwise noted). Test conditions are listed in Note 2. 1.7-volt Symbol fSCL tLOW tHIGH tI tAA tBUF tHD.STA tSU.STA tHD.DAT tSU.DAT tR tF tSU.STO tDH tWR Endurance (1) 2.5, 5.0-volt Units Min Max 1000 0.4 0.4 kHz s s 50 0.05 0.5 0.25 0.25 0 100 0.55 ns s s s s s ns 0.3 100 0.25 50 5 1,000,000 5 s ns s ns ms Write Cycles Parameter Min Clock Frequency, SCL Clock Pulse Width Low Clock Pulse Width High Noise Suppression Time (1) Max 400 1.3 0.6 100 0.05 (1) Clock Low to Data Out Valid Time the bus must be free before a new transmission can start Start Hold Time Start Set-up Time Data In Hold Time Data In Set-up Time Inputs Rise Time Inputs Fall Time (1) 0.9 1.3 0.6 0.6 0 100 0.3 300 0.6 50 (1) Stop Set-up Time Data Out Hold Time Write Cycle Time 25C, Page Mode, 3.3V Note: 1. This parameter is ensured by characterization and is not 100% tested. 2. AC measurement conditions: RL (connects to VCC): 1.3 k (2.5V, 5.5V), 10 k (1.7V) Input pulse voltages: 0.3 VCC to 0.7 VCC Input rise and fall times: 50 ns Input and output timing reference voltages: 0.5 VCC 5 8568A-SEEPR-9/09 3. Device Operation CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (refer to Figure 2). Data changes during SCL high periods will indicate a start or stop condition as defined below. Figure 2. Data Validity SDA SCL DATA STABLE DATA CHANGE START CONDITION: A high-to-low transition of SDA with SCL high is a start condition that must precede any other command (refer to Figure 3). Figure 3. Start and Stop Definition DATA STABLE SDA SCL START STOP STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command will place the EEPROM in a standby power mode (refer to Figure 3). ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The EEPROM sends a "0" during the ninth clock cycle to acknowledge that it has received each word. STANDBY MODE: The AT24C256C features a low-power standby mode that is enabled upon power-up and after the receipt of the stop bit and the completion of any internal operations. 6 AT24C256C [Preliminary] 8568A-SEEPR-9/09 AT24C256C [Preliminary] SOFTWARE RESET: After an interruption in protocol, power loss or system reset, any 2-wire part can be protocol reset by following these steps: a) Create a start bit condition, b) Clock 9 cycles, c) Create another start bit followed by stop bit condition as shown below. The device is ready for next communication after above steps has been completed. Figure 4. Software Reset Start bit Dummy Clock Cycles Start bit Stop bit SCL 1 2 3 8 9 SDA Figure 5. Bus Timing tF tHIGH tLOW tR SCL tSU.STA tHD.STA tLOW tHD.DAT tSU.DAT tSU.STO SDA IN tAA tDH tBUF SDA OUT Figure 6. Write Cycle Timing SCL SDA 8th BIT WORDn ACK twr STOP CONDITION (1) START CONDITION 7 8568A-SEEPR-9/09 Note: 1. The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle. Output Acknowledge Figure 7. SCL 1 8 9 DATA IN DATA OUT START ACKNOWLEDGE 8 AT24C256C [Preliminary] 8568A-SEEPR-9/09 AT24C256C [Preliminary] 4. Device Addressing The 256K EEPROM requires an 8-bit device address word following a start condition to enable the chip for a read or write operation (refer to Figure 8). The device address word consists of a mandatory "1", "0" sequence for the first four most significant bits as shown. This is common to all two-wire EEPROM devices. Figure 8. 1 MSB Device Addressing 0 1 0 A2 A1 A0 R/W LSB The next three bits are the A2, A1, A0 device address bits to allow as many as eight devices on the same bus. These bits must compare to their corresponding hardwired input pins. The A2, A1, and A0 pins use an internal proprietary circuit that biases them to a logic low condition if the pins are allowed to float. The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high, and a write operation is initiated if this bit is low. Upon a compare of the device address, the EEPROM will output a "0". If a compare is not made, the device will return to a standby state. DATA SECURITY: The AT24C256C has a hardware data protection scheme that allows the user to write protect the whole memory when the WP pin is at VCC. 9 8568A-SEEPR-9/09 5. Write Operations BYTE WRITE: A write operation requires two 8-bit data word addresses following the device address word and acknowledgment. Upon receipt of this address, the EEPROM will again respond with a "0" and then clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a "0". The addressing device, such as a microcontroller, must then terminate the write sequence with a stop condition. At this time the EEPROM enters an internally-timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is complete (refer to Figure 9). Figure 9. Byte Write Note: * = DON'T CARE bit PAGE WRITE: The 256K EEPROM is capable of 64-byte page writes. A page write is initiated the same way as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the microcontroller can transmit up to 63 more data words. The EEPROM will respond with a "0" after each data word received. The microcontroller must terminate the page write sequence with a stop condition (refer to Figure 10). Figure 10. Page Write Note: * = DON'T CARE bit The data word address lower six bits are internally incremented following the receipt of each data word. The higher data word address bits are not incremented, retaining the memory page row location. When the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. If more than 64 data words are transmitted to the EEPROM, the data word address will "roll over" and previous data will be overwritten. The address "roll over" during write is from the last byte of the current page to the first byte of the same page. ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM respond with a "0", allowing the read or write sequence to continue. 10 AT24C256C [Preliminary] 8568A-SEEPR-9/09 AT24C256C [Preliminary] 6. Read Operations Read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to "1". There are three read operations: current address read, random address read, and sequential read. CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. This address stays valid between operations as long as the chip power is maintained. The address "roll over" during read is from the last byte of the last memory page, to the first byte of the first page. Once the device address with the read/write select bit set to "1" is clocked in and acknowledged by the EEPROM, the current address data word is serially clocked out. The microcontroller does not respond with an input "0" but does generate a following stop condition (refer to Figure 11). Figure 11. Current Address Read RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word address. Once the device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates a current address read by sending a device address with the read/write select bit high. The EEPROM acknowledges the device address and serially clocks out the data word. The microcontroller does not respond with a "0" but does generate a following stop condition. (Refer to Figure 12) Figure 12. Random Read Note: * = DON'T CARE bit 11 8568A-SEEPR-9/09 SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address read. After the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When the memory address limit is reached, the data word address will "roll over" and the sequential read will continue. The sequential read operation is terminated when the microcontroller does not respond with a "0" but does generate a following stop condition (refer to Figure 13). Figure 13. Sequential Read 12 AT24C256C [Preliminary] 8568A-SEEPR-9/09 AT24C256C [Preliminary] 7. 7.1. Ordering Information Ordering Code Detail AT24C 256C -S S H L-B Atmel Designator Shipping Carrier Option B or blank = Bulk (tubes) T = Tape and reel Product Family Operating Voltage L = 1.7V to 5.5V Device Density 256 = 256K Package Device Grade or Wafer/Die Thickness H = Green, NiPdAu lead finish, Industrial Temperature Range (-40C to +85C) U = Green, matte Sn lead finish, Industrial Temperature Range (-40C to +85C) 11 = 11mil wafer thickness Device Revision Package Option SS = JEDEC SOIC X = TSSOP MA = UDFN W = wafer WT = die in tape and reel C = UFBGA 7.2. AT24C256C Ordering Codes Ordering Code AT24C256C-SSHL-B (2) AT24C256C-SSHL-T (1) AT24C256C-XHL-B (2) AT24C256C-XHL-T (2) AT24C256C-MAHL-T (2) AT24C256C-CUL-T AT24C256C-W11 (3) (1) Voltage 1.7V to 5.5V 1.7V to 5.5V 1.7V to 5.5V 1.7V to 5.5V 1.7V to 5.5V 1.7V to 5.5V 1.7V to 5.5V Package 8S1 8S1 8A2 8A2 8MA2 8U2-1 Die Sale Operating Range Lead-free/Halogen-free Industrial Temperature (-40C to 85C) Industrial Temperature (-40C to 85C) Note: 1. "-B" denotes bulk. 2. "-T" denotes tape & reel. SOIC = 4K per reel. TSSOP, VFBGA and UDFN = 5K per reel. 3. Bumped die available upon request. Contact Atmel Marketing. Package Type 8S1 8A2 8MA2 8U2-1 8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC) 8-lead, 4.40mm Body, Plastic Thin Shrink Small Outline Package (TSSOP) 8-lead, 2.00 mm x 3.00 mm Body, 0.50 mm Pitch, Dual No Lead Package (UDFN) 8-ball, die Ball Grid Array Package (VFBGA) 13 8568A-SEEPR-9/09 8. Part Marketing Scheme AT24C256C-SSHL Top Mark Seal Year Seal Week --- --- --- --H Y W W --- --- --- --1 --- --- --- --Y= 6: 7: 8: 9: WW = SEAL WEEK 02 = Week 2 04 = Week 4 :: : :::: : :: : :::: :: 50 = Week 50 52 = Week 52 Lot Number to Use ALL Characters in Marking BOTTOM MARK 1 --A --2 * --- --- --- --T M L --- --- --E C Lot Number --- --- --- SEAL YEAR 2006 0: 2007 1: 2008 2: 2009 3: 2010 2011 2012 2013 Pin 1 Indicator (Dot) No Bottom Mark AT24C256C-XHL Top Mark Pin 1 Indicator (Dot) --- --- --- --* H Y W W --- --- --- --- --2 E C 1 --- --- --- --- --Y= 6: 7: 8: 9: SEAL YEAR 2006 0: 2007 1: 2008 2: 2009 3: WW 02 04 :: :: 50 52 = = = : : = = SEAL Week Week :::: :::: Week Week WEEK 2 4 : :: 50 52 2010 2011 2012 2013 Bottom Mark --- --- --- --- --- --- --X X --- --- --- --- --- --- --A A A A A A A <- Pin 1 Indicator XX = Country of Origin AT24C256C-MAHL Seal Year Top Mark Seal Year Seal Week --- --- --- --- --L H Y W W --- --- --- --- --1 --- --- --- --- --- --- --- --A T M --- --- --2 E C Lot Number --- --- --* Y= 6: 7: 8: 9: SEAL YEAR 2006 0: 2007 1: 2008 2: 2009 3: 2010 2011 2012 2013 WW 02 04 :: :: 50 52 = = = : : = = SEAL Week Week :::: :::: Week Week WEEK 2 4 : :: 50 52 Pin 1 Indicator (Dot) 14 AT24C256C [Preliminary] 8568A-SEEPR-9/09 AT24C256C [Preliminary] AT24C256C-CUL Top Mark Line 1 -----------> Line 2 -----------> 2ECU YMTC <--- Pin 1 This Corner Y = ONE DIGIT YEAR CODE 4: 2004 7: 2007 5: 2005 8: 2008 6: 2006 9: 2009 5 M= A B " J K L SEAL MONTH (USE ALPHA DESIGNATOR A-L) = JANUARY = FEBRUARY " """"""" = OCTOBER = NOVEMBER = DECEMBER TC = TRACE CODE 15 8568A-SEEPR-9/09 9. Packaging Information 8S1 - JEDEC SOIC Figure 1. 8S1 - JEDECSOIC C 1 E E1 N L Top View End View e B A A1 SYMBOL A A1 b C D COMMON DIMENSIONS (Unit of Measure = mm) MIN 1.35 0.10 0.31 0.17 4.80 3.81 5.79 NOM - - - - - - - 1.27 BSC 0.40 0 - - 1.27 8 MAX 1.75 0.25 0.51 0.25 5.00 3.99 6.20 NOTE D E1 E e Side View L Note: These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc. 10/07/03 R 1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TITLE 8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing Small Outline (JEDEC SOIC) DRAWING NO. 8S1 REV. B 16 AT24C256C [Preliminary] 8568A-SEEPR-9/09 AT24C256C [Preliminary] 8A2 - TSSOP Figure 14. 8A2 - TSSOP 3 21 Pin 1 indicator this corner E1 E L1 N L End View Top View SYMBOL COMMON DIMENSIONS (Unit of Measure = mm) MIN 2.90 NOM 3.00 6.40 BSC 4.30 - 0.80 0.19 4.40 - 1.00 - 0.65 BSC 0.45 0.60 1.00 REF 0.75 4.50 1.20 1.05 0.30 4 3, 5 MAX 3.10 NOTE 2, 5 b A D E E1 A e D A2 A2 b e L L1 Side View Notes: 1. This drawing is for general information only. Refer to JEDEC D rawing MO-153, Variation AA, for proper dimension s, tolerances, datums, etc. 2. Dimension D does not include mold Flash, prot rusions or gate burrs. Mold Flash, prot rusions and gate burrs shall not exceed 0.15 mm (0.006 in) per sid e. 3. Dimension E1 does not include inter-lead Flash or prot rusions. Inter-lead Flash and prot rusions shall not exceed 0.25 mm (0.010 in) per sid e. 4. Dimension b does not include Dambar prot rusion. Allowable Dambar prot rusion shall be 0.08 mm total in excess of the b dimension at maxi mum mate rial condition . Dambar cannot be located on the l ower radius of the foot. Minimum space between protrusion and adjacent lead is 0.07 mm . 5. Dimension D and E1 to be dete rmined at Datum Plane H . 05/30/02 R 2325 Orchard Parkway San Jose, CA 95131 TITLE 8A2, 8-lead, 4.4 mm Body, Plastic Thin Shrink Small Outline Package (TSSOP) DRAWING NO. 8A2 REV. B 17 8568A-SEEPR-9/09 UDFN Figure 15. 8MA2 - UDFN E 1 8 Pin 1 ID 2 3 4 7 D 6 5 C A2 A1 A E2 b (8x) SYMBOL 8 7 6 5 1 D E COMMON DIMENSIONS (Unit of Measure = mm) MIN NOM 2.00 BSC 3.00 BSC 1.40 1.20 0.50 0.0 - 1.50 1.30 0.55 0.02 - 0.152 REF 0.30 0.35 0.50 BSC 0.18 0.20 0.25 - 0.30 - 3 0.40 1.60 1.40 0.60 0.05 0.55 MAX NOTE Pin#1 ID (R0.10) 0.35 2 D2 3 4 D2 E2 A A1 A2 e (6x) L (8x) K C L e b K 4/15/08 Package Drawing Contact: packagedrawings@atmel.com TITLE 8MA2, 8-pad, 2 x 3 x 0.6 mm Body, Thermally Enhanced Plastic Ult ra Thin Dual Flat No Lead Package (UDFN) GPC YNZ DRAWING NO. 8MA2 REV. A 18 AT24C256C [Preliminary] 8568A-SEEPR-9/09 AT24C256C [Preliminary] 8U2-1 - VFBGA Figure 16. 8U2-1 - VFBGA COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN NOM MAX NOTE Notes: 1. This drawing is for general information. 2. Dimension 'b' is measured at the maximum solder ball diameter. 3. Solder ball composition shall be 95.5Sn-4.0Ag-.5Cu. A A1 A2 b D E e e1 0.81 0.15 0.40 0.25 d d1 0.91 1.00 0.20 0.25 0.45 0.50 0.30 0.35 2.35 BSC 3.73 BSC 0.75 BSC 0.74 REF 0.75 BSC 0.80 REF Package Drawing Contact:* packagedrawings@atmel.com 2/25/08 GPC DRAWING NO. REV. TITLE 8U2-1, 8 ball, 2.35 x 3.73 mm Body, 0.75 mm pitch * GWW 8U2-1 C VFBGA Package (dBGA2) 19 8568A-SEEPR-9/09 Appendix A. Revision History Doc. Rev. 8568A Date 09/2009 Initial document release Comments 20 AT24C256C [Preliminary] 8568A-SEEPR-9/09 Headquarters Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600 International Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581 Product Contact Web Site www.atmel.com Technical Support s_eeprom@atmel.com Sales Contact www.atmel.com/contacts Literature Requests www.atmel.com/literature Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDEN-TAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life. (c) 2009 Atmel Corporation. All rights reserved. Atmel(R), Atmel logo and combinations thereof, and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others. 8568A-SEEPR-9/09 |
Price & Availability of AT24C256C-XHL-B |