Part Number Hot Search : 
3A102 MODEL164 F200B LTCZR BUK95 EC1145 NCP300 AOT11N70
Product Description
Full Text Search
 

To Download AS58LC1001SF-25883C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EEPROM
Austin Semiconductor, Inc. 128K x 8 EEPROM
Radiation Tolerant
AVAILABLE AS MILITARY SPECIFICATIONS
Austin Semiconductor Space Level Austin Semiconductor Class `B'
AS58LC1001
PIN ASSIGNMENT (Top View)
32-Pin CFP (F & SF), 32-Pin CSOJ (DCJ), 32-Pin SOP (DG)
RDY/BUSY\ A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O 0 I/O 1 I/O 2 Vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 Vcc A15 RES\ WE\ A13 A8 A9 A11 OE\ A10 CE\ I/O 7 I/O 6 I/O 5 I/O 4 I/O 3
FEATURES
High speed: 250ns and 300ns Data Retention: 10 Years Low power dissipation, active current (20mW/MHz (TYP)), standby current (100W(MAX)) Single +3.3V +.3V power supply Data Polling and Ready/Busy Signals Erase/Write Endurance (10,000 cycles in a page mode) Software Data protection Algorithm Data Protection Circuitry during power on/off Hardware Data Protection with RES pin Automatic Programming: Automatic Page Write: 15ms (MAX) 128 Byte page size
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS58LC1001 is a 1 Megabit CMOS Electrically Erasable Programmable Read Only Memory (EEPROM) organized as 131, 072 x 8 bits. The AS58LC1001 is capable or in system electrical Byte and Page reprogrammability. The AS58LC1001 achieves high speed access, low power consumption, and a high level of reliability by employing advanced MNOS memory technology and CMOS process and circuitry technology and CMOS process and circuitry technology. This device has a 128-Byte Page Programming function to make its erase and write operations faster. The AS58LC1001 features Data Polling and a Ready/Busy signal to indicate completion of erase and programming operations. This EEPROM provides several levels of data protection. Hardware data protection is provided with the RES pin, in addition to noise protection on the WE signal and write inhibit during power on and off. Software data protection is implemented using JEDEC Optional Standard algorithm. The AS58LC1001 is designed for high reliability in the most demanding applications. Data retention is specified for 10 years and erase/write endurance is guaranteed to a minimum of 10,000 cycles in the Page Mode.
OPTIONS
MARKINGS
-25 -30 F No. 306 SF No. 305 DCJ No. 508 DG XT IT
Timing 250ns access 300ns access Packages Ceramic Flat Pack Radiation Shielded Ceramic FP* Ceramic SOJ Plastic SOP Operating Temperature Ranges -Military (-55oC to +125oC) -Industrial (-40oC to +85oC)
*NOTE: Package lid is connected to ground (Vss).
For more products and information please visit our web site at www.austinsemiconductor.com
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
EEPROM
Austin Semiconductor, Inc.
AS58LC1001
FUNCTIONAL BLOCK DIAGRAM
Vcc Vss I/O0 High Voltage Generator I/O7 Ready/Busy
OE\
I/O Buffer and Input Latch
CE\ WE\ RES\
Control Logic and Timing
A0 Y Gating A6 Y Decoder
Address Buffer and Latch
X Decoder A7 A16
Memory Array
Data Latch
MODE SELECTION
MODE READ STANDBY WRITE DESELECT WRITE INHIBIT DATA POLLING PROGRAM
AS58LC1001 Rev. 1.0 12/08
CE\ VIL VIH VIL VIL X X VIL X
OE\ VIL X VIH VIH X VIL VIL X
WE\ VIH X VIL VIH VIH X VIH X
RES\ VH X VH VH X X VH VIL
RDY/BUSY\ High-Z High-Z High-Z High-Z ----VOL High-Z
I/O DOUT High-Z DIN High-Z ----Data Out (I/O7) High-Z
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
EEPROM
Austin Semiconductor, Inc.
FUNCTIONAL DESCRIPTION
AUTOMATIC PAGE WRITE The Page Write feature allows 1 to 128 Bytes of data to be written into the EEPROM in a single cycle and allows the undefined data within 128 Bytes to be written corresponding to the undefined address (A0 to A6). Loading the first Byte of data, the data load window of 30s opens for the second. In the same manner each additional Byte of data can be loaded within 30s. In case CE\ and WE\ are kept high for 100s after data input, the EEPROM enters erase and write automatically and only the input data can be written into the EEPROM. In Page mode the data can be written and accessed 104 times per page, and in Byte mode 103 times per Byte.
AS58LC1001
DATA PROTECTION
To protect the data during operation and power on/off, the AS58C1001 has: 1. Data protection against Noise on Control Pins (CE\, OE\, WE\) during Operation. During readout or standby, noise on the control pins may act as a trigger and turn the EEPROM to programming mode by mistake. To prevent this phenomenon, the AS58LC1001 has a noise cancellation function that cuts noise if its width is 20ns or less in programming mode. Be careful not to allow noise of a width of more than 20ns on the control pins.
DATA\ POLLING
Data\ Polling allows the status of the EEPROM to be determined. If the EEPROM is set to Read mode during a Write cycle, and inversion of the last Byte of data to be loaded outputs from I/O, to indicate that the EEPROM is performing a Write operation.
WRITE PROTECTION
(1) Noise protection: Noise on a write cycle will not act as a trigger with a WE\ pulse of less than 20ns. (2) Write inhibit: Holding OE\ low, WE\ high or CE\ high, inhibits a write cycle during power on/off.
WE\ AND CE\ PIN OPERATION
During a write cycle, addresses are latched by the falling edge of WE\ or CE\, and data is latched by the rising edge of WE\ or CE\.
WRITE/ERASE ENDURANCE AND DATA RETENTION
The endurance with page programming is 104 cycles (1% cumulative failure rate) and the data retention time is more than 10 years when a device is programmed less than 104 cycles.
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
EEPROM
Austin Semiconductor, Inc.
(EXAMPLE)
AS58LC1001
Vcc
RES\
*unprogrammable *unprogrammable
FUNCTIONAL DESCRIPTION (continued)
DATA PROTECTION (continued) 2. Data protection at Vcc on/off. When RES\ is low, the EEPROM cannot be erased and programmed. Therefore, data can be protected by keeping RES\ low when Vcc is switched. RES\ should be high during programming because it does not provide a latch function. When Vcc is turned on or off, noise on the control pins generated by external circuits (CPU, etc.) may turn the EEPROM to programming mode by mistake. To prevent this unintentional programming, the EEPROM must be kept in an unprogrammable, standby or readout state by using a CPU reset signal to RES\ pin. In addition, when RES\ is kept high at Vcc on/off timing, the input level of control pins (CE\, OE\, WE\) must be held as CE\=Vcc or OE\=LOW or WE\=Vcc level. 3. Software Data Protection To protect against unintentional programming caused by noise generated by external circuits, AS58LC1001 has a Software data protection function. To initate Software data protection mode, 3 bytes of data must be input, followed by a dummy write cycle of any address and any data byte. This exact sequence switches the device into protection mode.
Write Address 5555 2AAA 5555
Write Data (Normal Data Input) AA 55 A0
The Software data protection mode can be cancelled by inputting the following 6 Bytes. This changes the AS58LC1001 to the Non-Protection mode, for normal operation.
Address 5555 2AAA 5555 5555 2AAA 5555
Data AA 55 80 AA 55 20
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
EEPROM
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS* Voltage on Vcc Supply Relative to Vss................-0.5V to +7.0V1 Voltage on any pin Relative to Vss.......................-0.6V to +7.0V1 Storage Temperature ............................................-65C to +150C Operating Temperature Range.............................-55oC to +125oC Soldering Temperature Range...............................................260oC Maximum Junction Temperature**....................................+150C Power Dissipation...................................................................1.0W
AS58LC1001
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. ** Junction temperature depends upon package type, cycle time, loading, ambient temperature and airflow.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS (-55oC < TA < 125oC; Vcc = 3.3V +.3V)
PARAMETER Input High (Logic 1) Voltage Input Low (Logic 0) Voltage3 Input Voltage (RES\ Pin) Input Leakage Current4 Output Leakage Current Output High Voltage Output Low Voltage CONDITION SYMBOL VIH VIL VH ILI ILO VOH VOL MIN 2.2 -0.3 Vcc-0.5 -2 -2 2.4 MAX VCC + 0.3V 0.8 VCC +1.0 2 2 0.5 UNITS V V V NOTES 9 2 4 V V
OV < VIN < Vcc Output(s) disabled, OV < VOUT < Vcc IOH = -400 A IOL = 2.1 mA
PARAMETER
CONDITIONS IOUT =OmA, Vcc = 3.6V Cycle=1 S, Duty=100%
SYM
-25 8
MAX -30 8
-35 8
UNITS NOTES
Power Supply Current: Operating
ICC3 IOUT =OmA, Vcc = 3.6V Cycle=MIN, Duty=100% 20 20 20
mA
CE\=Vcc, Vcc = 3.6V Power Supply Current: Standby CE\=VIH, Vcc = 3.6V
ICC1
100
100
100
A
ICC2
1.5
1.5
1.5
mA
CAPACITANCE
PARAMETER Input Capacitance Output Capactiance CONDITIONS TA = 25 C, f = 1MHz VIN = 0
o
SYMBOL CIN Co
MAX 6 12
UNITS pF pF
NOTES
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
EEPROM
Austin Semiconductor, Inc.
AS58LC1001
AC ELECTRICAL CHARACTERISTICS FOR READ OPERATION (-55oC < TC < 125oC; Vcc = 5V + .3V)
Test Conditions
Input Pulse Levels: Input rise and fall times: Output Load: Reference levels for measuring timing:
ITEM DESCRIPTION Address Access Time Chip Enable Access Time Output Enable Acess Time Output Hold to Address Change Output Disable to High-Z RES\ to Output Delay
0.0V to 3.0V < 20ns 1 TTL Gate +100pF (including scope and jig) 1.5V, 1.5V
TEST CONDITION SYMBOL tACC tCE tOE tOH tDF tDFR tRR -25 MIN MAX ----10 0 0 0 0 250 250 120 --75 350 600 -30 UNITS MIN MAX ----10 0 0 0 0 300 300 130 --75 350 600 ns ns ns ns ns ns ns
CE\=OE\=V ILWE\=V IH OE\=VILWE\=V IH CE\=VILWE\=V IH CE\=OE\=V ILWE\=V IH CE\=VILWE\=V IH CE\=OE\=V ILWE\=V IH CE\=OE\=V ILWE\=V IH
AC ELECTRICAL CHARACTERISTICS FOR SOFTWARE DATA PROTECTION CYCLE OPERATION
PARAMETER Byte Load Cycle Time Write Cycle Time SYMBOL tBLC tWC MIN 1.0 15 MAX 30 --UNITS S mS
AC ELECTRICAL CHARACTERISTICS FOR DATA\ POLLING OPERATION
PARAMETER Output Enable Hold Time Output Enable to Write Setup Time Write Start Time Write Cycle Time SYMBOL tOEH tOES tDW tWC MIN 0 0 250 --MAX ------15 UNITS ns ns ns ms
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
EEPROM
Austin Semiconductor, Inc.
AS58LC1001
AC ELECTRICAL CHARACTERISTICS FOR PAGE ERASE AND PAGE WRITE OPERATIONS
*#



"# ' "# % ' "#
"# $ "% *# ( ( "# ' ( % ' ( & ' "# & ' ( % "# ") ! "#












AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
EEPROM
Austin Semiconductor, Inc.
AS58LC1001
AC ELECTRICAL CHARACTERISTICS FOR BYTE ERASE AND BYTE WRITE OPERATIONS
PARAMETER Address Setup Time Chip Enable to Write Setup Time Write Pulse Width
7
SYMBOL tAS
7
MIN 0 0
MAX -------------------------------
UNITS ns ns ns ns ns ns ns ns ns ns ms s ns s s
tCS
8
tCW tWP Address Hold Time Data Setup Time Data Hold Time Chip Enable Hold Time Out Enable to Write Setup Time Output Enable Hold Time Write Cycle Time Byte Load Window Time to Device Busy RES\ to Write Setup Time Vcc to RES\ Setup Time tAH tDS tDH
7
250 250 150 100 10 0 0 0 10 100 120 100 1
tCH tOES tOEH tWC tBL tDB tRP
10
tRES
AC TEST CONDITIONS
Input Pulse Levels............................................0V to 3V Input Rise and Fall Times....................................<20ns Input Timing Reference Level................................1.5V Output Reference Level..........................................1.5V Output Load................................................See Figure 1
NOTES:
1. 2. 3. 4. 5. Relative to Vss VIN min = -3.0V for pulse widths <50ns VIL min = -1.0V for pulse widths <50ns IIL on RES\ = 100ua MAX tOF is defined as the time at which E the output becomes and open circuit and data is no longer driven. 6. Use this device in longer cycle than this value 7. WE\ controlled operation 8. CE\ controlled operation 9. RES\ pin VIH is VH 10. Reference only, not tested
Q
100pF 1 TTL GATE EQ.
Figure 1 OUTPUT LOAD EQUIVALENT
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
EEPROM
Austin Semiconductor, Inc. READ TIMING WAVEFORM Address CE\ OE\ WE\ Data Out RES\
SOFTWARE DATA PROTECTION TIMING WAVEFORM (protection mode)
Vcc CE\ WE\
AAAA or 2AAA
AS58LC1001
tACC tCE t OE tRR Data Out Valid tDFR tDF t OH
High-Z
tBLC
tWC
Address Data
5555 AA
55
5555 A0
SOFTWARE DATA PROTECTION TIMING WAVEFORM (non-protection mode)
Vcc CE\ WE\
AAAA or 2AAA AAAA or 2AAA
{
tWC 55 5555 20
Write Address Write Data
Normal active mode
Address Data
AS58LC1001 Rev. 1.0 12/08
5555 AA 55
5555 5555 80 AA
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
EEPROM
Austin Semiconductor, Inc.
AS58LC1001
DATA\ POLLING TIMING WAVEFORM
Address CE\ An An
WE\ tOEH OE\
tCE
tOES tDW DOUT X\ tWC DOUT X
t OE I/O7 DIN X
TOGGLE BIT WAVEFORM
Next Mode Address CE\ tCE
WE\ t OE OE\ tOEH DIN DOUT DOUT tWC DOUT DOUT tOES tDW
I/O7
In transition from HI to LOW or LOW to HI.
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
4321 4321 4321
EEPROM
Austin Semiconductor, Inc. PAGE WRITE TIMING WAVEFORM (WE\ CONTROLLED)
AS58LC1001
A7 - A16 A0 - A6 WE\
t AS tCS
tAH t WP
t BL t DL tBLC t WC
CE\
tOES
OE\
t DS
tDH
DIN RDY/Busy\
High-Z tRP
t DB
RES\ VCC
tRES
In transition from HI to LOW or LOW to HI.
AS58LC1001 Rev. 1.0 12/08
34 2 2 221 21 2143211 3143211 21 21 321 21 2113211 2113211 32 2 2 324 21
11
3213221 211 321 42 3213211 214 321 3243211 21 32 1 2 321 221 214 311 3213321
324 321 1 21 2143221 2143221 321 321 1 321 32 2113221 1 2143321 32 21 321 311
t CH
tOEH
t DW High-Z
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
EEPROM
Austin Semiconductor, Inc.
AS58LC1001
PAGE WRITE TIMING WAVEFORM (CE\ CONTROLLED)
Address A0 to A16 CE\
t AS t WS tAH t CW t BL t DL t WH tBLC t WC
WE\
tOES
OE\
t DS
DIN RDY/Busy\
High-Z tRP
RES\ VCC
tRES
AS58LC1001 Rev. 1.0 12/08
21 21 21
tOEH
tDH
t DB
t DW High-Z
In transition from HI to LOW or LOW to HI.
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
EEPROM
Austin Semiconductor, Inc. BYTE WRITE TIMING WAVEFORM (WE\ CONTROLLED)
AS58LC1001
t WC
Address
tCS tAH t CH t BL
CE\
t AS
WE\
t OES
t WP
t OEH
OE\
t DS tDH t DW
DIN RDY/Busy\ High-Z
tRP tRES t DB
High-Z
RES\ VCC
In transition from HI to LOW or LOW to HI.
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
EEPROM
Austin Semiconductor, Inc. BYTE WRITE TIMING WAVEFORM (CE\ CONTROLLED)
AS58LC1001
Address
t WS tAH t CW t AS t WH t BL t WC
CE\ WE\
t OES
t OEH t DS tDH t DW
OE\ DIN RDY/Busy\ High-Z
tRP tRES t DB
High-Z
RES\ VCC
In transition from HI to LOW or LOW to HI.
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
14
EEPROM
Austin Semiconductor, Inc. MECHANICAL DEFINITIONS*
ASI Case #305 (Package Designator SF) SMD 5962-38267, Case Outline N
L E
AS58LC1001
e
b
D
H
Top View
c Q E1
A
A1 D2 D1
SYMBOL A A1 b c D D1 D2 E E1 e H L Q
*All measurements are in inches.
AS58LC1001 Rev. 1.0 12/08
SMD SPECIFICATIONS MIN MAX 0.125 0.150 0.090 0.110 0.015 0.019 0.003 0.007 0.810 0.830 0.775 0.785 0.745 0.755 0.425 0.445 0.290 0.310 0.045 0.055 1.000 1.100 0.290 0.310 0.026 0.037
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
15
EEPROM
Austin Semiconductor, Inc. MECHANICAL DEFINITIONS*
ASI Case #306 (Package Designator F) SMD 5962-38267, Case Outline M
L E
AS58LC1001
e
b
D
H
Top View
A1 c D2 E1 Q A
SYMBOL A A1 b c D D2 E E1 e H L Q
SMD SPECIFICATIONS MIN MAX 0.097 0.123 0.090 0.110 0.015 0.019 0.003 0.007 0.810 0.830 0.745 0.755 0.425 0.445 0.330 0.356 0.045 0.055 1.000 1.100 0.290 0.310 0.026 0.037
NOTE: All drawings are per the SMD. ASI's package dimensional limits may differ, but they will be within the SMD limits.
*All measurements are in inches.
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
16
EEPROM
Austin Semiconductor, Inc. MECHANICAL DEFINITIONS*
ASI Case #508 (Package Designator DCJ)
AS58LC1001
A
A1
e
D D1
B b
E2 E1
E A2
SYMBOL A A1 A2 B b D D1 E E1 E2 e
ASI PACKAGE SPECIFICATIONS MIN MAX 0.132 0.142 0.076 0.086 0.018 0.028 0.018 0.032 0.015 0.019 0.816 0.834 0.745 0.755 0.430 0.440 0.465 0.485 0.415 0.425 0.045 0.055
*All measurements are in inches.
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
17
EEPROM
Austin Semiconductor, Inc. MECHANICAL DEFINITIONS*
ASI Case (Package Designator DG)
AS58LC1001
*All measurements are in millimeters.
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
18
EEPROM
Austin Semiconductor, Inc.
AS58LC1001
ORDERING INFORMATION
EXAMPLE: AS58LC1001SF-15/IT Device Number AS58LC1001 AS58LC1001 Package Type SF SF Speed ns -25 -30 Process /* /* EXAMPLE: AS58LC1001F-25/883C Device Number AS58LC1001 AS58LC1001 Package Type F F Speed ns -25 -30 Process /* /*
EXAMPLE: AS58LC1001DG-15/XT ** Device Number AS58LC1001 AS58LC1001 Package Type DG DG Speed ns -25 -30 Process /* /*
EXAMPLE: AS58LC1001DCJ-20/IT Device Number AS58LC1001 AS58LC1001 Package Type DCJ DCJ Speed ns -25 -30 Process /* /*
*AVAILABLE PROCESSES
IT = Industrial Temperature Range XT = Extended Temperature Range 883C = Full Military Processing -40oC to +85oC -55oC to +125oC -55oC to +125oC
**NOTE: DG package available as XT and IT only.
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
19
EEPROM
Austin Semiconductor, Inc.
AS58LC1001
ASI TO DSCC PART NUMBER CROSS REFERENCE*
Package Designator F ASI Part #
AS58C1001F-25/883C AS58C1001F-20/883C AS58C1001F-15/883C
SMD Part#
5962-3826716QMA 5962-3826717QMA 5962-3826718QMA
Package Designator SF ASI Part #
AS58C1001SF-25/883C AS58C1001SF-20/883C AS58C1001SF-15/883C
SMD Part#
5962-3826716QNA 5962-3826717QNA 5962-3826718QNA
Package Designators DCJ and DG not currenly available on the SMD.
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
20
EEPROM
Austin Semiconductor, Inc.
DOCUMENT TITLE 128K x 8 EEPROM Radiation Tolerant
AS58LC1001
Rev # 1.0
History Removed ECA Package
Release Date December 2008
Status Release
AS58LC1001 Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
21


▲Up To Search▲   

 
Price & Availability of AS58LC1001SF-25883C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X