Part Number Hot Search : 
5KP60 T3971E DM101E R3480 ND3048 MUR1640 FST6360M 05351
Product Description
Full Text Search
 

To Download AQ0300MU12SCBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 300 W Single Vout Series
Technical Specification
Medical Grade AC/DC Power Supply With PFC
85-264 Vrms Input Voltage 12/24/36/48 V Semi-Regulated Output 300 W Output Continuous 400 W Output Transient Up to 91 % Full Load Efficiency
300 W Open Frame
Configurations
*300WEncasedorOpenFrame *600WEncasedFlatorStacked *900WEncasedFlatorStacked
300 W Encased
900 W Encased Stacked
600 W Encased Flat
300 W Single Vout Series Features * * * * * * * * High efficiency (91% for 48 VOUT Model at 300 W) Universal input voltage range Semi-regulated output for bus stability Parallel operation supported Integral fan cooling with speed control Active PFC; EN61000-3-2 compliant Low leakage; EN60601-1 compliant Low noise; EN55011 / EN55022 Class B compliant
Phone 1-888-567-9596
* Over-current, over-voltage, and over-temp protection * * * * * * DC Power Good / AC Power Good signals Remote enable input Fan status output / Fan enable input Small size: 3" x 5" x 1.45" (open frame) RoHS 6/6 compliant 5 V (250 mW) standby output
Doc.# 005-005044 Rev. A 09/09/08 Page 1
Product # AQ0300MUxx Series
www.synqor.com
Technical Specification
All specifications typical with TA = 25 C, unless otherwise specified.
MAIN OUTPUT SPECIFICATIONS Output power (continuous) 85-132/170-264 Vrms (5 s transient) 85-132/170-264 Vrms 132-170 Vrms Nominal DC output 12 Vout voltage (at 250W) 24 Vout (Semi-regulated) 36 Vout 48 Vout Efficiency (see figs. 3 - 10) 12 48 12 48 12 24 Maximum load capacitance 12 24 36 48 Output ripple voltage Hold-up time (to -20%) Vout, Vout, Vout, Vout, 115 115 230 230 Vrms, Vrms, Vrms, Vrms, 300 300 300 300 W W W W 300 W 400 W See Figure 10 12.4 V 25 V 37.5 V 50 V 89% 90% 90% 91% typ. typ. typ. typ.
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
ACuQor 300W Series ELECTRICAL CHARACTERISTICS
GENERAL SPECIFICATIONS Fundamental ripple freq. Audible noise Weight (EA \ EC) (SC \ RC) (UC \ TC) MTBF Input Output Fan speed varies with temp. 500 kHz 250 kHz 39 dBA @ 1 m max.
MIL-217 Demonstrated ISOLATION SPECIFICATIONS Isolation voltage
343 g (12.1 oz) \ 446 g (15.7 oz) 846 g (29.8 oz) \ 879 g (31 oz) 1224 g (43.2 oz) \ 1298 g (45.8 oz) 343.6 kHours TBD kHours 4000 Vrms 1500 Vrms 1500 Vrms 5000 Vpulse 10 M min. See Note 2
Vout / 36 / 48 Vout Vout Vout Vout Vout
16 ms @ 300 W 20 ms @ 300 W 16,000 F 8,000 F 4,000 F 2,000 F 0.5% p-p 5.0% p-p 2 s max.
Input to output Input to ground Output to ground (BF & CF ) Output to ground (CFD) Output to ground
Insulation resistance Leakage currents
Switching frequency (20 MHz BW) Twice line frequency (at 300W)
ENVIRONMENTAL CHARACTERISTICS Thermal performance Relative humidity Altitude Random vibration Shock EMC CHARACTERISTICS Conducted emissions Line frequency harmonics Voltage fluctuations ESD air ESD contact Radiated immunity Fast transients Line surge immunity Conducted immunity Power freq. mag. field Voltage dip immunity EN55011 and EN55022, FCC part15 EN61000-3-2 EN61000-3-3 EN61000-4-2 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 EN61000-4-8 EN61000-4-11 Level B Class A Clause 5b Level 3 Level 3 Level 3 Level 3 Level 3 Level 3 3 A/m Perf Criteria A, A, B <5% UT 10 ms, 70% UT 500 ms, 40% UT 100 ms Operating ambient (see Figure 9) Non-operating ambient Non-condensing Operating Non-operating 5-500 Hz Half-sine, 10 ms, 3 axes 0 C to +70 C -40 C to +85 C 5-95% RH 10,000 ft max. 30,000 ft max. 0.03 g2/Hz 20 g peak
Turn-on delay Transient response Iout steps from 50-75% At 0.2 A/s Cyclic restart Cyclic operation Over line, load and temperature Always on (See Note 1) Automatic recovery Input Low Voltage Input High Voltage Universal range 115 Vrms @ 400 W 230 Vrms @ 400 W 264 Vrms (cold start) Both AC lines
Overvoltage protection Short circuit protection Total regulation Auxillary Output Thermal protection REMOTE_ENABLE INPUT SPECIFICATIONS AC input voltage Input frequency Input current Power factor Input surge current Internal input fuses
3% typ / 6% max. dev. 100 ms recovery 110-120% 115% rated Iout 6.0% 5 V @ 50 mA +125 C (PCB Temp) 0.45 V (max) 4.15 V (min) 85-264 Vrms 47-63 Hz 3 Arms 1.5 Arms >0.98 40 A max. 6.3 A
SAFETY AGENCY CERTIFICATIONS (pending) All certification marks appear on individual unit labels. UL60601-1 and UL60950 IEC/EN 60601-1 and IEC/EN 60950 CE Marked cUL CSA Standards Meets NFPA 99 2005 300 A earth leakage NOTES: 1. Derate 1 mA per C above 50 C ambient temperature. 2. Leakage currents see page 4.
Product # AQ0300MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005044 Rev. A
09/09/08
Page 2
Technical Specification
EFFICIENCY, DERATING, AND VOUT DROOP CURVES
100 95 90
14.0 13.5 13.0
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
Output Voltage (V)
115 Vrms 230 Vrms 0 100 200 300 400
Efficiency (%)
12.5 12.0 11.5 11.0 10.5 10.0 0 4 8 12 16 20 24 28
85 80 75 70 65
Output Power (W)
Output Load (A)
Figure 1: 12 VOUT efficiency curves.
Figure 2: 12 VOUT droop characteristic.
100 95 90
28 27 26
Output Voltage (V)
115 Vrms 230 Vrms 0 100 200 300 400
Efficiency (%)
25 24 23 22 21 20 0 2 4 6 8 10 12 14 16
85 80 75 70 65
Output Power (W)
Output Load (A)
Figure 3: 24 VOUT efficiency curves.
Figure 4: 24 VOUT droop characteristic.
100 95 90
42
40
Output Voltage (V)
115 Vrms 230 Vrms 0 100 200 300 400
Efficiency (%)
38
85 80 75 70 65
36
34
32
30 0 1 2 3 4 5 6 7 8 9 10 11
Output Power (W)
Output Load (A)
Figure 5: 36 VOUT efficiency curves.
Product # AQ0300MUxx Series Phone 1-888-567-9596
Figure 6: 36 VOUT droop characteristic.
www.synqor.com Doc.# 005-005044 Rev. A 09/09/08 Page 3
Technical Specification
EFFICIENCY, DERATING, AND VOUT DROOP CURVES
100 95 90
54
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
52
Output Voltage (V)
115 Vrms 230 Vrms 0 100 200 300 400
Efficiency (%)
50
85 80 75 70 65
48
46
44
42 0 1 2 3 4 5 6 7
Output Power (W)
Output Load (A)
Figure 7: 48 VOUT efficiency curves.
Figure 8: 48 VOUT droop characteristic.
400
500
400
300
Power (W)
Power (W)
300
200
200
100
Fan Enabled Fan Disabled
100
Transient Continuous
0 0 10 20 30 40 50 60 70 80
0 85
132
170
264
Ambient Temperature (C)
Input AC Voltage (VRMS)
Figure 9: Continuous power derating curve in natural convection.
Figure 10: Rated output power vs Input AC Voltage.
Leakage Currents
AC Leakage Current from Input to Earth AC Line Connection Normal Open Neutral Condition Fault 125 A 65 A 65 A 250 A 130 A 130 A AC Leakage Current from Output to Earth ACuQor Typical at 264 Vac 60 Hz input Model AQ . . BF . . AQ . . CF . . Normal Condition 2 A 2 A Open Earth Fault 36 A 6 A AC Backdrive Fault 125 A 18 A
240 V L-N, 1 phase ACuQor Typical at 110% nominal input 208 V L-L, 120 V L-N, 1 of 3 phases voltage 60 Hz 240 V L-N-L, 120 V L-N, split phase
For convenience, the following tables show limits allowed by various standards: AC Leakage Current from Input to Earth Standard IEC60601-1 Maximum Allowed per Standard NFPA 99 2005 IEC60950 Normal Open Neutral Condition Fault 500 A 300 A 3500 A 1000 A -- -- AC Leakage Current from Output to Earth Maximum Allowed per IEC60601-1 Contact Type BF CF Normal Condition 100 A 10 A Open Earth Fault 500 A 50 A AC Backdrive Fault 5000 A 50 A
Product # AQ0300MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005044 Rev. A
09/09/08
Page 4
Technical Specification
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
MECHANICAL DRAWINGS (1 Module Open Frame Version -- E Package Type)
Front
Back
Top
Right
Bottom
MECHANICAL DRAWINGS (1 Module Encased Version -- E Package Type)
Top Right Bottom Front
Back
NOTES (applies to all mechanicals) 1)Recommendedscrewtighteningtorqueof6in.lbs 2)Undimensionedcomponentsareshownforvisualreferenceonly 3)Alldimensionsininches[mm] Tolerances: x.xxin0.02 x.xxxin0.010
Product # AQ0300MUxx Series Phone 1-888-567-9596 www.synqor.com Doc.# 005-005044 Rev. A 09/09/08 Page 5
Technical Specification
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
MECHANICAL DRAWINGS (2 Modules Flat Version -- R Package Type)
Product # AQ0300MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005044 Rev. A
09/09/08
Page 6
Technical Specification
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
MECHANICAL DRAWINGS (2 Modules Stacked Version -- S Package Type)
Product # AQ0300MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005044 Rev. A
09/09/08
Page 7
Technical Specification
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
MECHANICAL DRAWINGS (3 Modules Flat Version -- T Package Type)
Product # AQ0300MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005044 Rev. A
09/09/08
Page 8
Technical Specification
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
MECHANICAL DRAWINGS (3 Modules Stacked Version -- U Package Type)
Product # AQ0300MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005044 Rev. A
09/09/08
Page 9
Technical Specification
CONNECTOR DETAILS
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
OUTPUT CONNECTOR PINOUT (top side) Pin 1 FAN_GOOD Open collector with internal 5V pullup. See Figure A. Pulsed low on fan failure, 100ms, 50% duty. Short to VOUT(-) to disable fan. Open collector with internal 5V pullup. See Figure B. Pulled low on AC power dropout. Open collector with internal 5V pullup. See Figure B. Pulled low during startup ramp and within 5 C of temperature shutdown threshold. 5 V @ 50 mA available whenever AC power is applied. Positive Output Voltage. Positive Output Voltage. Positive Output Voltage. Positive Output Voltage. Reserved for future use. Reserved for future use. Logic input. See Figure C. Pull high to enable main output. Negative Output Voltage. Negative Output Voltage. Negative Output Voltage. Negative Output Voltage. Negative Output Voltage.
AC_POWER_GOOD or DC_POWER_GOOD 0.1 F VOUT(-) 5k 10 Ohms 2N3904 From AC/DC Monitor Circuitry 5V_STANDBY
Pin 2 Pin 3
AC_POWER_GOOD DC_POWER_GOOD
Figure A: Fan status output / Fan enable input interface circuitry.
Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9
5V_STANDBY VOUT(+) VOUT(+) VOUT(+) VOUT(+) Reserved
1N4148
Pin 10 Reserved Pin 11 REMOTE_ENABLE Pin 12 VOUT(-) Pin 13 VOUT(-) Pin 14 VOUT(-) Pin 15 VOUT(-) Pin 16 VOUT(-)
Figure B: Power good interface circuitry.
12 V OUTPUT CONNECTOR PINOUT (bottom side) Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 VOUT(+) VOUT(+) VOUT(+) VOUT(+) VOUT(-) VOUT(-) VOUT(-) VOUT(-) Positive Output Voltage. Positive Output Voltage. Positive Output Voltage. Positive Output Voltage. Negative Output Voltage. Negative Output Voltage. Negative Output Voltage. Negative Output Voltage
VOUT(-) REMOTE_ENABLE 5V_STANDBY 10 Ohms
5V_STANDBY
5k 0.1 F 10k
To Enable Circuitry
Figure C: Remote enable interface circuitry.
MATING CONNECTORS Connector INDIVIDUAL INPUT CONNECTOR PINOUT Pin 1 Pin 3 Pin 5 Ground AC Neutral AC Line OUTPUT (16 pins) 12V_OUTPUT (8 pins) INPUT Type Molex 430251600 Molex 436450800 JST VHR-5N Contact Molex 430300008* Molex 430300008* JST SVH-41T-P1.1
* Each contact rated for a maximum of 5.5 A.
Phone 1-888-567-9596 www.synqor.com Doc.# 005-005044 Rev. A 09/09/08 Page 10
Product # AQ0300MUxx Series
Technical Specification
PARALLEL OPERATION - MULTIPLE UNITS
Chassis configurations for Parallel Units ACuQor units are available either open-frame or pre-mounted at the factory. Up to 3 units can be mounted into a chassis, in either side-by-side or stacked configurations. For a complete list of options, see the "Part Numbering System" table on the last page, under "Package Type", along with the Mechanical Drawings pages. Only side-by-side configurations can be populated with 500W units, since each includes a thermal pad underneath. Interconnection of Parallel Units ACuQor units mounted in 2 and 3 unit chassis are not connected together. This allows the physical routing and connectivity of the external wiring to be customized to each application. The following table summarizes the recommended wiring to operate multiple units in parallel:
Output Connector Signal Suggested Connection
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
Specifications of Parallel Units As a rule, units wired in parallel behave the same as single units. Any specification will remain unchanged that is expressed in units of voltage, time, frequency, or efficiency. Specifications expressed in terms of power, current, or capacitance, should be scaled by the number of units wired in parallel. ACuQor units are individually calibrated at the factory, so that the output voltage vs. output current characteristic is always consistent (see Vout droop characteristic figures). As such, multiple units will share output current accurately. Full current is guaranteed from a bank of multiple units wired in parallel.
Behavior with Multiple Units
REMOTE_ENABLE FAN_GOOD AC_POWER_GOOD DC_POWER_GOOD VOUT(+), VOUT(-) 12V_STANDBY* 5V_STANDBY
Wire in parallel " " " " " Do not wire in parallel
Inputs activated simultaneously Wired-OR outputs - can be pulled low by any unit during an abnormal condition. " " Built-in droop characteristic ensures graceful current sharing. " Fully regulated characteristic does not support current sharing. If placed in parallel, only the output with the highest set-point will drive current.
*Note: Triple output models only.
Product # AQ0300MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005044 Rev. A
09/09/08
Page 11
Technical Specification
INSTALLATION INSTRUCTIONS
General: ACuQor AC/DC power supplies are intended for use as components in medical and industrial equipment. ACuQor units must be properly installed within end use equipment before they can be safely applied as described in this document. The suitability of the ACuQor/equipment combination must be verified through end product investigation. Mounting:Refer to the Mechanical Drawings section. ACuQor
units are provided with threaded stainless-steel stand-offs or inserts for mounting. This mounting hardware is internally connected to the input connector protective-earth terminal for functional-earth EMC control. Any orientation (vertical, horizontal, etc.) may be used. Adequate air space should be provided over the fan intake (top) and exhaust (sides) to allow for exchange of cooling air. ACuQor is designed for a pollution degree 2 environment. The suitability of the enclosed ACuQor mechanical assemblies must be verified through end product investigation.
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
nector wiring and signal I/O functionality. Refer to nameplate label for output current ratings. Main DC output (Vout+, Vout-) pins should use 20 AWG (0.5mm2) wire size. Individual main output pins should not be loaded to more than 5.5 A. For currents greater than 5.5 A, multiple main output pins/wires must be used in parallel. All signal I/O pins are referenced to Vout-.
Output:Refer to the Connector Details section for output con-
EMC:ACuQor products have been tested to the EMC specifications listed in the Electrical Characteristics section. However, end use equipment must be tested to verify EMC compliance..
Hipot Testing: ACuQor products are rated for Hipot testing
Encased models: A minimum of 5 mm electrical clearance should be allowed from the connector ends of encased models. Input:Refer to the Connector Details section for input connector wiring. ACuQor products require a single phase AC power source of 100-240V 50/60Hz nominal. Refer to nameplate label for input current ratings. A protective-earth connection is also required. Minimum wire size of 18 AWG (0.8mm2) is recommended. Both sides of the AC line are internally fused (see table for specific models). These fuses are not user replaceable.
MODEL AQ0300 AQ0400 AQ0500 Input Fuses (in Both AC Lines) Littelfuse6.3A250V21606.3XEP Littelfuse6.3A250V21606.3XEP Littelfuse10.0A250V216010XEP Fuses Total 2 2 2
levels of 1500 Vac input to protective-earth, 1500 Vac output to protective-earth, and 4000 Vac input to output. When performing the 4000 Vac input to output test, the test voltage must be balanced evenly 2000 Vac input and output to protective-earth. Two oppositely phased test voltage sources or a single test voltage source with external balancing impedances (capacitors) may be used to prevent overstressing input or output to protective-earth insulation per IEC60601-1 2005 sub clause 8.8.1 and IEC60601-1 1990 sub clause 20.4g. for BF and CF patient contact application per IEC60601-1. These ACuQor models provide reinforced insulation at the DC output voltage level and basic insulation at the 240 Vac level from output to protective-earth. Note that equipment and wiring may add to system leakage currents so that the end product must be tested for compliance. Refer to the Electrical Characteristics section for typical ACuQor input and output leakage currents. In addition, ACuQor defibrillation rated models comply with the minimum output to protective-earth creepage/clearance requirement and defibrillator pulse test of IEC60601-1.
Patient Contact: ACuQor models include versions designed
Product # AQ0300MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005044 Rev. A
09/09/08
Page 12
Technical Specification
PART NUMBERING SYSTEM
AC Input: 85-264 VRMS DC Output: 12/24/36/48V Semi-reg. Power: 300 W Series Grade: Medical
The part numbering system for SynQor's ACuQor AC/DC power supplies follows the format shown in the table below. Notallcombinationsmakevalidpartnumbers,pleasecontactSynQorforavailability.
Family Output Power
0300: 300 W 0400: 400 W 0500: 500 W 0600: 600 W (2 x 300 W) 0800: 800 W (2 x 400 W) 0900: 900 W (3 x 300 W) 1000: 1000 W (2 x 500 W) 1200: 1200 W (3 x 400 W) 1500: 1500 W (3 x 500 W)
Grade
Range
Output Voltage
(xx=Standard; xT=Triple) 12: 12 V 1T: 12 V / 5 & 12 V STBY 24: 24 V 2T: 24 V / 5 & 12 V STBY 36: 36 V 3T: 36 V / 5 & 12 V STBY 48: 48 V 4T: 48 V / 5 & 12 V STBY
Package Type
(Correlates to Output Power)
Thermal Design
Options
AQ ACuQor series of ac-dc semi-regulated output power supplies
M: medical
U: universal (85-264 VRMS)
E: 1 unit (3" x 5") R: 2 units; flat S: 2 units; stacked T: 3 units; flat U: 3 units; stacked
A: open frame C: encased Q: encased only
Medical Grade: BF: BF isolation rating CF: CF isolation rating CFD: CF isolation rating defibrillator proof
Example: AQ0300MU12EACFD ACCESSORIES
SynQoroffersaseriesofassembliesthatcanbeorderedaccordingtothetablebelow.Mechanicaldrawingsfortheseaccessoriesare availablefordownloadinpdfformatfromtheSynQorwebsite.
Part Number
AQ-CBL-INPUT1C AQ-CBL-OUT1C AQ-CBL-OUT1CD AQ-CBL-OUT2C AQ-CBL-OUT2CD AQ-INSUL1M AQ-EVAL-PRL3
Description
Input mating cable with pre-stripped wire ends (36" long). Output mating cable with pre-stripped wire ends (18" long). Same as AQ-CBL-OUT1C with an additional 8-pin connector. Output mating cable with connectors on both ends (18" long). Same as AQ-CBL-OUT2C with an additional 8-pin connector. Single module bottom-side Mylar insulator for open frame mounting. Evaluation board for up to three paralleled modules.
APPLICATION NOTES
AvarietyofapplicationnotesandtechnicalwhitepaperscanbedownloadedinpdfformatfromtheSynQorwebsite.
PATENTS
SynQorholdsthefollowingpatents,oneormoreofwhichmightapplytothisproduct: 5,999,417 6,222,742 6,545,890 6,594,159 6,731,520 6,894,468 6,927,987 7,050,309 7,072,190 7,119,524 7,269,034 7,272,021
6,577,109 6,896,526 7,085,146 7,272,023
Contact SynQor for further information:

Phone: TollFree: Fax: E-mail: Web: Address:
978-849-0600 888-567-9596 978-849-0602 power@synqor.com www.synqor.com 155SwansonRoad Boxborough,MA01719,USA
Phone 1-888-567-9596
Warranty:SynQoroffersatwo(2)yearlimitedwarranty.CompletewarrantyinformationislistedonourwebsiteorisavailableuponrequestfromSynQor. Limitation on use: SynQor's products are not authorized for use and should not be used, without the specific prior written approval of an authorized officer of SynQor makingspecificreferencehereto,inanylifesupportsystem,nuclearfacilityorapplication,aircraftcontrolapplicationoranyotherapplicationinwhichfailureoftheproduct couldreasonablyresultinharmtolife,propertyortheenvironment. InformationfurnishedbySynQorisbelievedtobeaccurateandreliable.However, noresponsibilityisassumedbySynQorforitsuse,norforanyinfringementsofpatents orotherrightsofthirdpartieswhichmayresultfromitsuse.Nolicenseisgrantedby implicationorotherwiseunderanypatentorpatentrightsofSynQor.
Doc.# 005-005044 Rev. A 09/09/08 Page 13
Product # AQ0300MUxx Series
www.synqor.com


▲Up To Search▲   

 
Price & Availability of AQ0300MU12SCBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X