|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ASAHI KASEI [AKD4120] AKD4120 AK4120 Evaluation Board Rev.A GENERAL DESCRIPTION The AKD4120 is an evaluation board for the AK4120, digital sample rate converter with mixer and volume. The AKD4120 has the interface with AKM's D/A and A/D converter to evaluation boards. Therefore, it is easy to evaluate the AK4120 via analog output. This has also optical connector to interface with other digital audio equipment. Ordering guide AKD4120 --- AK4120 Evaluation Board (Cable for connecting with printer port of IBM-AT compatible PC and control software are packed with this.) FUNCTION * Compatible with 2 types of interface - Optical interface by AK4112B (DIR) and AK4114 (DIT & DIR) - Direct interface with AKM's DAC & ADC evaluation boards by 10pin headers. * BNC connectors for an external clock input * 10pin headers for the serial control data interface GND 3.3V 5V Optical Input 10pin Header Audio Data AK4112B (DIR) Input#1 Output AK4114 (DIT,DIR) Optical Input (PORT5) Optical Output Audio Data Input Input#2 10pin Header 10pin Header Register Control AK4120 10pin Header Audio Data Output Figure 1. AKD4120 Block Diagram * Circuit diagram and PCB layout are attached at the end of this manual. 2006/12 ASAHI KASEI [AKD4120] EVALUATION BOARD MANUAL Operation sequence 1.Set up the jumper for power supply [JP11 (D3V) ] Select power supply for VDD pin of the AK4120 Short : 3.3V is supplied from 3V-1 jack (Default) Notihg should be connected to VCC-3V. Open : 3.3V is supplied from VCC-3V. 2.Set up power supply lines VCC= 5V VCC-3V= 3.3V 3V-1= 3.3V : Power supply for TVDD of the AK4112B and AK4114, and for logic circuit. : This jack is used when VDD of the AK4120 is supply from this. In this case, JP11 should be open. : Power supply for logic, the AK4112B and the AK4114. In this case, JP11 should be short and notihg should be connected to VCC-3V. : This is ground for all regions in this board. GND= 0V 3. Set up the evaluation modes by jumper pins and DIP switches. (See the next section.) 4. Power on. The AK4120 should be reset once by bringing SW2 "L" upon power-up. The AK4120 is reset at SW2= "L" and exits resetting at SW2= "H". When SW2 = "L", the internal registers cannot be written. 2006/12 ASAHI KASEI [AKD4120] Evaluation mode The AK4120 has four path modes that interface between two input ports and one output port. Four audio data formats can be selected independently for each port. Input#1 port supports only slave mode. Input#2 port and output port support slave mode and master mode. This evaluation board, AKD4120 has a standard optical interface via DIR/DIT and AKM original 10pin interface for AKM's AD/DA evaluation board. The AKD4120 can select either optical interface or 10pin interface for each port. Set the evaluation mode by the following operation sequence. 1) 2) 3) 1. Control I/F mode Path mode and Clock mode Audio data format Control I/F mode Control I/F mode is set by JP14 and S1. Attached control software is written for using 3-wire serial and Chip Address CAD1, CAD0 (CAD1, CAD0 = "10"). See the section of "DIP switch setup" and "Jumper list". Set-up of JP14 and S1 is shown below. Jumper No. DIP switch No. JP14 S1: No.4 S1: No.5 Set-up CSN OFF OFF ON S1 OFF 1234567 S1 (AK4120) set-up: Audio data format: 24bit, MSB justified (Default) * In case of 3-wire serial (I2C = "OFF"), lower bit is set up by CAD0 pin, but upper bit is fixed to "1". Therefore, it is not needed to set up CAD1 pin. I2MODE OMODE I2S I2C CAD0 CAD1 2006/12 ASAHI KASEI [AKD4120] 2. Path mode and Clock mode 2-1. Path Mode 0 (Default) I2C DIR AK4112B PORT3 I2S PDN VDD Input#1 Sample Rate Converter Volume#1 VSS TEST SDTI1 ILRCK1 IBICK1 PORT2 IMCLK1 IMCLK2 SDTI2 ILRCK2 IBICK2 OMCLK SDTO OLRCK OBICK Input#2 Volume#2 Output P I/F I2MODE CAD0 CSN/CAD1 CCLK/SDL CDTI/SDA OMODE PORT4 DIR AK4114 PORT5 DIT AK4114 PORT7 PORT6 2006/12 ASAHI KASEI [AKD4120] 2-1-1 Input#1 signal set-up When Input#1 is connected to external equipment through DIR, PORT3 is used. When the audio data comes from AKM's ADC board, PORT2 is used. [Input#1] PORT3 (DIR): DIR (Optical link) PORT2 (ADC): Connect to ADC board by 10pin Port (1) PORT select Input#1 Slave Mode Jumper NO. JP21 JP22 JP23 JP2 JP4 JP6 JP8 JP15 JP16 JP19 BCK12 PORT SDTO12 PORT LRCK12 PORT MCK12 MCK14 SDTO12 SDTO14 BCK12 BCK14 LRCK12 LRCK14 IN OUT PORT3 (DIR) (Default) short open short open short open short open short open short open short open open open open open PORT2 (ADC) short short open short short short short open short open short open short open open short open short (2) Input#1, Master Clock select Jumper NO. JP20 X1 frequency JP/X/SW JP18 JP17 X1 (X'tal) SW1: NO.5 256fs (Default) MCKO2 512fs PORT3 (DIR) (Default) short open don't care OFF 512fs MCKO1 512fs PORT2 (ADC) X'tal (X1) Ex. Clock (J1) short open open short use remove ON ON When using PORT2, the setting of X'tal or Ex. Clock is used. 512fs (Default: 24.576MHz on board) should be used as X'tal frequency. 2006/12 ASAHI KASEI [AKD4120] (3) The AK4120 and DIR (AK4112B) set-up ON S1 OFF 1234567 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#1: Slave Mode ON SW1 OFF SW1 (AK4112B) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode (*) AK4112B should always be used in Master Mode. 2-1-2. Input#2 and Output signal set-up When Input#2 is connected to external equipment through DIR, PORT5 is used. When the audio data comes from AKM's ADC board, PORT4 is used. [Input#2] PORT5 (DIR) : DIR(Optical link) PORT4 (ADC): Connect to ADC board by 10pin Port When Output is connected to external equipment through DIT, PORT7 is used. When the audio data goes to AKM's DAC board, PORT6 is used. [Output] PORT7 (DIT): DIT (Optical link) PORT6 (DAC): Connect to DAC board by 10pin Port DIF2 DIF1 DIF0 CM0 I2MODE OMODE I2S I2C CAD0 CAD1 12345 2006/12 ASAHI KASEI [AKD4120] (1) PORT select (a) Input#2: Slave Mode, Output: Slave Mode JP/SW JP32 JP1 JP3 (*) JP5 JP7 JP24 JP25 JP26 S1: NO.1 SDTO14 PORT SDTO14 SDTO12 IN OUT Input#2 PORT5 (DIR) (Default) short open open short open open open open open open short OFF PORT4 (ADC) open short open short open open open open short open short OFF (*) Input#1 and Input#2 are mixed. When Input#2 is not mixed to Input#1, JP3 should be open. JP/SW JP30 JP31 JP33 JP10 JP12 JP13 JP26 S1: NO.2 SDTI14 PORT BICK14 PORT LRCK14 PORT Output PORT7 (DIT) (Default) short open short short short open short short short short OFF PORT6 (DAC) open short short short short short short short short short OFF ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Slave Mode, Output: Slave Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode (*) The AK4114 should be used in Master Mode. 2006/12 ASAHI KASEI [AKD4120] (b) Input#2: Slave Mode, Output: Master Mode JP/SW JP32 SDTO14 PORT JP1 JP3 SDTO14 SDTO12 JP5 JP7 JP24 IN OUT JP25 JP26 S1: NO.1 Input#2 PORT5 (DIR) short open open short open open open open open open short OFF Output PORT7 (DIT) short open short open short open short short short short ON PORT4 (ADC) open short open short open open open open short open short OFF JP/SW JP30 SDTI14 PORT JP31 BCK14 PORT JP33 LRCK14 PORT JP10 JP12 JP13 JP26 S1: NO.2 PORT6 (DAC) open short open short open short short short short short ON ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Slave Mode, Output: Master Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Slave Mode (*) AK4114 should be used in Slave Mode. 2006/12 ASAHI KASEI [AKD4120] (c) Input#2: Master Mode, Output: Slave Mode JP/SW JP32 SDTO14 PORT JP1 JP3 SDTO14 SDTO12 JP5 JP7 JP24 IN OUT JP25 JP26 S1 : NO.1 Input#2 PORT5 (DIR) short open open short open open open open open open short ON Output PORT7 (DIT) short open short open short open short short short short OFF PORT4 (ADC) open short open short open open open open short open short ON JP/SW JP30 SDTI14 PORT JP31 BCK14 PORT JP33 LRCK14 PORT JP10 JP12 JP13 JP26 S1: NO.2 PORT6 (DAC) open short open short open short short short short short OFF ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Master Mode, Output: Slave Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Slave Mode (*) AK4114 should be used in Slave Mode. 2006/12 ASAHI KASEI [AKD4120] (d) Input#2: Master Mode, Output: Master Mode JP/SW JP32 SDTO14 PORT JP1 JP3 SDTO14 SDTO12 JP5 BCK14 BCK12 JP7 LRCK14 LRCK12 JP24 IN OUT JP25 JP26 S1: NO.1 Input#2 PORT5 (DIR) short open open short open open open open open open open open short ON Output PORT7 (DIT) short open short short short short short short short short ON PORT4 (ADC) open short open short open open open open open open short open short ON JP/SW JP30 SDTI14 PORT JP31 BCK14 PORT JP33 LRCK14 PORT JP10 JP12 JP13 JP26 S1: NO.2 PORT6 (DAC) open Short short short short short short short short short ON ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Master Mode, Output: Master Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Slave Mode (*) AK4114 should be used in Slave Mode. 2006/12 ASAHI KASEI [AKD4120] (2) Output Master Clock select Jumper NO. JP27 X2 frequency SW3: NO.4 SW3: NO.5 JP/X/SW 256fs(2) (Default) MCKO2 512fs OFF ON DIR (PORT5) 512fs MCKO1 512fs OFF ON PORT4 X'tal (X2) (Default) short open use ON Ex. Clock (J2) open short removed ON JP28 JP29 X2 SW3: NO.6 short open don't care OFF When using PORT4, the setting of X'tal or Ex. Clock is used. 512fs (Default: 24.576MHz on board) should be used as X'tal frequency. ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Slave Mode, Output: Slave Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode, DIR ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode, X'tal / Ex. Clock 2006/12 ASAHI KASEI [AKD4120] 2-2. Path Mode 1 I2C I2S PDN VDD Sample Rate Converter Volume#1 VSS TEST SDTI1 ILRCK1 IBICK1 DIR AK4112B PORT3 IMCLK1 IMCLK2 SDTI2 ILRCK2 PORT2 IBICK2 OMCLK SDTO OLRCK OBICK Input#2 Output P I/F I2MODE CAD0 CSN/CAD1 CCLK/SDL CDTI/SDA OMODE AK4114 PORT7 DIT PORT6 2006/12 ASAHI KASEI [AKD4120] 2-2-1. Input#2 signal set-up When Input#2 is connected to external equipment through DIR, PORT3 is used. When the audio data comes from AKM's ADC board, PORT2 is used. [Input#2] PORT3 (DIR): DIR (Optical link) PORT2 (ADC): Connect to ADC board with 10pin Port (1) PORT select Input#2: Slave Mode Jumper NO. JP21 BCK12 PORT JP22 SDTO12 PORT JP23 LRCK12 PORT JP2 JP4 JP6 JP8 JP1 MCK12 MCK14 JP3 SDTO12 SDTO14 JP5 BCK12 BCK14 JP7 LRCK12 LRCK14 JP15 IN OUT JP16 JP19 PORT3 (DIR) short open short open short open open open open open short open short open short open short open open open open open PORT2 (ADC) short short open short short short open open open open short open short open short open short open open short open short (2) Master Clock select Jumper NO. JP20 X1 frequency JP/X/SW 256fs (Default) MCKO2 512fs PORT3 (DIR) 512fs MCKO1 512fs PORT2 (ADC) X'tal (X1) Ex. Clock (J1) (Default) short open open short use remove ON ON JP18 JP17 X1 (X'tal) SW1: NO.5 short open don't care OFF When using PORT2, the setting of X'tal or Ex. Clock is used. 512fs (Default: 24.576MHz on board) should be used as X'tal frequency. 2006/12 ASAHI KASEI [AKD4120] (3) The AK4120 and DIR (AK4112B) set-up ON S1 OFF 1234567 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Slave Mode ON SW1 OFF SW1 (AK4112B) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode (*) AK4112B should always be used in Master Mode. 2-2-2. Output signal set-up When Output is connected to external equipment through DIT, PORT7 is used. When the audio data goes to AKM's DAC board, PORT6 is used. [Output] PORT7 (DIT): DIT (Optical link) PORT6 (DAC): Connect to DAC board with 10pin Port (1) PORT select (a) Output: Slave Mode (OMODE="L") DIF2 DIF1 DIF0 CM0 JP/SW SDTI14 PORT BICK14 PORT LRCK14 PORT Output PORT7 (DIT) short open short short short open short short short short OFF I2MODE OMODE I2S I2C CAD0 CAD1 12345 JP30 JP31 JP33 JP10 JP12 JP13 JP26 S1: NO.2 PORT6 (DAC) open short short short short short short short short short OFF 2006/12 ASAHI KASEI [AKD4120] ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Slave Mode, Output: Slave Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode (*) AK4114 should be used in Master Mode. (b) Output: Master Mode (OMODE="H") JP/SW SDTI14 PORT JP31 BCK14 PORT JP33 LRCK14 PORT JP10 JP12 JP13 JP26 S1: NO.2 JP30 Output PORT7 (DIT) short open short open short open short short short short ON PORT6 (DAC) open short open short open short short short short short ON ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Slave Mode, output: Master Mode 2006/12 ASAHI KASEI [AKD4120] ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Slave Mode (*) AK4114 should be used in Slave Mode. (2) Master Clock select Jumper NO. JP27 X2 frequency SW3: NO.4 SW3: NO.5 JP/X/SW 256fs(2) (Default) MCKO2 512fs OFF ON DIR (PORT5) 512fs MCKO1 512fs OFF ON PORT4 X'tal (X2) (Default) short open use ON Ex. Clock (J2) open short removed ON JP28 JP29 X2 SW3: NO.6 short open don't care OFF When using PORT4, the setting of X'tal or Ex clock is used. 512fs (Default: 24.576MHz on board) should be used as X'tal frequency. ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Slave Mode, Output: Slave Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode, DIR 2006/12 ASAHI KASEI [AKD4120] ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode, X'tal / Ex. Clock 2006/12 ASAHI KASEI [AKD4120] 2-3. Path Mode 2 I2C I2S PDN VDD Input#1 VSS TEST SDTI1 ILRCK1 IBICK1 IMCLK1 IMCLK2 SDTI2 ILRCK2 IBICK2 OMCLK SDTO OLRCK OBICK Output Volume#2 P I/F I2MODE CAD0 CSN/CAD1 CCLK/SDL CDTI/SDA OMODE PORT4 AK4114 PORT5 DIR Ak4114 PORT7 DIT PORT6 2006/12 ASAHI KASEI [AKD4120] 2-3-1. Input#1 signal set-up When Input#1 interfaces external equipment through DIR, PORT5 is used. When the audio data comes from AKM's ADC board, PORT4 is used. [Input#1] PORT5 (DIR): DIR (Optical link) PORT4 (ADC): Connect to ADC board with 10pin Port (1) PORT select Input#1: Slave Mode Jumper NO. JP21 BCK12 PORT JP22 SDTO12 PORT JP23 LRCK12 PORT JP2 MCK14 MCK12 JP4 SDTO14 SDTO12 JP6 BCK14 BCK12 JP8 LRCK14 LRCK12 JP32 SDTO14 PORT JP1 MCK12 MCK14 JP3 SDTO12 SDTO14 JP5 BCK12 BCK14 JP7 LRCK12 LRCK14 JP15 IN OUT JP16 JP19 JP24 IN OUT JP25 JP26 Input#1 PORT3 (DIR) open open open open open open short open short open short open short open short open open open open open open open open open open open open open open open open short PORT2 (ADC) open open open open open open short open short open short open short open open short open open open open open open open open open open open open open short open short 2006/12 ASAHI KASEI [AKD4120] (2) Input#1 Master Clock select Jumper NO. JP27 X2 frequency SW3: NO.4 SW3: NO.5 JP/X/SW 256fs(2) (Default) MCKO2 512fs OFF ON DIR(PORT5) 512fs MCKO1 512fs OFF ON PORT4 X'tal (X2) (Default) short open use ON Ex. Clock (J2) open short removed ON JP28 JP29 X2 SW3: NO.6 short open use OFF When using PORT4, the setting of X'tal or Ex. Clock is used. 512fs (Default: 24.576MHz on board) should be used as X'tal frequency. ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#1: Slave Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode, DIR ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode, X'tal / Ex. Clock 2006/12 ASAHI KASEI [AKD4120] 2-3-2. Output signal set-up When Output is connected to external equipment through DIT, PORT7 is used. When the audio data goes to AKM's DAC board, PORT6 is used. [Output] PORT7 (DIT): DIT (Optical link) PORT6 (DAC): Connect to DAC board with 10pin Port (1) PORT select Output: Slave Mode JP/SW JP30 SDTO14 PORT JP31 BCK14 PORT JP33 LRCK14 PORT JP10 JP12 JP13 JP26 S1: NO.2 Output PORT7 (DIT) short open short open short open open open open short ON PORT6 (DAC) open short short short short short open open open short ON ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Output: Slave Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode (*) The AK4114 should be used in Master Mode. 2006/12 ASAHI KASEI [AKD4120] 2-4.Path Mode 3 I2C I2S PDN VDD VSS TEST SDTI1 ILRCK1 IBICK1 IMCLK1 IMCLK2 SDTI2 ILRCK2 IBICK2 OMCLK SDTO OLRCK OBICK Input#2 Volume#2 Output P I/F I2MODE CAD0 CSN/CAD1 CCLK/SDL CDTI/SDA OMODE PORT4 AK4114 PORT5 DIT Ak4114 PORT7 DIT PORT6 2006/12 ASAHI KASEI [AKD4120] 2-4-1. Input#2 signal set-up When Input#2 interfaces external equipment through DIR, PORT5 is used. When the audio data comes from AKM's ADC board, PORT4 is used. [Input#2] PORT5 (DIR): DIR (Optical link) PORT4 (ADC): Connect to ADC board with 10pin Port (1) PORT select Jumper NO. JP21 BCK12 PORT JP22 SDTO12 PORT JP23 LRCK12 PORT JP2 MCK14 MCK12 JP4 SDTO14 SDTO12 JP6 BCK14 BCK12 JP8 LRCK14 LRCK12 JP32 SDTO14 PORT JP1 MCK12 MCK14 JP3 SDTO12 SDTO14 JP15 IN OUT JP12 JP13 JP16 JP19 JP24 IN OUT JP25 JP26 Input#2 PORT3 (DIR) open open open open open open open open open open open open open open short open open open open short open open open open open open open open open short PORT2 (ADC) open open open open open open open open open open open open open open open short open open open short open open open open open open open short open short 2006/12 ASAHI KASEI [AKD4120] (a) Input#2: Slave Mode, Output: Slave Mode Jumper NO. JP5 JP7 S1: NO1 PORT5 (DIR) open open OFF PORT4 (ADC) open open OFF ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Slave Mode, Output: Slave Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode (*) AK4114 should be used in Master Mode. (b) Input#2: Master Mode, Output: Master Mode NO. BCK14 BCK12 JP7 LRCK14 LRCK12 S1: NO.1 JP5 PORT5 (DIR) short open short open ON PORT4 (ADC) short open short open ON ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Master Mode, Output: Master Mode 2006/12 ASAHI KASEI [AKD4120] ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Slave Mode (*) AK4114 should be used in Slave Mode. 2-4-2. Output signal set-up When Output is connected to external equipment through DIT, PORT7 is used. When the audio data goes to AKM's DAC board, PORT6 is used. [Output] PORT7 (DIT): DIT (Optical link) PORT6 (DAC): Connect to DAC board with 10pin Port (1) PORT select (a) Output: Slave Mode (OMODE="L") JP30 JP31 JP33 JP10 JP12 JP13 JP26 S1: NO.2 JP/SW SDTI14 PORT BICK14 PORT LRCK14 PORT Output PORT7 (DIT) short open short open short open short short short short OFF PORT6 (DAC) open short short short short short short short short short OFF ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Slave Mode, Output: Slave Mode 2006/12 ASAHI KASEI [AKD4120] ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Master Mode (*) AK4114 should be used in Master Mode. (b) Output: Master Mode (OMODE="H") JP/SW JP30 JP31 JP33 JP10 JP12 JP13 JP26 S1: NO.2 SDTI14 PORT BICK14 PORT LRCK14 PORT Output PORT7 (DIT) short open short open short open short short short short ON PORT6 (DAC) open short open short open short short short short short ON ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Master Mode, Output: Master Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up, Audio data format: 24bit, MSB justified (Default), Slave Mode (*) AK4114 should be used in Slave Mode. 2006/12 ASAHI KASEI [AKD4120] (2) Output Master Clock select Jumper NO. JP27 X2 frequency SW3: NO.4 SW3: NO.5 JP/X/SW 256fs(2) (Default) MCKO2 512fs OFF ON DIR (PORT5) 512fs MCKO1 512fs OFF ON PORT4 X'tal (X2) (Default) short open use ON Ex. Clock (J2) open short removed ON JP28 JP29 X2 SW3: NO.6 short open don't care OFF When using PORT4, the setting of X'tal or Ex. Clock is used. 512fs (Default: 24.576MHz on board) should be used as X'tal frequency. ON 1 2 3 4 5 6 7 S1 OFF I2MODE OMODE I2S I2C CAD0 CAD1 S1 (AK4120) set-up, Audio data format: 24bit, MSB justified (Default), Input#2: Slave Mode, Output: Slave Mode ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up (Default), Audio data format: 24bit, MSB justified (Default), Master Mode, DIR ON 1 2 3 4 5 6 7 8 SW3 OFF DIF0 DIF1 DIF2 MCKO0 MCKO1 CM1 SW3 (AK4114) set-up (Default), Audio data format: 24bit, MSB justified (Default), Master Mode, X'tal / Ex. Clock 2006/12 ASAHI KASEI [AKD4120] 3. Audio data format of AK4120 Audio data format and master clock frequency between the AK4120 and AK4112B/AK4114 should be the same condition. S1: NO.3 L L L L H 00H: D1 0 0 1 1 X 00H: D0 0 1 0 1 X SDTI1 20bit, MSB justified 20bit, I2S 20bit, LSB justified 16bit, LSB justified 2 20bit, I S LRCK H/L L/H H/L H/L L/H Default Table 4. Audio data formats of SDTI1 in serial control mode S1: NO.3 L L L L H 00H: D3 0 0 1 1 X 00H: D2 0 1 0 1 X SDTI2 20bit, MSB justified 20bit, I2S 20bit, LSB justified 16bit, LSB justified 2 20bit, I S LRCK H/L L/H H/L H/L L/H Default Table 5. Audio data formats of SDTI2 in serial control mode S1: NO3 L L L L H 00H: D5 0 0 1 1 X 00H: D4 0 1 0 1 X SDTO 20bit, MSB justified 20bit, I2S 20bit, LSB justified 16bit, LSB justified 2 20bit, I S LRCK H/L L/H H/L H/L L/H Default Table 6. Audio data formats of SDTO in serial control mode Note) When the Audio data format is changed, the AK4120 should be powered down using "PW" bit. 2006/12 ASAHI KASEI [AKD4120] Jumper pins and DIP switches setup 1. AK4120 set-up (1) Jumper JP9 (2) S1 open (Default) No 1 2 3 4 5 6 2. AK4112B set-up (1) Audio I/F select (SW1) Pin I2MIODE OMODE I2S I2C CAD0 CAD1 OFF (Default) Slave Slave Set-up by Register 3 wire serial 0 0 ON Master Master I2S I2C 1 1 Audio I/F 24bit, MSB justified 24bit, I2S 24bit, LSB justified 16bit, LSB justified 24bit, MSB justified 24bit, I2S (2) Master Clock (SW1) I/O O O O O I I No.2 DIF2 1 1 0 0 1 1 No.3 DIF1 0 0 1 0 1 1 No.4 DIF0 0 1 0 0 0 1 Default Clock PLL (DIR) X'tal (External) 3. AK4114 set-up (1) Audio I/F select (SW3) No.5 0 1 Default SDTI 24bit, MSB justified 24bit, MSB justified 24bit, MSB justified 24bit, I2S 24bit, MSB justified 24bit, I2S (2) Master Clock Speed (SW3) SDTO 16bit, LSB justified 20bit, LSB justified 24bit, MSB justified 24bit, I2S 24bit, MSB justified 24bit, I2S I/O O O O O I I No.3 DIF2 0 0 1 1 1 1 No.2 DIF1 0 1 0 0 1 1 No.1 DIF0 0 0 0 1 0 1 Default MCKO1 256fs 512fs MCKO2 256fs 256fs No.5 OCKS1 0 1 No.4 OCKS0 0 0 Default 2006/12 ASAHI KASEI [AKD4120] (3) Master Mode (SW3) Clock source PLL X'tal Jumper list JP No. 1,2 Jumper Name NO.6 CM0 0 1 Default 3,4 5,6 7,8 9 10 TEST OMCLK 11 D3V 12 OBICK 13 OLRCK 14 15 16 LRCKP1N 17 EX-CLK1 Function IMCLK1 and IMCLK2 input device set-up. MCK12: AK4112B (Default) MCK14: AK4114 SDTI1 and SDTI2 input device set-up SDTO12: AK4112B (Default) SDTO14: AK4114 IBICK1 and IBICK2 input device set-up BCK12: AK4112B (Default) BCK14: AK4114 ILRCK1 and ILRCK2 input device set-up LRCK12: AK4112B (Default) LRCK14: AK4114 This jumper is connected GND. Connection of OMCLK (AK4120) and MCKO1 or MCKO2 (AK4114) Short: Connect (Default) Open: Separate Power supply source set-up for VDD of AK4120. Short: Supply from 3V-1V Jack (Default) Open: Supply from VCC-3V Jack Connection of OBICK (AK4120) and BICK (AK4114) Short: Connect (Default) Open: Separate Connection of OLRCK (AK4120) and LRCK (AK4114) Short: Connect (Default) Open: Separate Serial control I/F set-up for AK4120 CAD1: 3 wire Serial (Default) CSN: I2C Connection of PORT2 and 74LVC541 input pin/ output pin IN: Connect input pin OUT: Connect output pin Open: NC (Default) Connection of 74LVC541 and JP23 Open: Separate (Default) Short: Connect Connection of J1 (BNC) and XTI (AK4112B 5pin) Open: Separate (Default) Short: Connect 2006/12 ASAHI KASEI [AKD4120] JP No. 18 Jumper Name EXT 19 MCKPORT1 20 MCK12 21 22 23 24 25 LRCKP2IN 26 MCKPORT2 27 28 29 EX_CLK2 30 31 32 33 Function Connection of BNC line (J1) and GND Short: Connect (Default) Open: Separate Connection of PORT2 and MCK12 (JP20) Short: Connect (Default) Open: Separate Selection of MCKO1 (AK4112B) or MCKO2 (AK4112B) MCKO1: MCKO1 (AK4112B) MCKO2: MCKO2 (AK4112B) (Default) Connection of BICK (AK4112B) or PORT2 PORT: PORT2 BCK12: BICK (AK4112B) (Default) Connection of SDTO (AK4112B) or PORT2 PORT: PORT2 SDTO12: SDTO (AK4112B) (Default) Connection of LRCK (AK4112B) or PORT2 PORT: PORT2 LRCK12: LRCK (AK4112B) (Default) Connection of PORT4 and 74LVC541 input pin/output pin IN: Connect input pin OUT: Connect output pin Open: NC (Default) Connection of 74LVC541 and JP33 Open: Separate (Default) Short: Connect Connection of PORT4 and JP27 Short: Connect (Default) Open: Separate Selection of MCKO1 (AK4114) or MCKO2 (AK4114) MCKO1: MCKO1 (AK4114) MCKO2: MCKO2 (AK4114) (Default) Connection of BNC line (J2) and GND Short: Connect (Default) Open: Separate Connection of J2 (BNC) and XTI (AK4114 30pin) Open: Separate (Default) Short: Connect Connection of DAUX (AK4114) or PORT4 PORT: PORT4 SDTI14: DAUX (AK4114) (Default) Connection of BICK (AK4114) or PORT4 PORT: PORT4 BCK14: BICK (AK4114) (Default) Connection of SDTO (AK4114) or PORT4 PORT: PORT4 SDTO14: SDTO (AK4114) (Default) Connection of LRCK (AK4114) or PORT4 PORT: PORT4 LRCK14: LRCK (AK4114) (Default) 2006/12 ASAHI KASEI [AKD4120] Toggle switch set-up SW2 LED indication 1 Reset switch for AK4120, AK41112B and AK4114. Set to "H" during operation. Bring to "L" once after the power is supplied. Bright when ERF pin goes to "H". Serial Control The AK4120 can be controlled via the printer port (parallel port) of IBM-AT compatible PC. Connect PORT1 (CTRL) with PC by 10-wire flat cable packed with the AKD4120. Be careful connector direction. Flat cable should be connected 10-pin header, red line put on 10pin header 5 and 6 pin. 1 10 CSN Connect PC CCLK/SCL CDTI/SDA AKD4120 CDTO/ACK RED 10 wire flat cable 5 10 pin Connector 10 pin Header 6 Figure 6. Connection of 10-pin flat cable 2006/12 ASAHI KASEI [AKD4120] CONTROL SOFTWARE MANUAL Set-up of evaluation board and control software 1. Set up the AKD4120 according to previous term. 2. Connect IBM-AT compatible PC with AKD4120 by 10-line type flat cable (packed with AKD4120). Take care of the direction of 10pin header. (Please install the driver in the CD-ROM when this control software is used on Windows 2000/XP. Please refer "Installation Manual of Control Software Driver by AKM device control software". In case of Windows95/98/ME, this installation is not needed. This control software does not operate on Windows NT.) 3. Insert the CD-ROM labeled "AKD4120 Evaluation Kit" into the CD-ROM drive. 4. Access the CD-ROM drive and double-click the icon of "akd4120.exe" to set up the control program. 5. Then please evaluate according to the follows. Operation flow Keep the following flow. 1. Set up the control program according to explanation above. 2. Click "Port Reset" button. 3. Click "Write default" button Explanation of each buttons 1. [Port Reset]: 2. [Write default]: 3. [All Write]: 4. [Function1]: 5. [Function2]: 6. [Function3]: 7. [Function4]: 8. [Function5]: 9. [SAVE]: 10. [OPEN]: 11. [Write]: Set up the USB interface board (AKDUSBIF-A) when using the board. Initialize the register of the AK4120. Write all registers that are currently displayed. Dialog to write data by keyboard operation. Dialog to write data by keyboard operation. The sequence of register setting can be set and executed. The sequence that is created on [Function3] can be assigned to buttons and executed. The register setting that is created by [SAVE] function on main window can be assigned to buttons and executed. Save the current register setting. Write the saved values to all register. Dialog to write data by mouse operation. Indication of data Input data is indicated on the register map. Red letter indicates "H" or "1" and blue one indicates "L" or "0". Blank is the part that is not defined in the datasheet. 2006/12 ASAHI KASEI [AKD4120] Explanation of each dialog 1. [Write Dialog]: Dialog to write data by mouse operation There are dialogs corresponding to each register. Click the [Write] button corresponding to each register to set up the dialog. If you check the check box, data becomes "H" or "1". If not, "L" or "0". If you want to write the input data to the AK4120, click [OK] button. If not, click [Cancel] button. 2. [Function1 Dialog]: Dialog to write data by keyboard operation Address Box: Data Box: Input registers address in 2 figures of hexadecimal. Input registers data in 2 figures of hexadecimal. If you want to write the input data to the AK4120, click [OK] button. If not, click [Cancel] button. 3. [Function2 Dialog]: Dialog to evaluate DATT There are dialogs corresponding to register of 03H, 04H, 05H and 06H Address Box: Input registers address in 2 figures of hexadecimal. Start Data Box: Input starts data in 2 figures of hexadecimal. End Data Box: Input end data in 2 figures of hexadecimal. Interval Box: Data is written to the AK4120 by this interval. Step Box: Data changes by this step. Mode Select Box: If you check this check box, data reaches end data, and returns to start data. [Example] Start Data = 00, End Data = 09 Data flow: 00 01 02 03 04 05 06 07 08 09 09 08 07 06 05 04 03 02 01 00 If you do not check this check box, data reaches end data, but does not return to start data. [Example] Start Data = 00, End Data = 09 Data flow: 00 01 02 03 04 05 06 07 08 09 If you want to write the input data to the AK4120, click [OK] button. If not, click [Cancel] button. 2006/12 ASAHI KASEI [AKD4120] 4. [SAVE] and [OPEN] 4-1. [SAVE] All of current register setting values displayed on the main window are saved to the file. The extension of file name is "akr". 2006/12 ASAHI KASEI [AKD4120] 5. [Function3 Dialog] The sequence of register setting can be set and executed. (1) Click [F3] Button. (2) Set the control sequence. Set the address, Data and Interval time. Set "-1" to the address of the step where the sequence should be paused. (3) Click [START] button. Then this sequence is executed. The sequence is paused at the step of Interval= "-1". Click [START] button, the sequence restarts from the paused step. This sequence can be saved and opened by [SAVE] and [OPEN] button on the Function3 window. The extension of file name is "aks". Figure 1. Window of [F3] 2006/12 ASAHI KASEI [AKD4120] 6. [Function4 Dialog] The sequence file (*.aks) saved by [Function3] can be listed up to 10 files, assigned to buttons and then executed. When [F4] button is clicked, the window as shown in Figure 2 opens. Figure 2. [F4] window 2006/12 ASAHI KASEI [AKD4120] 6-1. [OPEN] buttons on left side and [START] buttons (1) Click [OPEN] button and select the sequence file (*.aks) saved by [Function3]. The sequence file name is displayed as shown in Figure 3. (In case that the selected sequence file name is "DAC_Stereo_ON.aks") Figure 3. [F4] window(2) (2) Click [START] button, then the sequence is executed. 6-2. [SAVE] and [OPEN] buttons on right side [SAVE]: The name assign of sequence file displayed on [Function4] window can be saved to the file. The file name is "*.ak4". [OPEN]: The name assign of sequence file (*.ak4) saved by [SAVE] is loaded. 6-3. Note (1) This function doesn't support the pause function of sequence function. (2) All files used by [SAVE] and [OPEN] function on right side need to be in the same folder. (3) When the sequence is changed in [Function3], the sequence file (*.aks) should be loaded again in order to reflect the change. 2006/12 ASAHI KASEI [AKD4120] 7. [Function5 Dialog] The register setting file(*.akr) saved by [SAVE] function on main window can be listed up to 10 files, assigned to buttons and then executed. When [F5] button is clicked, the window as shown in Figure 4 opens. Figure 4. [F5] window 7-1. [OPEN] buttons on left side and [WRITE] button (1) Click [OPEN] button and select the register setting file (*.akr). (2) Click [WRITE] button, then the register setting is executed. 7-2. [SAVE] and [OPEN] buttons on right side [SAVE]: The name assign of register setting file displayed on [Function5] window can be saved to the file. The file name is "*.ak5". [OPEN]: The name assign of register setting file (*.ak5) saved by [SAVE] is loaded. 7-3. Note (1) All files used by [SAVE] and [OPEN] function on right side need to be in the same folder. (2) When the register setting is changed by [SAVE] Button on the main window, the register setting file (*.akr) should be loaded again in order to reflect the change. 2006/12 ASAHI KASEI [AKD4120] MEASUREMENT RESULTS [Measurement condition] * Measurement unit : Audio Precision System two Cascade * MCLK : 256fs * BICK : 64fs : fsin=44.1kHz, fsout=48kHz * fs : 20Hz20kHz * BW : 20bit * Resolution * Power Supply : VDD=3.3V * Interface : DIR, DIT * Temperature : Room fsin=44.1kHz, fsout=48kHz Parameter Input signal S/(N+D) 1kHz, 0dB DR 1kHz, -60dB Measurement filter 20kLPF 20kLPF, A-weighted Lch 113dB 115dB Rch 113dB 115dB Plots [Measurement condition] * Measurement unit: Audio Precision System two Cascade : 256fs * MCLK : 64fs * BICK : 44.1kHz, 48kHz * fs * BW : 20Hz20kHz (fsin=44.1kHz, fsout=48kHz) * Resolution : 20bit : VDD=3.3V * Power Supply : DIR, DIT * Interface : Room * Temperature Figure 7. FFT (1kHz, 0dBFS input) AK4 120 sample rate co nverrt FF T (fsin=44 .1kHz, fsout=4 8kHz; fin=1kHz, 0dBF S inp ut) FF T po ints=16 384 , Avg =8, window=Equirip ple +0 -10 -20 -30 -40 -50 -60 -70 d B F S -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 20 50 100 200 500 Hz la s t.at2c 1k 2k 5k 10k 20k Figure.7. FFT(fsin=44.1kHz, fsout=48kHz; fin=1kHz, 0dBFS input) 2006/12 ASAHI KASEI [AKD4120] Revision History Date Manual Board Reason (YY/MM/DD) Revision Revision 01/09/28 KM066800 0 First Edition 01/12/26 KM066801 1 Circuit Change Contents 06/12/11 KM066802 1 X'tal Frequency Change X1: 24.576MHz 22.5792MHz X2: 11.2896MHz 24.576MHz Control Software Control Software Change: Ver.1.0 2.0 Manual Change Evaluation Board Jumper pins and DIP switches set up correct Manual Correct IMPORTANT NOTICE * These products and their specifications are subject to change without notice. Before considering any use or application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor concerning their current status. * AKM assumes no liability for infringement of any patent, intellectual property, or other right in the application or use of any information contained herein. * Any export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. * AKM products are neither intended nor authorized for use as critical components in any safety, life support, or other hazard related device or system, and AKM assumes no responsibility relating to any such use, except with the express written consent of the Representative Director of AKM. As used here: (a) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. (b) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. * It is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise places the product with a third party to notify that party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all claims arising from the use of said product in the absence of such notification. 2006/12 5 4 3 2 1 D3V S1 8 9 10 11 12 13 14 SW DIP-7 D JP1 JP2 MCK12 MCK14 JP3 7 6 5 4 3 2 1 MCK12 MCK14 MCK12 MCK14 SDTO12 SDTO14 MCK12 MCK14 JP4 SDTO12 SDTO14 SDTO12 SDTO14 SDTO12 SDTO14 CN1 U1 CN2 R1 47 R2 D R3 RP1 7 6 5 4 3 2 1 R-PACK6R BCK12 BCK14 R15 CAD1 CAD0 I2C I2S OMODE I2MODE R5 47 1 1 IMCLK1 IMCLK2 24 24 R4 47 JP5BCK12 BCK12 BCK14 47 BCK12 BCK14 JP6 R7 R6 220k R8 2 2 SDTI1 SDTI2 23 23 220k BCK14 47 JMP2x2 R11 220k R12 3 3 IBICK1 IBICK2 22 22 R9 R10 220k R13 R14 47 JP7 47 220k 4 4 ILRCK1 ILRCK2 21 21 220k R16 47 LRCK12 LRCK14 LRCK12 LRCK14 220k LRCK12 LRCK14 JP8 I2S 5 5 TEST I2MODE 20 20 220k I2MODE LRCK12 LRCK14 6 6 I2S VDD 19 C1 0.1u + C2 10u 19 JP10 18 OMCLK R17 3V JMP2x2 I2C 7 7 I2C VSS 18 MCK14 C VCC_3V 3V R18 CAD0 D3V 8 8 CAD0 OMODE 17 17 OMODE C 0 C3 47 CSN/CAD1 9 9 CSN/CAD1 OMCLK 16 16 0.1u + C4 47u JP11 PW CCLK/SCL 10 10 CCLK/SCL SDTO 15 15 R19 R20 220k R21 R22 47 JP12 OBICK JP13 SDTI14 CDTI/SDA R100B 11 11 CDTI/SDA OBICK 14 14 220k R23 R24 47 BCK14 10k 12 CAD1 JP14 1 PDN 12 PDN OLRCK 13 13 220k R25 47 OCLRK LRCK14 R101B AK4120 2 CAD1 CSN D5V B 15k 220k R26 R28 R30 1.8k 1.8k 1.8k R27 R29 R31 470 470 470 3 D3V 20 B PORT1 1 2 3 4 5 10 9 8 7 6 VCC R32 R34 100 100 CSN CCLK U2 A1 A2 A3 A4 A5 A6 A7 A8 G1 G2 74LVC541A Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 18 17 16 15 14 13 12 11 CSN SCL/CCLK SDA/CDTI SDA(ACK) R37 R38 D3V 1.8k CDTI/SDA A 10 1 U3A 2 74LS07 GND uP-I/F 51 2 3 4 5 6 7 8 9 1 19 R33 R35 R36 100 100 100 CSN/CAD1 CCLK/SCL CDTI/SDA A Title AK4120 Size A3 Date: 5 4 3 2 Document Number AK4120 Thursday, December 13, 2001 Sheet 1 Rev A 1 of 6 5 4 3 2 1 D5V SW1 1 2 3 4 5 MODE 10 9 8 7 6 MCKP1 BCKP1 LRCKP1 LRCKP1IN SDTIP1IN R40 R41 D3V U4 2 3 4 5 6 7 8 9 R43 R44 1 19 A1 A2 A3 A4 A5 A6 A7 A8 G1 G2 74LVC541 SDTIP1IN Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 18 17 16 15 14 13 12 11 LRCKP1IN IN OUT JP15 IMCLK IBICK ILRCK SDTI 1 2 3 4 5 PORT2 10 9 8 7 6 #1 LRCK R39 10k D5V D 220k 220k 220k 220k 6 5 4 3 2 1 47k TDIF0 R1_DIF2 R1_DIF1 R1_DIF0 R1_CM0 220k D RP2 R42 R1_DIF2 R1_DIF1 R1_DIF0 R1_CM0 U5 JP16 LRCKP1IN LRCKP1 SDTIP1 D3V C5 1 + C6 DVDD CM0/CDTO 28 R1_CM0 10u J1 TEST1 MCKIN12 R45 R46 0.1u C8 2 DVSS CM1/CDTI 27 EX_CLK1 D5V C7 D5V + X1 R48 51 10u 0.1u 3 TVDD OCKS1/CCLK 26 D5V MCKP1 51 JP18 C U6A 1 2 74HC14 PDN JP17 EX_CLK1 C9 4 V/TX OCKS0/CSN 25 JP20 1 EXT 2 (open) 5 XTI MCKO1 24 MCKO1 2 JP19 MCKPORT1 TEST2 MCK12 MCK12 C R47 D1 HSU119 22.5792 MHz C10 U6B 3 4 74HC14 5 U6C 6 74HC14 MCK12 6 XTO MCKO2 23 3 10k MCKO2 BCKP1 JP21 BCK12 1 (open) 7 PDN DAUX 22 L 3 1 H SW2 C11 8 R BICK 21 PORT BCK12 SDTIP1 PORT SDTO12 JP22 SDTO12 DIR 2 0.1u D3V C12 18k 9 + C13 AVDD SDTO 20 10u 0.1u 10 AVSS LRCK 19 U7A R50 2 74HCT04 2 LED1 1 LRCKP1 JP23 LRCK12 B R49 11 RX1 ERF 18 1 for 74HC14, 74HCT04, 74HCT541 B L1 1 VCC 2 + C14 D5V 470 R1_DIF0 12 RX2/DIF0 FS96 17 1k ERF PORT LRCK12 10u D5V C15 C16 C17 0.1u 0.1u 0.1u 47u R1_DIF1 L2 13 RX3/DIF1 P/S 16 D5V 1 47u PORT3 6 6 5 R1_DIF2 4 3 2 1 2 GND VCC GND OUT 14 RX4/DIF2 AUTO 15 3V_1 5 D3V + C21 C20 C18 + C19 DIR1 0.1u 10u AK4112B 47u 0.1u A A Title AK4120 Size A3 Date: 5 4 3 2 Document Number INPUT1 Thursday, December 13, 2001 Sheet 1 Rev A 2 of 6 5 4 3 2 1 D5V DIF0 DIF1 DIF2 OCKS0 OCKS1 CM1 1 2 3 4 5 6 7 8 SW3 D3V L3 16 15 14 13 12 11 10 9 D5V PORT5 6 5 6 5 GND VCC GND OUT 4 3 2 1 2 47u MCKP2 BCKP2 C22 + C23 U8 2 3 4 5 6 7 8 9 R52 R53 R54 R55 R56 R57 1 19 A1 A2 A3 A4 A5 A6 A7 A8 G1 G2 74HC541 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 18 17 16 15 14 13 12 11 LRCKP2IN IN OUT JP24 SDTIP2IN 1 2 3 4 5 PORT4 10 9 8 7 6 1 LRCKPORT2 R51 D5V #1 D RP3 9 8 7 6 5 4 3 2 1 47k DIR1 DIF0 DIF1 DIF2 OCKS0 OCKS1 CM0 0.1u 10u LRCKP2 SDTOP2 LRCKP2IN SDTIP2IN D 10k 220k 220k 220k 220k 220k D3V C24 220k 10u C25 0.1u R58 1 2 3 4 5 PORT6 10 9 8 7 6 + J2 R60 R61 51 48 47 46 45 44 43 42 41 40 39 38 37 RX3 AVSS RX2 TEST1 RX1 AVSS RX0 AVSS VCOM R AVDD INT1 51 JP28 EXT DIF0 JP29 C27 1 2 3 4 5 6 7 8 9 10 11 12 C DIF0 DIF1 DIF2 DIF1 DIF2 D3V EX_CLK2 OPEN XTI X2 2 C28 TVDD DVSS TX0 TX1 BOUT COUT UOUT VOUT DVDD DVSS MCKO1 LRCK IPS0/RX4 AVSS DIF0/RX5 TEST2 DIF1/RX6 AVSS DIF2/RX7 IPS1/IIC P/SN XTL0 XTL1 VIN U9 AK4114 OPEN 24.576 MHz D5V 1 XTO 13 14 15 16 17 18 19 20 21 22 23 24 C29 10u + C31 + C30 5 6 B PORT7 5 6 IN VCC IF GND 0.1u 4 3 2 1 OPT D5V R68 1k C33 TOTX176 0.1u JP33 A 5 4 + EX_CLK2 TEST3 MCKIN14 C26 18k 0.47u MCKP2 JP25 LRCKP2IN D5V LRCKP2 SDTIP2 R59 #1 JP27 JP26 MCKO2 MCKO1 SDTOP2 JP30 10k DIT MCLK 36 35 34 33 32 31 30 29 28 27 26 25 MCKPORT2 INT0 OCKS0/CSN OCKS1/CCLK CM1/CDTI CM0/CDTO PDN XTI XTO DAUX MCKO2 BICK SDTO OCKS0 OCKS1 CM0 PDN XTI MCK14 C XTO R62 R63 R64 R65 47 47 47 47 PORT SDTI14 SDTI14 BCKP2 R66 47 PORT R67 JP31 BCK14 47 BCK14 C32 0.1u 10u SDTIP2 PORT LRCKP2 JP32 SDTO14 B D3V SDTO14 LRCK14 JMP2x2 A Title Ak4120 Size A3 Date: 3 2 Document Number OUTPUT Thursday, December 13, 2001 Sheet 1 Rev A 3 of 6 L1 Silk Logo L1 Pattern L2 Pattern |
Price & Availability of AKD412006 |