Part Number Hot Search : 
22100 HD66002 2SJ246 12DH6 GM71C4 D00469 DRDC3105 06C10
Product Description
Full Text Search
 

To Download 81D101M400JB2D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 81D
Vishay Sprague
Aluminum Capacitors + 105 C, Snap-In
FEATURES
* Operating temperature to + 105 C * High ripple current capability * Low ESR
Pb-free Available
Fig.1 Component Outlines
QUICK REFERENCE DATA
DESCRIPTION Nominal case size O D x L in mm Operating temperature Rated capacitance range CR Capacitance tolerance Voltage rating Termination Life validation test at 105 C VALUE 0.87" x 1.00" (22.0 x 25.0) to 1.38" x 3.15" (35.0 x 80.0) - 40 C to + 105 C 68 F to 47 000 F 20 % 16 WVDC to 400 WVDC Snap mount 2000 h: CAP 15 % from initial measurement. ESR 1.3 x initial specified limit. DCL initial specified limit 500 h: CAP 15 % from initial measurement. ESR 1.3 x initial specified limit. DCL 2 x initial specified limit I = K CV DC leakage current K = 4.0 at + 25 C I in A, C in F, V in Volts
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE AMBIENT TEMPERATURE + 55 C + 65 C + 75 C + 85 C + 95 C + 105 C FREQUENCY (Hz) WVDC 0 - 49 50 - 199 200 - 250 Nominal Diameter Typical ESL (nH) 0.87 (22.0) 6.0 50 TO 60 0.85 0.83 0.80 0.98 (25.0) 8.0 300 TO 1000 1.10 1.15 1.30 1.18 (30.0) 10.0 1000 AND UP 1.15 1.20 1.40 1.38 (35.0) 12.0 MULTIPLIERS 1.6 1.4 1.2 1.0 0.70 0.50
Shelf life at 85 C
ESL (TYPICAL VALUES AT 1 MHz TO 10 MHz)
DIMENSIONS in inches (millimeters)
CASE CODE HA HB HD JA JB JC JD JE KA KB DIAMETER D + 0.04 - 0 (+ 1.0 - 0) 0.87 (22.0) 0.87 (22.0) 0.87 (22.0) 1.00 (25.0) 1.00 (25.0) 1.00 (25.0) 1.00 (25.0) 1.00 (25.0) 1.18 (30.0) 1.18 (30.0) LENGTH L 0.08 (2.0) 1.00 (25.0) 1.18 (30.0) 1.57 (40.0) 1.00 (25.0) 1.18 (30.0) 1.38 (35.0) 1.57 (40.0) 2.00 (50.0) 1.00 (25.0) 1.18 (30.0) CASE CODE KC KD KE MB MC MD ME MF MG DIAMETER D + 0.04 - 0 (+ 1.0 - 0) 1.18 (30.0) 1.18 (30.0) 1.18 (30.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) LENGTH L 0.08 (2.0) 1.38 (35.0) 1.57 (40.0) 2.00 (50.0) 1.18 (30.0) 1.38 (35.0) 1.57 (40.0) 2.00 (50.0) 2.50 (63.0) 3.18 (80.0)
www.vishay.com 230
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42061 Revision: 25-Aug-08
81D
Aluminum Capacitors + 105 C, Snap-In
DIMENSIONS in inches (millimeters)
CIRCUIT BOARD MOUNT TERMINAL DIMENSIONS (1) DIAMETER D 1.00 (25.0) 1.18 (30.0) 1.38 (35.0) CASE CODE J K M B 0.093 (2.4) 0.125 (3.2) 0.125 (3.2) STYLE A R 0.301 (7.6) 0.363 (9.2) 0.458 (11.6) C 140 120 120 STYLE B R N/A 0.391 (9.9) 0.458 (11.6)
Vishay Sprague
Note (1) Style A and B not available in 0.87" (22.0 mm) diameter units
DIMENSIONS AND AVAILABLE FORMS
Style A Style B
Style D
Document Number: 42061 Revision: 25-Aug-08
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com 231
81D
Vishay Sprague
Aluminum Capacitors + 105 C, Snap-In
TERMINAL CONFIGURATION (numbers in brackets indicate millimeters)
LEAD CODE OUTLINE DRAWINGS DESCRIPTION MOUNTING CONFIGURATION TERMINAL CONFIGURATION AVAILABLE DIAMETERS AVAILABLE VOLTAGES AND TYPES
D
Standard 2 pin snap-in
0.87 (22.0) - H 0.98 (25.0) - J 1.18 (30.0) - K 1.38 (35.0) - M
All voltages 81D, 81DA 82D, 82DA
A
2 straight wire lead molded cover with standoffs
+
0.98 (25.0) - J 1.18 (30.0) - K 1.38 (35.0) - M
All voltages 82D, 82DA V 250 VDC 81D, 81DA All voltages 82D, 82DA
B
3 straight wire lead molded cover with standoffs
+
1.18 (30.0) - K 1.38 (35.0) - M
V 250 VDC 81D, 81DA
ORDERING EXAMPLE
Electrolytic capacitor 81D series: 81D 221 M 250 HD 2 D E3
DESCRIPTION
CODE 81D 221 M 250 HD 2 D E3 EXPLANATION product type capacitance value (220 F) tolerance (M = 20 %) voltage rating at 105 C (250 V) can size (see dimensions table) pvc insulating sleeve terminal style (D = 2 pin snap-in) RoHS compliant
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F) 15 000.0 22 000.0 33 000.0 47 000.0 3300.0 4700.0 6800.0 10 000.0 15 000.0 22 000.0
(1)
PART NUMBER
NOMINAL CASE SIZE DxL 0.984 x 1.378 (25.0 x 35.0) 1.181 x 1.181 (30.0 x 30.0) 1.378 x 1.378 (35.0 x 35.0) 1.378 x 1.575 (35.0 x 40.0) 0.866 x 0.984 (22.0 x 25.0) 0.984 x 0.984 (25.0 x 25.0) 1.181 x 0.984 (30.0 x 25.0) 1.181 x 1.181 (30.0 x 30.0) 1.181 x 1.575 (30.0 x 40.0) 1.378 x 1.575 (35.0 x 40.0)
MAX. ESR at 25 C (m) 120 HZ 58.0 53.7 28.0 23.0 110.0 86.0 71.0 54.0 36.4 23.0 20 to 40 kHZ 43.0 41.0 21.0 17.0 76.0 60.0 54.0 41.0 27.0 17.0
MAX. RIPPLE at + 85 C (A) 120 HZ 4.72 5.24 8.42 9.70 2.81 3.44 4.25 5.24 7.07 9.41 20 to 40 kHZ 5.47 5.94 9.71 11.20 3.38 4.15 4.91 5.94 8.16 11.20
16 WVDC at + 105 C, SURGE = 20 V 81D153M016JC2D 81D223M016KB2D 81D333M016MC2D 81D473M016MD2D 81D332M025HA2D 81D472M025JA2D 81D682M025KA2D 81D103M025KB2D 81D153M025KD2D 81D223M025MD2D
25 WVDC at + 105 C, SURGE = 30 V
www.vishay.com 232
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42061 Revision: 25-Aug-08
81D
Aluminum Capacitors + 105 C, Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F) 4700.0 6800.0 12 000.0 10 000.0 1200.0 2200.0 4700.0 6800.0 (1) 1000.0 1500.0 2200.0 4700.0 470.0 680.0 1000.0 1500.0 2200.0 (1) 220.0 330.0 470.0 1000.0 820.0 1000.0 (1) 220.0 330.0 470.0 680.0 1000.0 68.0 100.0 150.0 220.0 330.0
(1)
Vishay Sprague
PART NUMBER
NOMINAL CASE SIZE DxL 1.181 x 0.984 (30.0 x 25.0) 1.181 x 1.181 (30.0 x 30.0) 1.181 x 1.575 (30.0 x 40.0) 1.378 x 1.181 (35.0 x 30.0) 0.866 x 0.984 (22.0 x 25.0) 0.984 x 1.181 (25.0 x 30.0) 1.181 x 1.378 (30.0 x 35.0) 1.181 x 1.969 (30.0 x 50.0) 0.866 x 0.984 (22.0 x 25.0) 0.866 x 1.181 (22.0 x 30.0) 0.984 x 1.378 (25.0 x 35.0) 1.181 x 1.575 (30.0 x 40.0) 0.866 x 1.181 (22.0 x 30.0) 0.984 x 1.181 (25.0 x 30.0) 1.181 x 1.181 (30.0 x 30.0) 1.181 x 1.378 (30.0 x 35.0) 1.181 x 1.969 (30.0 x 50.0) 0.984 x 0.984 (25.0 x 25.0) 1.181 x 0.984 (30.0 x 25.0) 1.181 x 1.181 (30.0 x 30.0) 1.181 x 1.969 (30.0 x 50.0) 1.378 x 1.378 (35.0 x 35.0) 1.378 x 1.575 (35.0 x 40.0) 0.866 x 1.575 (22.0 x 40.0) 0.984 x 1.575 (25.0 x 40.0) 0.984 x 1.969 (25.0 x 25.0) 1.181 x 1.969 (30.0 x 50.0) 1.378 x 1.969 (35.0 x 50.0) 0.866 x 1.181 (22.0 x 30.0) 0.984 x 1.181 (25.0 x 30.0) 0.984 x 1.575 (25.0 x 40.0) 1.181 x 1.575 (30.0 x 40.0) 1.378 x 1.575 (35.0 x 40.0)
MAX. ESR at 25 C (m) 120 HZ 75.0 57.0 37.7 36.0 148.0 85.0 53.0 33.0 151.0 118.0 72.0 44.0 258.0 188.0 136.0 106.0 66.0 625.0 498.0 294.0 142.0 189.0 149.0 558.0 382.0 243.0 198.0 132.0 3550.0 2920.0 1650.0 1110.0 730.0 20 to 40 kHZ 54.0 41.0 27.0 24.0 79.0 48.0 33.0 22.0 75.0 59.0 38.0 27.0 114.0 86.0 66.0 52.0 33.0 272.0 192.0 136.0 67.0 93.0 74.0 166.0 121.0 93.0 67.0 58.0 1890.0 1550.0 880.0 580.0 390.0
MAX. RIPPLE at + 85 C (A) 120 HZ 4.13 5.10 6.92 7.04 2.41 3.69 5.51 8.04 2.39 2.87 4.21 6.32 1.94 2.48 3.28 3.90 5.69 1.37 1.71 2.39 4.09 3.47 4.07 1.57 2.12 2.81 3.47 4.69 0.536 0.683 1.000 1.476 1.695 20 to 40 kHZ 4.84 5.94 8.16 8.63 3.29 4.93 7.05 9.74 3.39 4.06 5.78 8.16 2.93 3.67 4.69 5.59 8.05 2.08 2.77 3.51 5.95 4.94 5.78 2.89 3.81 4.54 5.99 7.07 0.707 0.902 1.1329 1.781 2.257
35 WVDC at + 105 C, SURGE = 40 V 81D472M035KA2D 81D682M035KB2D 81D123M035KD2D 81D103M035MB2D 81D122M050HA2D 81D222M050JB2D 81D472M050KC2D 81D682M050KE2D 81D102M063HA2D 81D152M063HB2D 81D222M063JC2D 81D472M063KD2D 81D471M100HB2D 81D681M100JB2D 81D102M100KB2D 81D152M100KC2D 81D222M100KE2D 81D221M200JA2D 81D331M200KA2D 81D471M200KB2D 81D102M200KE2D 81D821M200MC2D 81D102M200MD2D 81D221M250HD2D 81D331M250JD2D 81D471M250JE2D 81D681M250KE2D 81D102M250ME2D 81D680M400HB2D 81D101M400JB2D 81D151M400JD2D 81D221M400KD2D 81D331M400MD2D
50 WVDC at + 105 C, SURGE = 63 V
63 WVDC at + 105 C, SURGE = 79 V
100 WVDC at + 105 C, SURGE = 125 V
200 WVDC at + 105 C, SURGE = 250V
250 WVDC at + 105 C, SURGE = 300V
400 WVDC at + 105 C, SURGE = 450V
Note (1) These ratings are normally stocked
Document Number: 42061 Revision: 25-Aug-08
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com 233
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 81D101M400JB2D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X