Part Number Hot Search : 
LTUCS455 HEF4514B T0805 Z5240B MC1450 SP6603 SN74LS08 VF60100C
Product Description
Full Text Search
 

To Download 53SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPRINTMAG (R) III MAGNETO IGNITION SYSTEM
(R)
Mallory's new Magneto Ignition System is designed for Sprint Cars, Modifieds, Supermodifieds, drag racing and any other motorsport that uses a magneto system. Using rare earth magnets, the SPRINTMAG(R) III delivers higher spark plug current and longer spark duration than other mags. Package includes a highly efficient, oilfilled, external transformer.
SPRINTMAG(R) III Magneto Ignition System
Chevy V8 265-454 Std Deck .......................5358514 Chevy V8 w/Pro Cap ................................5358644 Chevy V8 w/Slip Collar (Gearte) ..................5358714 Ford V8 351W ........................................5356314 Ford V8 351C 429-460 ..............................5354614 Chrysler V8 270-360 ................................5357914
Screw-down retaining ring keeps spark plug wires secure Weight 8.66 lbs with coil (coil - 3.2 lbs, SPRINTMAG(R) III - 5.46 lbs) 3.0 - 3.24 amps primary, 40 - 44 milliamps secondary
Output Smaller size fits all injector and air cleaner systems--9" height from engine flange, 3-1/2" diameter
All metal pieces are nickel plated or stainless steel for rust/corrosion resistance. Aluminum housings are clear anodized. Nylon coupler between upper and lower housing controls engine harmonics which helps stabilize timing and increase mag bearing life. Timing device is easy to read Increased height for use with any style distributor hold-down
Bronze gear is standard Oil-filled, rubber-mounted mag transformer weighs 3.2 lbs.
Mallory is a division of the Mr. Gasket Performance Group 550 Mallory Way Carson City, NV 89701 (775) 882-6600


▲Up To Search▲   

 
Price & Availability of 53SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X