Part Number Hot Search : 
UDZS27B 16011 N5248 48K01AS 2SA1051 ENA0711 73251 IPD50N06
Product Description
Full Text Search
 

To Download 300144TR1TCR2AAB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 300144, 300145
Vishay Foil Resistors
High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/C and Tolerance Match to 0.005 % (50 ppm)
FEATURES
* Temperature coefficient of resistance (TCR): Pb-free absolute: Available 2 ppm/C typical (- 55 C to + 125 C, RoHS* + 25 C ref.) COMPLIANT tracking: 0.5 ppm/C * Tolerance: absolute and matching to 0.005 % * Power rating: 0.2 W at 70 C, for the entire resistive element R1 and R2, divided proportionally between the two elements * Ratio stability: < 0.001 % (10 ppm) 0.2 W at 70 C for 2000 h * Maximum working voltage: 200 V * Electrostatic discharge (ESD) above 25 000 V * Non inductive, non capacitive design * Rise time: 1 ns without ringing * Current noise: < - 40 dB * Thermal EMF: 0.05 V/C typical * Voltage coefficient: < 0.1 ppm/V * Non inductive: < 0.08 H * Non hot spot design * Terminal finishes available: lead (Pb)-free tin/lead alloy * Any value available within resistance range (e.g. 1K2345) * Prototype samples available from 48 h. For more information, please contact foil@vishay.com * For better performances see 300144Z, 300145Z (Z-Foil) datasheet
Any value at any ratio available within resistance range
INTRODUCTION
Vishay Bulk Metal(R) foil technology outperforms all other technologies available today for applications that require high precision and high stability. Models 300144 and 300145 offer low TCR (both absolute and tracking), excellent load life stability, tight tolerance, excellent ratio stability, low thermal EMF, low current noise and non sensitivity to ESD - all in one package. Model 300145 is a pair-of 300144 elements back to back in a single molded package. By taking advantage of the overall stability and reliability of Vishay Bulk Metal foil resistors, designers can significantly reduce circuit errors and greatly improve overall circuit performances. Our application engineering department is available to advise and make recommendations. For non-standard technical requirements and special applications. Please contact us.
APPLICATIONS
* Instrumentation amplifiers
* * * * * *
R2 R1
Bridge networks V Differential amplifiers Military V Space Medical Automatic test equipment * Down-hole (high temperature)
1
R1 R2 +
Vout 300144 300145
2
TABLE 1 - MODELS 300144 AND 300145 SPECIFICATIONS
MODEL RESISTANCE RATIO 1:1 4:1 10:1 > 10:1 ABSOLUTE TCR (- 55 C to + 125 C, + 25 C Ref.) TYPICAL AND MAX. SPREAD 300144 300145 0.5 ppm/C 1.0 ppm/C 1.0 ppm/C 1.5 ppm/C TCR TRACKING TOLERANCE ABSOLUTE 0.005% 0.005% 0.01% 0.01% MATCH 0.005% 0.005% 0.01% 0.01%
2 ppm/C 3 ppm/C
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 63045 Revision: 21-Nov-07 For any questions, contact: foil@vishay.com www.vishay.com 1
300144, 300145
Vishay Foil Resistors
High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/C and Tolerance Match to 0.005 % (50 ppm)
FIGURE 1 - TRIMMING TO VALUES (conceptual illustration)
Interloop Capacitance Reduction in Series
Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
Mutual Inductance Reduction due to Change in Current Direction
Note: Foil shown in black, etched spaces in white
FIGURE 2 - STANDARD PRINTING AND DIMENSIONS in inches (millimeters)
Model 300144 and Schematic2)
0.295 (7.49) VISHAY 9825 300144 0.1 (2.54) Match Tolerance
10K000 0.01% 10K000
6 5
Model 300145 and Schematic2)
0.375 (9.53) 4 0.2 (5.08)
Date Code Model No. 0.015 0.005 (0.38 0.13) 0.025 0.005 (0.64 0.13)
0.320 (8.13)
R1
R2
6
5
4
1
R1 Indicator (High or Low Value)
R2
1 2 3
Date Code Model No. VISHAY 0730 300145 0.375 (9.53)
10K000 0.01% 10K000
R1
0.751) (19.05)
0.015 0.005 (0.38 0.13) 1 2 3
R1
0.75 (19.05)
1)
R2
Tolerance: 0.010" (0.25)
0.1 (2.54)
0.025 0.005 (0.64 0.13)
Match Tolerance
1
2
3
1. Lead wires: #22 AWG solder coated copper, 0.75" minimum length 2. Each resistor contains 1 chip of two resistive elements
1
2
3
0.1 (2.54)
FIGURE 3 - POWER DERATING CURVE 300144, 300145
Percent of Rated Power at + 125 C
200 % 175 %
FIGURE 4 - FOIL RESISTOR TCR COMPARISON OF FOIL ALLOYS IN MILITARY RANGE
+ 150 + 100
- 55 C
+ 70 C
Double Rated Power
150 % 125 % 100 % 75 % 50 % 25 % 0 - 75
R
Rated Power
+ 50
0 R (ppm)
- 50
- 100
Safe operation for < 150 ppm R after 2000 hours load-life.
2 ppm/C
- 150 - 200 - 50 - 55 - 25 0 + 25 + 50 + 75 + 100 + 125
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100 + 125 + 150 + 175 + 200
Temperature (C)
Ambient Temperature (C)
Note: Power is proportional to the divider ratio Example: In a 300144 (1K/10K dual), the power rating would be 18 mW on the 1K and 182 mW on the 10K, for a total of 200 mW on R1 + R2. R1 R2 P1 = R1 + R2 P P2 = R1 + R2 P
(
)
(
)
www.vishay.com 2
For any questions, contact: foil@vishay.com
Document Number: 63045 Revision: 21-Nov-07
300144, 300145
High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/C and Tolerance Match to 0.005 % (50 ppm)
TABLE 2 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y0006V0058QT9L (preferred part number format) DENOTES PRECISION Y VCODE RESISTANCE VALUE CODE TOLERANCE MATCH V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % D = 0.5 % F = 1.0 % PACKAGING L = bulk pack
Vishay Foil Resistors
Y
0
0
0
6
V
0
0
5
8
Q
T
9
AER*
L
PRODUCT CODE 0006 = 300144 0035 = 300145
RESISTANCE TOLERANCE V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % D = 0.5 % F = 1.0 %
0 = standard 9 = lead (Pb)-free 1 - 999 = custom
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0006 V0058 Q T 9 L: TYPE: 300144 VALUES: 2K/20K ABSOLUTE TOLERANCE: 0.02 % TOLERANCE MATCH: 0.01 % TERMINATION: lead (Pb)-free PACKAGING: bulk pack HISTORICAL PART NUMBER: 300144T 2K/20K TCR2 Q T B (will continue to be used) 300144 MODEL 300144 300145 T TERMINATION T = lead (Pb)-free None = tin/lead alloy 2K/20K OHMIC VALUE R1 = 2 k R2 = 20 k TCR2 TCR CHARACTERISTIC Q ABSOLUTE TOLERANCE V T Q A B D F = 0.005 % = 0.01 % = 0.02 % = 0.05 % = 0.1 % = 0.5 % = 1.0 % T TOLERANCE MATCH V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % D = 0.5 % F = 1.0 % B PACKAGING B = bulk pack
Note * For non-standard requests, please contact application engineering.
Document Number: 63045 Revision: 21-Nov-07
For any questions, contact: foil@vishay.com
www.vishay.com 3
300144, 300145
Vishay Foil Resistors
High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/C and Tolerance Match to 0.005 % (50 ppm)
TABLE 3 - RESISTANCE VALUE CODE LIST FOR POPULAR RATIOS (other values available on request)
300144 RATIOS VCODES V0009 V0010 V0100 V0055 V0223 V0097 V0094 V0001 V0042 V0006 V0226 V0003 V0013 V0107 V0014 V0159 V0005 R1 20K 20K 20K 19K4 17K5 15K 10K 10K 10K 10K 9K 9K 8K 6K 6K 5K5 5K R2 20K 10K 2K 9K7 20K 15K 20K 10K 8K323 2K 10K 1K 16K 20K 7K 7K7 10K VCODES V0002 V0026 V0156 V0158 V0058 V0030 V0029 V0103 V0059 V0103 V0032 V0121 V0004 V0022 V0162 V0091 V0061 R1 5K 3K 3K 2K7 2K 2K 2K 2K 2K 1K5 1K 1K 1K 511R 500R 500R 300R R2 5K 19K2 6K 10K 20K 18K 4K 3K 2K 3K 16K 2K 1K 16K2 15K 500R 300R VCODES V0008 V0019 V0092 V0023 V0047 V0051 V0051 V0227 R1 10K 5K 1K 500R 100R 100R 100R 350R 300145 RATIOS R2 10K 5K 7K812 500R 8K8 10K 10K 350R R3 10K 5K 7K812 500R 100R 100R 100R 350R R4 10K 5K 1K 500R 8K8 10K 10K 350R -
www.vishay.com 4
For any questions, contact: foil@vishay.com
Document Number: 63045 Revision: 21-Nov-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 300144TR1TCR2AAB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X