Part Number Hot Search : 
2203130 B70ZA 78M08A 00221 2A333K M16JZ47 L3705N RT1468B6
Product Description
Full Text Search
 

To Download 2W005M1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W005M - 2W10M
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers WOB
Features
UL Recognized File # E-96005 Surge overload ratings to 50 amperes peak Ideal for printed circuit board Reliable low cost construction technique results in inexpensive product High temperature soldering guaranteed: 260 oC / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension
Mechanical Data
Case: Molded plastic Lead: Pure tin plated, Lead free. Polarity: As marked Weight: 1.10 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 2.0A Maximum DC Reverse Current @ TA=25 C at Rated DC Blocking Voltage @ TA=125 oC
o
Symbol VRRM VRMS VDC I(AV) IFSM VF IR
2W 005M 50 35 50
2W 2W 01M 02M 100 200 70 140 100 200
2W 04M 400 280 400 2.0 50 1.1
2W 06M 600 420 600
2W 2W Units 08M 10M 800 1000 V 560 700 V 800 1000 V A A V uA uA
o
10 500 Typical Thermal resistance (Note) RJA 40 RJL 15 Operating Temperature Range TJ -55 to +125 Storage Temperature Range TSTG -55 to +150 Note: Thermal Resistance from Junction to Ambient and from Junction to Lead at 0.375" (9.5mm) Lead Length for P.C.B. Mounting.
C/W
o o
C C
Version: A06
RATINGS AND CHARACTERISTIC CURVES (2W005M THRU 2W10M)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE FIG.2- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
2.0
10
AVERAGE FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
1.5
Tj=125 0C
1.0
1
0.5
0 20
0.1
40
80 100 60 o AMBIENT TEMPERATURE. ( C)
120
140
50
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
Tj=25 0C
PEAK FORWARD SURGE CURRENT. (A)
0.01 40
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
30 1000 20 600 10
JUNCTION CAPACITANCE.(pF)
FIG.4- TYPICAL JUNCTION CAPACITANCE
500
Tj=25 0C
0
1
2
5 10 20 NUMBER OF CYCLES AT 60Hz
50
100
400 300 200 100 0 0.1
20 10
FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
0.5
1
2
5
10
20
50 100
200
500 800
INSTANTANEOUS FORWARD CURRENT. (A)
REVERSE VOLTAGE. (V)
Tj=25oC Pulse Width=300 s 1% Duty Cycle
1
0.1
0.01 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
FORWARD VOLTAGE. (V)
Version: A06


▲Up To Search▲   

 
Price & Availability of 2W005M1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X