Part Number Hot Search : 
EL2270CN FH107 68HC11 GES2219A 1N5239 2LP41SP D5701 NCP1652A
Product Description
Full Text Search
 

To Download 2SA1869 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1869
DESCRIPTION *With TO-220F package *Complement to type 2SC4935 APPLICATIONS *Power amplifier applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25
CONDITIONS Open emitter Open base Open collector
VALUE -50 -50 -5 -3 -0.3 10 150 -55~150
UNIT V V V A A W
PC Tj Tstg
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 COB fT PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=-10mA ; IB=0
B
2SA1869
MIN -50
TYP.
MAX
UNIT V
IC=-2A ;IB=-0.2A
B
-0.3 -0.8
-0.6 -1.0 -1.0 -1.0
V V A A
IC=-0.5A ; VCE=-2V VCB=-50V; IE=0 VEB=-5V; IC=0 IC=-0.5A ; VCE=-2V IC=-2.5A ; VCE=-2V IE=0; VCB=-10V;f=1MHz IC=-0.5A ; VCE=-2V 70 30
240
35 100
pF MHz
hFE-1 Classifications O 70-140 Y 120-240
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1869
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1869
4


▲Up To Search▲   

 
Price & Availability of 2SA1869

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X