Part Number Hot Search : 
HD74LV 90160 013TR 9F002 80N06 2SB14 MC10E XFADSL16
Product Description
Full Text Search
 

To Download 2N700207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002
60V N-Channel Enhancement Mode MOSFET
FEATURES
* RDS(ON), VGS@10V,IDS@500mA=5 * RDS(ON), VGS@4.5V,IDS@75mA=7.5 * Advanced Trench Process Technology * High Density Cell Design For Ultra Low On-Resistance * Specially Designed for Battery Operated Systems, Solid-State Relays Drivers : Relays, Displays, Lamps, Solenoids, Memories, etc. * In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
* Case: SOT-23 Package * Terminals : Solderable per MIL-STD-750,Method 2026 * Marking : S72
Drain
Gate
Source
Maximum RATINGS and Thermal Characteristics (TA=25OC unless otherwise noted )
PA RA M E TE R D r a i n- S o ur c e Vo l t a g e G a t e - S o ur c e Vo l t a g e C o nt i nuo us D r a i n C ur r e nt P ul s e d D r a i n C ur r e nt
1)
S ym b o l VD S VGS ID ID M TA = 2 5 C TA = 7 5 O C
O
Li mi t 60 +20 250 1300 350 210 -5 5 to + 1 5 0 357
U ni t s V V mA mA mW
O
M a xi m um P o w e r D i s s i p a t i o n O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e Juncti on-to Ambi ent Thermal Resi stance(PC B mounted)2
PD TJ , TS T G RJ A
C
O
C /W
Note: 1. Maximum DC current limited by the package 2. Surface mounted on FR4 board, t < 10 sec PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
STAD-JUL.26.2007
PAGE . 1
2N7002
ELECTRICALCHARACTERISTICS
P a ra me te r S ta ti c D r a i n- S o ur c e B r e a k d o w n Vo l t a g e G a t e Thr e s ho l d Vo l t a g e D r a i n- S o ur c e O n- S t a t e R e s i s t a nc e D r a i n- S o ur c e O n- S t a t e R e s i s t a nc e Ze r o G a t e Vo l t a g e D r a i n C ur r e nt Gate Body Leakage Forward Transconductance Dynamic To t a l G a t e C h a r g e G a t e - S o ur c e C ha r g e G a t e - D r a i n C ha r g e Tu r n - O n D e l a y Ti m e Tu r n - O f f D e l a y Ti m e In p u t C a p a c i t a n c e O ut p ut C a p a c i t a nc e R e v e r s e Tr a n s f e r C a p a c i t a n c e S o ur c e - D r a i n D i o d e M a x. D i o d e F o r w a r d C ur r e nt D i o d e F o rwa rd Vo lta g e Is V SD IS = 2 5 0 m A , V G S = 0 V 0 .9 3 250 1 .2 mA V Qg Qgs Qgd ton t o ff C iss C oss C rss V D S = 2 5 V , V GS = 0 V f=1 .0 MHZ VDD=10V , RL=20 ID=500mA , VGEN=10V RG=10 V D S = 1 5 V , ID = 5 0 0 m A VDD=4.5V 0 .6 0 .1 0 .0 8 9 21 0 .7 15 ns 26 50 25 5 pF nC B V DSS V G S ( t h) R D S ( o n) R D S ( o n) ID S S IG S S g fS V G S = 0 V , ID = 1 0 u A V D S = V G S , ID = 2 5 0 u A VGS=4.5V, I D=75mA VGS=10V, I D=500mA VDS=60V, VGS=0V V G S =+ 2 0 V , V D S = 0 V V D S = 1 5 V , ID = 2 5 0 m A 60 1 200 2 .5 7 .5 5 1 +100 uA nA mS V V S ym b o l Te s t C o n d i t i o n M i n. Ty p . M a x. U ni t s
Switching Test Circuit
VIN
VDD RL VOUT
Gate Charge Test Circuit
VGS
VDD RL
RG
1mA
RG
STAD-JUL.26.2007
PAGE . 2
2N7002
Typical Characteristics Curves (TA=25 C,unless otherwise noted)
O
I D - Drain Source Current (A)
1.2
ID - Drain-to-Source Current (A)
1.2 1 0.8 0.6 0.4 0.2 0 0
V GS = 10V ~ 6.0V
5.0V 4.0V
V DS=10V
1
0.8 0.6 0.4 0.2 0 0 1 2 3
3.0V
T J=25 OC
4
5
1
2
3
4
5
6
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Fig. 1-TYPICAL FORWARD CHARACTERISTIC FIG.1- Output Characteristic
FIG.2- Transfer Characteristic
10
5
I D=500mA
R DS(ON) - On-Resistance ( W )
R DS(ON) - On-Resistance ( W )
4 3 2
8 6
V GS=4.5V V GS=10V
4 2
T J=125 OC
1 0
T J=25 OC
2 3 4 5 6 7 8 9 10
0
0
0.2
0.4
0.6
0.8
1
1.2
ID - Drain Current (A)
V GS - Gate-to-Source Voltage (V)
FIG.3- On Resistance vs Drain Current
FIG.4- On Resistance vs Gate to Source Voltage
RDS(ON) - On-Resistance(Normalized)
2 1.8 1.6 1.4 1.2 1 0.8 0.6
V GS=10V I D=500mA
0.4 -50
-25
0
25
50
75
100
o
125
150
TJ - Junction Temperature ( C)
FIG.5- On Resistance vs Junction Temperature
STAD-JUL.26.2007 PAGE . 3
2N7002
10
Vgs
Qg
V GS - Gate-to-Source Voltage (V)
8 6 4 2 0
V DS=15V I D=500mA
Vgs(th) Qg(th) Qgs
Qsw
0
0.2
0.4
0.6
0.8
1
Qgd
Qg
Qg - Gate Charge (nC)
Fig.6 - Gate Charge Waveform
Vth - G-S Threshold Voltage (NORMALIZED)
Fig.7 - Gate Charge
BVDSS - Breakdown Voltage (V)
1.2 1.1 1 0.9 0.8 0.7 0.6 -50
I D=250uA
73 72 71 70 69 68 67 66 65
I D=250uA
-25
0
25
50
75
100 125
150
64 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (o C)
TJ - Junction Temperature (o C)
Fig.8 - Threshold Voltage vs Temperature
10
IS - Source Current (A)
Fig.9 - Breakdown Voltage vs Junction Temperature
V GS=0V
1
T J=25 OC T J=125 OC T J=-55 OC
0.1
0.01 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
VSD - Source-to-Drain Voltage (V)
Fig.10 - Source-Drain Diode Forward Voltage
STAD-JUL.26.2007 PAGE . 4
2N7002
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JUL.26.2007
PAGE . 5


▲Up To Search▲   

 
Price & Availability of 2N700207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X