Part Number Hot Search : 
BV03CW TL084CN GSM793E 0509DH30 3488E TIPC550S 1N472 PL001
Product Description
Full Text Search
 

To Download 2CW032200JL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2CW032XXXJL
2CW032XXXJL SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE
DESCRIPTION
2CW032XXXJL series are low-power zener diode chips for plastic package that fabricated in silicon epitaxial planar technology. The series can provide two precisions voltage chips different regulator voltage. The chip thickness is 180m or 150m. The top electrode material is Al, and the back-side electrode material is Au. Chip size: 0.32 X 0.32 (mm) . Pad Size: 0.18 X 0.18 (mm) .
2 2
2CW032XXXJL CHIP TOPOGRAPHY
Ordering Specification
Seriies 2CW032XXXJL-2 2CW032XXXJL Specification 2% tolerance 5% tolerance
ABSOLUTE MAXIMUM RATINGS
Characteristics Junction Temperature Storage Temperature Symbol Tj Tstg Test conditions ------Value 175 -50~+175 Unit C C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2008.05.05 Page 1 of 3
2CW032XXXJL
ELECTRICAL CHARACTERISTICS (For packaged diodes, Tamb=25C)
Type Working Voltage@ Izt=5mA) Dynamic resistance Zzk()@ 2CW032XXXJL Vz(V) 2% Vz(V) 5% Izk=1mA Max. 2CW032020JL 2CW032022JL 2CW032024JL 2CW032027JL 2CW032030JL 2CW032033JL 2CW032036JL 2CW032039JL 2CW032043JL 2CW032047JL 2CW032051JL 2CW032056JL 2CW032062JL 2CW032068JL 2CW032075JL 2CW032082JL 2CW032091JL 2CW032100JL 2CW032110JL 2CW032120JL 2CW032130JL 2CW032150JL 2CW032160JL 2CW032180JL 2CW032200JL 2CW032220JL 2CW032240JL 2CW032270JL 2CW032300JL 2CW032330JL 2CW032360JL 2CW032390JL 2CW032430JL ------------------3.53~3.67 3.82~3.98 4.21~4.39 4.61~4.79 5.00~5.20 5.49~5.71 6.08~6.32 6.66~6.94 7.35~7.65 8.04~8.36 8.92~9.28 9.80~10.20 10.78~11.22 11.76~12.24 12.74~13.26 14.70~15.30 15.68~16.32 17.64~18.36 19.60~20.40 21.56~22.44 23.52~24.48 26.46~27.54 29.40~30.60 32.34~33.66 35.28~36.72 38.22~39.78 42.14~43.86 1.9-2.1 2.09-2.31 2.28~2.52 2.57~2.84 2.85~3.15 3.14~3.47 3.42~3.78 3.71~4.10 4.09~4.52 4.47~4.94 4.85~5.36 5.32~5.88 5.89~6.51 6.46~7.14 7.13~7.88 7.79~8.61 8.65~9.56 9.50~10.50 10.45~11.55 11.40~12.60 12.40~13.65 14.25~15.60 15.30~16.80 17.10~18.90 19.00~21.00 20.90~23.10 22.80~25.20 25.65~28.35 28.50~31.50 31.35~34.65 34.20~37.80 37.05~40.95 40.85~45.15 600 600 600 600 600 600 600 600 600 500 480 400 150 80 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 600 Zzt()@ Izt=5mA Max. 100 100 85 85 85 85 85 85 80 70 50 30 10 8 7 7 10 15 20 20 26 30 40 45 55 55 70 80 80 80 80 90 90 Reverse leakage current @ Tamb=25C@ VR IR(A) Max. 90 90 50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 5.0 6.1 6.8 7.5 8.2 9.0 9.7 11 12 14 15 17 18 20 22 24 27 29 32 VR(V)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2008.05.05 Page 2 of 3
2CW032XXXJL
2CW032470JL 2CW032510JL 2CW032560JL 2CW032620JL 2CW032680JL 46.06~47.94 49.98~52.02 54.88~57.12 60.76~63.24 66.64~69.36 44.65~49.35 48.45~53.55 53.2~58.8 58.9~65.1 64.6~71.4 700 700 1000 1000 1000 110 125 135 150 200 0.1 0.1 0.1 0.1 0.1 0.1 35 38 42 46.5 51 56
2CW032750JL 73.5~76.5 71.25~78.75 1500 250 Forward Voltage VF= 1.0 V Maximum @ IF = 100 mA for all 2CW032XXXJL series. *Note: from 39V up to 75V Vz@Iz=2.5mA, Zzt@Iz=2.5mA,Zzk@Iz=0.5mA.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2008.05.05 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2CW032200JL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X